Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS72115DBVRG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS72115DBVRG4
Description  LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS72115DBVRG4 Datasheet(HTML) 3 Page - Texas Instruments

  TPS72115DBVRG4 Datasheet HTML 1Page - Texas Instruments TPS72115DBVRG4 Datasheet HTML 2Page - Texas Instruments TPS72115DBVRG4 Datasheet HTML 3Page - Texas Instruments TPS72115DBVRG4 Datasheet HTML 4Page - Texas Instruments TPS72115DBVRG4 Datasheet HTML 5Page - Texas Instruments TPS72115DBVRG4 Datasheet HTML 6Page - Texas Instruments TPS72115DBVRG4 Datasheet HTML 7Page - Texas Instruments TPS72115DBVRG4 Datasheet HTML 8Page - Texas Instruments TPS72115DBVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TPS72101, TPS72115
TPS72116, TPS72118
SLVS352B – DECEMBER 2001 – REVISED MAY 2002
www.ti.com
3
ELECTRICAL CHARACTERISTICS
over recommended operating free-air temperature range VI = VO(typ) + 1 V, IO= 1 mA, EN = VI, Co = 1 µF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VI
Input voltage(1)
1.8
5.5
V
IO
Continuous output current
0
150
mA
TJ
Operating junction temperature
–40
125
°C
TPS72101
0
µA< IO < 150 mA,(1)
1.8 V
≤ VO ≤ 2.5 V
0.97 VO
1.03 VO
TPS72115
TJ = 25°C
1.5
TPS72115
0
µA< IO < 150 mA,
2.5 V
≤ VI ≤ 5.5 V
1.455
1.545
VO
Output voltage
TPS72116
TJ = 25°C
1.6
V
VO
Out ut voltage
TPS72116
0
µA< IO < 150 mA,
2.6 V
≤ VI ≤ 5.5 V
1.552
1.648
V
TPS72118
TJ = 25°C
1.8
TPS72118
0
µA< IO < 150 mA,
2.8 V
≤ VI ≤ 5.5 V
1.746
1.854
TJ = 25°C
85
I
Quiescent current (GND current)
120
A
I(Q)
Quiescent current (GND current)
IO = 150 mA,
TJ = 25°C
570
µA
IO = 150 mA
850
Standby current
EN < 0.5 V,
TJ = 25°C
0.01
A
Standby current
EN < 0.5 V
1
µA
Vn
Output noise voltage
TPS72115
BW = 200 Hz to 100 kHz,
TJ = 25°C,
Co = 1 µF
90
µV
Vref
Reference voltage
TJ = 25°C
1.225
V
PSRR
Ripple rejection
f = 100 Hz, Co = 10 µF,
IO = 150 mA,
TJ = 25°C,
See Note 1
48
dB
Current limit
See Note 2
175
525
mA
Output voltage line regulation
V1 V
V
≤ 55 V
TJ = 25°C
0.03
0.09
%/V
Out ut voltage line regulation
(
∆VO/VO)(3)
VO + 1 V < VI ≤ 5.5 V
0.1
%/V
Output voltage load
regulation
TPS72118
0 < IO < 150 mA,
TJ = 25°C
0.5
mV
VIH
EN high level input
1.4
V
VIL
EN low level input
–0.2
0.4
V
I
EN i
t
t
EN = 0 V
–0.01
A
II
EN input current
EN = IN
–0.01
µA
V
Dt
lt
(4)
TPS72118
IO = 150 mA,
TJ = 25°C
150
V
VDO
Dropout voltage (4)
TPS72101
IO = 150 mA,
1.2 V
≤ VO ≤ 5.2 V
240
mV
In
Feedback input current
TPS72101
1
µA
1
Thermal shutdown temperature
170
°C
Thermal shutdown hysteresis
20
°C
(1) Minimum IN operating voltage is 1.8 V or VO(max) + VDO (max load), whichever is greater.
(2) Test condition includes, output voltage VO=1 V and pulse duration = 10 mS.
(3) VImin = (VO + 1) or 1.8 V whichever is greater.
Line regulation (mV)
+ % V
V
O
5.5 V
* V
Imin
100
1000
(4) Dropout voltage is defined as the differential voltage between VO and VI when VO drops 100 mV below the value measured with VI = VO + 1 V.


Similar Part No. - TPS72115DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72115DBVRG4 TI-TPS72115DBVRG4 Datasheet
350Kb / 13P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS72115DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS72101 TI1-TPS72101_16 Datasheet
868Kb / 16P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS721 TI-TPS721_15 Datasheet
762Kb / 16P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS72101 TI-TPS72101_07 Datasheet
350Kb / 13P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS72201 TI-TPS72201 Datasheet
119Kb / 11P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS72218DBVRG4 TI-TPS72218DBVRG4 Datasheet
741Kb / 16P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS722 TI-TPS722 Datasheet
756Kb / 16P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS72118-EP TI1-TPS72118-EP Datasheet
636Kb / 14P
[Old version datasheet]   LOW INPUT VOLTAGE, CAP FREE 150 mA LOW-DROPOUT (LDO) LINEAR REGULATOR
TPS76301 TI1-TPS76301_16 Datasheet
1Mb / 25P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76301 TI-TPS76301 Datasheet
305Kb / 20P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76301-Q1 TI1-TPS76301-Q1 Datasheet
337Kb / 19P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com