Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ48A Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # SMBJ48A
Description  Transient Voltage Suppressors SMBJ5V0(C)A - SMBJ170(C)A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SMBJ48A Datasheet(HTML) 2 Page - Fairchild Semiconductor

  SMBJ48A Datasheet HTML 1Page - Fairchild Semiconductor SMBJ48A Datasheet HTML 2Page - Fairchild Semiconductor SMBJ48A Datasheet HTML 3Page - Fairchild Semiconductor SMBJ48A Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMBJ5V0(C)A-SMBJ170(C)A, Rev. I
Transient Voltage Suppressors
(continued)
Electrical Characteristics
T
A
= 25°C unless otherwise noted
* Color band denotes cathode on unidirectional devices only. No color band on bidirectional devices.
** For bidirectional parts with V
RWM<10V, the IR max limit is doubled.
Uni-directional
Bi-directional (C)
Device
Part
Marking*
Reverse
Stand-off
Voltage
VRWM (V)
Breakdown
Voltage
VBR (V)
Test
Current
IT (mA)
Clamping
Voltage
@IPPM
VC (V)
Peak
Pulse
Current
IPPM (A)
Reverse
Leakage
@ VRWM
IR (uA)**
min
max
SMBJ5V0(C)A
KE
5.0
6.40
7.0
10
9.2
65.2
800
SMBJ6V0(C)A
KG
6.0
6.67
7.37
10
10.3
58.3
800
SMBJ6V5(C)A
KK
6.5
7.22
7.98
10
11.2
53.6
500
SMBJ7V0(C)A
KM
7.0
7.78
8.60
10
12.0
50.0
200
SMBJ7V5(C)A
KP
7.5
8.33
9.21
1
12.9
46.5
100
SMBJ8V0(C)A
KR
8.0
8.89
9.83
1
13.6
44.1
50
SMBJ8V5(C)A
KT
8.5
9.44
10.4
1
14.4
41.7
20
SMBJ9V0(C)A
KV
9.0
10.0
11.1
1
15.4
39.0
10
SMBJ10(C)A
KX
10
11.1
12.8
1
17.0
35.3
5
SMBJ11(C)A
KZ
11
12.2
13.5
1
18.2
33.0
5
SMBJ12(C)A
LE
12
13.3
14.7
1
19.9
30.2
5
SMBJ13(C)A
LG
13
14.4
15.9
1
21.5
27.9
5
SMBJ14(C)A
LK
14
15.6
17.2
1
23.2
25.9
5
SMBJ15(C)A
LM
15
16.7
18.5
1
24.4
24.6
5
SMBJ16(C)A
LP
16
17.8
19.7
1
26.0
23.1
5
SMBJ17(C)A
LR
17
18.9
20.9
1
27.6
21.7
5
SMBJ18(C)A
LT
18
20.0
22.1
1
29.2
20.5
5
SMBJ20(C)A
LV
20
22.2
24.5
1
32.4
18.5
5
SMBJ22(C)A
LX
22
24.4
26.9
1
35.5
16.9
5
SMBJ24(C)A
LZ
24
26.7
29.5
1
38.9
15.4
5
SMBJ26(C)A
ME
26
28.9
31.9
1
42.1
14.3
5
SMBJ28(C)A
MG
28
31.1
34.4
1
45.4
13.2
5
SMBJ30(C)A
MK
30
33.3
36.8
1
48.4
12.4
5
SMBJ33(C)A
MM
33
36.7
40.6
1
53.3
11.3
5
SMBJ36(C)A
MP
36
40.0
44.2
1
58.1
10.3
5
SMBJ40(C)A
MR
40
44.4
49.1
1
64.5
9.3
5
SMBJ43(C)A
MT
43
47.8
52.8
1
69.4
8.6
5
SMBJ45(C)A
MV
45
50.0
55.3
1
72.7
8.3
5
SMBJ48(C)A
MX
48
53.3
58.9
1
77.4
7.8
5
SMBJ51(C)A
MZ
51
56.7
62.7
1
82.4
7.3
5
SMBJ54(C)A
NE
54
60.0
66.3
1
87.1
6.9
5
SMBJ58(C)A
NG
58
64.4
71.2
1
93.6
6.4
5
SMBJ60(C)A
NK
60
66.7
73.7
1
96.8
6.2
5
SMBJ64(C)A
NM
64
71.1
78.6
1
103.0
5.8
5
SMBJ70(C)A
NP
70
77.8
86.0
1
113.0
5.3
5
SMBJ75(C)A
NR
75
83.3
92.1
1
121.0
5.0
5
SMBJ78(C)A
NT
78
86.7
95.8
1
126.0
4.8
5
SMBJ85(C)A
NV
85
94.4
104.0
1
137.0
4.4
5
SMBJ90(C)A
NX
90
100.0
111.0
1
146.0
4.1
5
SMBJ100(C)A
NZ
100
111.0
123.0
1
162.0
3.7
5
SMBJ110(C)A
PE
110
122.0
135.0
1
177.0
3.4
5
SMBJ120(C)A
PG
120
133.0
147.0
1
193.0
3.1
5
SMBJ130(C)A
PK
130
144.0
159.0
1
209.0
2.9
5
SMBJ150(C)A
PM
150
167.0
185.0
1
243.0
2.5
5
SMBJ160(C)A
PP
160
178.0
197.0
1
259.0
2.3
5
SMBJ170(C)A
PR
170
189.0
209.0
1
275.0
2.2
5


Similar Part No. - SMBJ48A

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMBJ48A JGD-SMBJ48A Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMBJ48A SOCAY-SMBJ48A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Bourns Electronic Solut...
SMBJ48A BOURNS-SMBJ48A Datasheet
360Kb / 5P
   SMBJ Transient Voltage Suppressor Diode Series
logo
Suntan Capacitors
SMBJ48A SUNTAN-SMBJ48A Datasheet
435Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SMBJ48A DIODES-SMBJ48A Datasheet
80Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19002 Rev. 15 - 2
More results

Similar Description - SMBJ48A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SMBJ33CA FAIRCHILD-SMBJ33CA Datasheet
133Kb / 4P
   Transient Voltage Suppressors SMBJ5V0(C)A - SMBJ170(C)A
SMBJ30CA FAIRCHILD-SMBJ30CA Datasheet
133Kb / 4P
   Transient Voltage Suppressors SMBJ5V0(C)A - SMBJ170(C)A
SMBJ6V5CA FAIRCHILD-SMBJ6V5CA Datasheet
87Kb / 4P
   Transient Voltage Suppressors SMBJ5V0(C)A-SMBJ170(C)A
SMBJ16CA FAIRCHILD-SMBJ16CA Datasheet
133Kb / 4P
   Transient Voltage Suppressors SMBJ5V0(C)A - SMBJ170(C)A
SMCJ51CA FAIRCHILD-SMCJ51CA Datasheet
140Kb / 4P
   Transient Voltage Suppressors SMCJ5V0(C)A - SMCJ170(C)A
P6KE6V8A FAIRCHILD-P6KE6V8A Datasheet
50Kb / 3P
   Transient Voltage Suppressors P6KE6V8(C)A - P6KE440(C)A
SMCJ85CA FAIRCHILD-SMCJ85CA Datasheet
140Kb / 4P
   Transient Voltage Suppressors SMCJ5V0(C)A - SMCJ170(C)A
logo
Arch Electronics Corp.
ATCN ARCH-ATCN_16 Datasheet
141Kb / 4P
   A C -D C Power Module
ALC ARCH-ALC_16 Datasheet
262Kb / 3P
   A C -D C Power Module
AIC ARCH-AIC_16 Datasheet
262Kb / 3P
   A C -D C Power Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com