Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSS66 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BSS66
Description  SOT23 NPN SILICON PLANAR MEDIUM POWER SWITCHING TRANSISTORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BSS66 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BSS66 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SOT23 NPN SILICON PLANAR MEDIUM
POWER SWITCHING TRANSISTORS
ISSUE 2 – SEPTEMBER 1995 7
PARTMARKING DETAILS — BSS66 - M6
BSS67 - M7
BSS66R - M8
BSS67R - M9
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
40
V
Emitter-Base Voltage
VEBO
6V
Peak Pulse Current
ICM
200
mA
Continuous Collector Current
IC
100
mA
Base Current
IB
50
mA
Power Dissipation at Tamb=25°C
PTOT
330
mW
Operating and Storage Temperature Range
tj:tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C).
PARAMETER
SYMBOL MIN. MAX. UNIT
CONDITIONS.
Collector-Emitter Breakdown Voltage V(BR)CEO
40
V
IC=1mA
Collector-Base Breakdown Voltage
V(BR)CBO
60
V
IC=10µA
Emitter-Base Breakdown Voltage
V(BR)EBO
6V
IE=10µA
Collector- Emitter Cut-off Current
ICES
50
nA
VCES=30V
Collector-Emitter
Saturation Voltage
VCE(sat)
0.20
0.30
V
V
IC=10mA, IB=1mA
IC=50mA, IB=5mA*
Base-Emitter Saturation Voltage
VBE(sat)
0.65
0.85
0.95
V
V
IC=10mA, IB=1mA
IC=50mA, IB=5mA*
Static Forward Current
BSS66
Transfer Ratio
hFE
20
35
50
30
15
150
IC=100µA,
IC=1mA,
IC=10mA, VCE=1V
IC=50mA*,
IC=100mA*,
Static Forward Current
BSS67
Transfer Ratio
hFE
40
70
100
60
30
300
IC=100µA,
IC=1mA,
IC=10mA, VCE=1V
IC=50mA*,
IC=100mA*,
Transition Frequency
BSS66
BSS67
fT
250
300
MHz
MHz
IC=10mA, VCE=20V
f=100MHz
Collector-Base Capacitance
Cobo
4pF
VCB=5V, f=100kHz
Emitter-Base Capacitance
Cibo
8pF
VEB=0.5V, f=100kHz
Noise Figure
N
Typ. 6
dB
IC=100µA, VCE=5V
RS=1kΩ, f=10Hz to15.7 kHz
Switching times: Delay; Rise
Storage Time
Fall Time
td; tf
ts
tf
35
200
50
ns
ns
ns
VCC=3V, IC=10mA
IB1= IB2 =1mA
* Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤ 2%
BSS66
BSS67
C
B
E
PAGE NUMBER


Similar Part No. - BSS66

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BSS66 ZETEX-BSS66 Datasheet
36Kb / 1P
   SOT23 NPN SILICON PLANAR MEDIUM POWER SWITCHING TRANSISTORS
BSS66-M6 ZETEX-BSS66-M6 Datasheet
36Kb / 1P
   SOT23 NPN SILICON PLANAR MEDIUM POWER SWITCHING TRANSISTORS
BSS66R-M8 ZETEX-BSS66R-M8 Datasheet
36Kb / 1P
   SOT23 NPN SILICON PLANAR MEDIUM POWER SWITCHING TRANSISTORS
More results

Similar Description - BSS66

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BSS66 ZETEX-BSS66 Datasheet
36Kb / 1P
   SOT23 NPN SILICON PLANAR MEDIUM POWER SWITCHING TRANSISTORS
logo
Diodes Incorporated
BCW65 DIODES-BCW65 Datasheet
57Kb / 2P
   SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Zetex Semiconductors
BC817 ZETEX-BC817_06 Datasheet
278Kb / 1P
   SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
List of Unclassifed Man...
BCW66HTA ETC-BCW66HTA Datasheet
57Kb / 2P
   SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
BSS69 ETC-BSS69 Datasheet
34Kb / 1P
   SOT23 PNP SILICON PLANAR MEDIUM POWER SWITCHING TRANSISTORS
logo
Fairchild Semiconductor
FMMT38CTA FAIRCHILD-FMMT38CTA Datasheet
78Kb / 2P
   SOT23 NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS
logo
Zetex Semiconductors
BSS69 ZETEX-BSS69 Datasheet
37Kb / 1P
   SOT23 PNP SILICON PLANAR MEDIUM POWER SWITCHING TRANSISTORS
logo
Diodes Incorporated
FMMT38A DIODES-FMMT38A Datasheet
78Kb / 2P
   SOT23 NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS
logo
Zetex Semiconductors
FMMT2222 ZETEX-FMMT2222 Datasheet
45Kb / 2P
   SOT23 NPN SILICON PLANAR SWITCHING TRANSISTORS
FMMT3903 ZETEX-FMMT3903 Datasheet
46Kb / 2P
   SOT23 NPN SILICON PLANAR SWITCHING TRANSISTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com