Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS544B20RVFT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS544B20RVFT
Description  4.5-V to 18-V, 20-A, and 30-A SWIFT Synchronous Buck Converters with PMBus
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS544B20RVFT Datasheet(HTML) 1 Page - Texas Instruments

  TPS544B20RVFT Datasheet HTML 1Page - Texas Instruments TPS544B20RVFT Datasheet HTML 2Page - Texas Instruments TPS544B20RVFT Datasheet HTML 3Page - Texas Instruments TPS544B20RVFT Datasheet HTML 4Page - Texas Instruments TPS544B20RVFT Datasheet HTML 5Page - Texas Instruments TPS544B20RVFT Datasheet HTML 6Page - Texas Instruments TPS544B20RVFT Datasheet HTML 7Page - Texas Instruments TPS544B20RVFT Datasheet HTML 8Page - Texas Instruments TPS544B20RVFT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 75 page
background image
60
65
70
75
80
85
90
95
100
0
5
10
15
20
25
30
Load Current (A)
0.6 V
0.8 V
1.0 V
1.2 V
1.8 V
2.5 V
3.3 V
C003
V
IN = 12 V
L = 410 nH
Snubber = Open
f
SW = 500 kHz
R
DCR = 0.3 mŸ
R
BOOT = 0 Ÿ
Output Voltage
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS544B20, TPS544C20
SLUSB69B – MAY 2014 – REVISED JULY 2016
TPS544x20 4.5-V to 18-V, 20-A, and 30-A SWIFT™
Synchronous Buck Converters with PMBus™
1
1 Features
1
PMBus-Enabled Converters: 20 A, 30 A
4.5-V to 18-V input, 0.6-V to 5.5-V Output
5 mm × 7 mm LQFN Package with 0.5-mm Pitch
Single Thermal Pad
Integrated 4.5-mΩ and 2.0-mΩ Stacked
NexFET™ Power Stage
600-mV, 0.5% Reference
Lossless, Low-Side MOSFET Current Sensing
Selectable D-CAP™ and D-CAP2™ Mode Control
Differential Remote Sensing
Monotonic Start-Up into Pre-Biased Output
Output Voltage Margin and Trim
Output Voltage and Output Current Reporting
External Temperature Monitoring with 2N3904
Programmable via PMBus
Overcurrent Protection
UVLO, Soft-Start
PGOOD, OV, UV, OT Levels
Fault Responses
Turn-On and Turn-Off Delays
Thermal Shutdown
Pin Compatible 20-A, 30-A Converters
2 Applications
Test and Instrumentation
Ethernet Switches, Optical Switches, Routers,
Base Stations
Servers
Enterprise Storage SSD
High-Density Power Solutions
3 Description
The
TPS544B20
and
TPS544C20
devices
are
PMBus compatible, non-isolated DC-DC Integrated
FET converters, capable of high-frequency operation
and delivering 20-A , or 30-A current output from a
5 mm × 7 mm package, enabling high-power density
and fast transient performance with minimal PCB
area. The PMBus interface provides for converter
configuration as well as monitoring of key parameters
including output voltage, current and an optional
external
temperature.
High-frequency,
low-loss
switching, provided by an integrated NexFET power
stage and optimized drivers, allows for very high-
density power solutions and reduced inductor and
filter capacitor sizes. Response to fault conditions can
be set to either restart or latch off depending on
system requirements.
Table 1. Device Information(1)
PART NAME
PACKAGE
BODY SIZE (NOM)
TPS544B20
LQFN (40)
5.00 mm × 7.00 mm
TPS544C20
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Efficiency vs Output Current


Similar Part No. - TPS544B20RVFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS544B20RVFT TI1-TPS544B20RVFT Datasheet
2Mb / 74P
[Old version datasheet]   Synchronous Buck Converters
More results

Similar Description - TPS544B20RVFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS544B20 TI-TPS544B20_15 Datasheet
2Mb / 74P
[Old version datasheet]   TPS544x20 4.5-V to 18-V, 20-A, and 30-A SWIFT??Synchronous Buck Converters with PMBus?
TPS544C25 TI1-TPS544C25 Datasheet
2Mb / 100P
[Old version datasheet]   4.5-V to 18-V, 20-A and 30-A SWIFT Synchronous Buck Converters with PMBus and Frequency Synchronization
TPS546C20A TI1-TPS546C20A Datasheet
1Mb / 97P
[Old version datasheet]   4.5-V to 18-V, 35-A Stackable Synchronous Buck Converters With PMBus
TPS546C23 TI1-TPS546C23 Datasheet
1Mb / 97P
[Old version datasheet]   4.5-V to 18-V, 35-A Stackable Synchronous Buck Converters With PMBus
TPS549B22 TI1-TPS549B22 Datasheet
5Mb / 68P
[Old version datasheet]   1.5-V to 18-V VIN, 4.5-V to 22-V VDD, 25-A SWIFT Synchronous Step-Down Converter With Full Differential Sense and PMBus
TPS40195RGYTG4 TI-TPS40195RGYTG4 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND
TPS53915 TI-TPS53915 Datasheet
35Mb / 52P
[Old version datasheet]   TPS53915 1.5 to 18-V (4.5 to 25-V Bias) Input, 12-A Synchronous Step-Down SWIFT™ Converter With PMBus™
REVISED DECEMBER 2014
TPS54325 TI-TPS54325_10 Datasheet
970Kb / 20P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54325-Q1 TI-TPS54325-Q1_15 Datasheet
656Kb / 21P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
TPS54325 TI-TPS54325 Datasheet
1Mb / 20P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com