Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS544C20RVFR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS544C20RVFR
Description  4.5-V to 18-V, 20-A, and 30-A SWIFT Synchronous Buck Converters with PMBus
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS544C20RVFR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS544C20RVFR Datasheet HTML 7Page - Texas Instruments TPS544C20RVFR Datasheet HTML 8Page - Texas Instruments TPS544C20RVFR Datasheet HTML 9Page - Texas Instruments TPS544C20RVFR Datasheet HTML 10Page - Texas Instruments TPS544C20RVFR Datasheet HTML 11Page - Texas Instruments TPS544C20RVFR Datasheet HTML 12Page - Texas Instruments TPS544C20RVFR Datasheet HTML 13Page - Texas Instruments TPS544C20RVFR Datasheet HTML 14Page - Texas Instruments TPS544C20RVFR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 75 page
background image
11
TPS544B20, TPS544C20
www.ti.com
SLUSB69B – MAY 2014 – REVISED JULY 2016
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
(1)
On-times are production tested, but steady-state switching frequency is not.
(2)
Specified by design. Not production tested.
(3)
Minimum off time for valid current sensing is 400-ns typical, 500-ns maximum.
7.6 Switching Characteristics
VIN = VDD = 12 V, TA = 25 ºC, RRT = 38.3 kΩ (unless otherwise specified).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TON GENERATOR AND SW TIMING
fSW
Switching frequency(1)
Adjustment range
250
1000
kHz
RRT = 10.0 kΩ
210
250
290
RRT = 17.8 kΩ
250
300
350
RRT = 27.4 kΩ
340
400
460
RRT = 38.3 kΩ
425
500
575
RRT = 56.2 kΩ
550
650
750
RRT = 86.6 kΩ
640
750
860
RRT = 133 kΩ
720
850
980
RRT = 205 kΩ
850
1000
1150
IRT
RT output current
9.75
µA
tOFF(min)
Minimum off-time(2) (3)
175
ns
tON(min)
Minimum controllable pulse width(2)
80
ns
VDCAP2
D-CAP2 mode threshold
2.10
V
VDCAP
D-CAP mode threshold
0.8
V
IMODE
MODE output current
7
13
µA
tDEAD
Power stage driver dead-time(2)
SW rising
15
ns
SW falling
15
tSLEW(SW)
SW slew rate(2)
SW rising (10% to 90%), IOUT = 30
A, RBOOT= 0 Ω
9.2
V/ns
SW falling (90% to 10%), IOUT = 30
A, RBOOT= 0 Ω
6.2


Similar Part No. - TPS544C20RVFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS544C20RVFR TI1-TPS544C20RVFR Datasheet
2Mb / 74P
[Old version datasheet]   Synchronous Buck Converters
More results

Similar Description - TPS544C20RVFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS544B20 TI-TPS544B20_15 Datasheet
2Mb / 74P
[Old version datasheet]   TPS544x20 4.5-V to 18-V, 20-A, and 30-A SWIFT??Synchronous Buck Converters with PMBus?
TPS544C25 TI1-TPS544C25 Datasheet
2Mb / 100P
[Old version datasheet]   4.5-V to 18-V, 20-A and 30-A SWIFT Synchronous Buck Converters with PMBus and Frequency Synchronization
TPS546C20A TI1-TPS546C20A Datasheet
1Mb / 97P
[Old version datasheet]   4.5-V to 18-V, 35-A Stackable Synchronous Buck Converters With PMBus
TPS546C23 TI1-TPS546C23 Datasheet
1Mb / 97P
[Old version datasheet]   4.5-V to 18-V, 35-A Stackable Synchronous Buck Converters With PMBus
TPS549B22 TI1-TPS549B22 Datasheet
5Mb / 68P
[Old version datasheet]   1.5-V to 18-V VIN, 4.5-V to 22-V VDD, 25-A SWIFT Synchronous Step-Down Converter With Full Differential Sense and PMBus
TPS40195RGYTG4 TI-TPS40195RGYTG4 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND
TPS53915 TI-TPS53915 Datasheet
35Mb / 52P
[Old version datasheet]   TPS53915 1.5 to 18-V (4.5 to 25-V Bias) Input, 12-A Synchronous Step-Down SWIFT™ Converter With PMBus™
REVISED DECEMBER 2014
TPS54325 TI-TPS54325_10 Datasheet
970Kb / 20P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54325-Q1 TI-TPS54325-Q1_15 Datasheet
656Kb / 21P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET ( SWIFT??
TPS54325 TI-TPS54325 Datasheet
1Mb / 20P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com