Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS544B25RVFR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS544B25RVFR
Description  4.5-V to 18-V, 20-A and 30-A SWIFT Synchronous Buck Converters with PMBus and Frequency Synchronization
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS544B25RVFR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS544B25RVFR Datasheet HTML 4Page - Texas Instruments TPS544B25RVFR Datasheet HTML 5Page - Texas Instruments TPS544B25RVFR Datasheet HTML 6Page - Texas Instruments TPS544B25RVFR Datasheet HTML 7Page - Texas Instruments TPS544B25RVFR Datasheet HTML 8Page - Texas Instruments TPS544B25RVFR Datasheet HTML 9Page - Texas Instruments TPS544B25RVFR Datasheet HTML 10Page - Texas Instruments TPS544B25RVFR Datasheet HTML 11Page - Texas Instruments TPS544B25RVFR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 100 page
background image
8
TPS544C25, TPS544B25
SLUSC81 – MAY 2015
www.ti.com
Product Folder Links: TPS544C25 TPS544B25
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Electrical Characteristics (continued)
TJ = –40°C to 125°C, VVIN = VVDD= 12 V, RRT = 40.2 kΩ; zero power dissipation (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(3)
The setting of TON_RISE of 0 ms means the unit to bring its output voltage to the programmed regulation value as quickly as possible,
which results in an effective TON_RISE time of 1 ms (fastest time supported).
(4)
The setting of TON_MAX_FAULT_LIMIT and VOUT_UV_FAULT_LIMIT of 0 means disabling TON_MAX_FAULT and
VOUT_UV_FAULT response and reporting, respectively.
(5)
The setting of TOFF_FALL of 0 ms means the unit to bring its output voltage down to 0 as quickly as possible, which results in an
effective TOFF_FALL time of 1 ms (fastest time supported).
BP6 REGULATOR
VBP6
Regulator output voltage
IBP6 = 10 mA
5.85
6.4
6.9
V
VBP6(do)
Regulator dropout voltage
VVIN – VBP6, VVDD = 4.5 V, IBP6 = 25 mA
50
200
400
mV
IBP6SC
Regulator short-circuit
current(1)
VVDD = 12 V
150
mA
VBP6UV
Regulator UVLO voltage(1)
3.73
V
VBP6UV(hyst)
Regulator UVLO voltage
hysteresis(1)
320
mV
BOOTSTRAP
VBOOT(drop)
Bootstrap voltage drop
IBOOT = 5 mA
125
mV
BP3 REGULATOR
VBP3
3-V regulator output voltage
VVDD ≥ 4.5 V, IBP3 = 5 mA
3.0
3.2
3.4
V
IBP3SC
3-V regulator short-circuit
current(1)
35
mA
PWM
tON(min)
Minimum controllable pulse
width(1)
100
ns
SOFT-START
TON_RISE
Soft-start time
Factory default setting
5
ms
Programmable range, 16 discrete
settings(1)(3)
0
100
Accuracy, TON_RISE = 1 ms
-10
10
%
TON_MAX_FAULT_
LIMIT
Upper limit on the time to
power up the output
Factory default setting
100
ms
Programmable range, 16 discrete
settings(1)(4)
0
100
Accuracy(1)
–10
10
%
TON_DELAY
Turn-on delay
Factory default setting
0
ms
Programmable range, 16 discrete settings(1)
0
100
Accuracy(1)
–10
10
%
SOFT-STOP
TOFF_FALL
Soft-stop time
Factory default setting(5)
0
ms
Programmable range, 16 discrete
settings(1)(5)
0
100
Accuracy, TOFF_FALL = 1 ms
–10
10
%
TOFF_DELAY
Turn-off delay
Factory default setting
0
ms
Programmable range, 16 discrete settings(1)
0
100
Accuracy(1)
–10
10
%
SS PIN FOR INITIAL SOFT-START PROGRAMMING
ISS
SS pin current
9.5
10.5
12
µA
VSS(ivlow)
SS pin invalid low voltage
0.03
V
VSS(ivhigh)
SS pin invalid high voltage
2.40


Similar Part No. - TPS544B25RVFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS544B20 TI1-TPS544B20 Datasheet
2Mb / 75P
[Old version datasheet]   4.5-V to 18-V, 20-A, and 30-A SWIFT Synchronous Buck Converters with PMBus
TPS544B20RVFR TI1-TPS544B20RVFR Datasheet
2Mb / 74P
[Old version datasheet]   Synchronous Buck Converters
TPS544B20RVFR TI1-TPS544B20RVFR Datasheet
2Mb / 75P
[Old version datasheet]   4.5-V to 18-V, 20-A, and 30-A SWIFT Synchronous Buck Converters with PMBus
TPS544B20RVFT TI1-TPS544B20RVFT Datasheet
2Mb / 74P
[Old version datasheet]   Synchronous Buck Converters
TPS544B20RVFT TI1-TPS544B20RVFT Datasheet
2Mb / 75P
[Old version datasheet]   4.5-V to 18-V, 20-A, and 30-A SWIFT Synchronous Buck Converters with PMBus
More results

Similar Description - TPS544B25RVFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS544B20 TI1-TPS544B20 Datasheet
2Mb / 75P
[Old version datasheet]   4.5-V to 18-V, 20-A, and 30-A SWIFT Synchronous Buck Converters with PMBus
TPS544B20 TI-TPS544B20_15 Datasheet
2Mb / 74P
[Old version datasheet]   TPS544x20 4.5-V to 18-V, 20-A, and 30-A SWIFT??Synchronous Buck Converters with PMBus?
TPS546C20A TI1-TPS546C20A Datasheet
1Mb / 97P
[Old version datasheet]   4.5-V to 18-V, 35-A Stackable Synchronous Buck Converters With PMBus
TPS546C23 TI1-TPS546C23 Datasheet
1Mb / 97P
[Old version datasheet]   4.5-V to 18-V, 35-A Stackable Synchronous Buck Converters With PMBus
TPS40195RGYTG4 TI-TPS40195RGYTG4 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND
TPS40195 TI-TPS40195 Datasheet
665Kb / 39P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND POWER GOOD
TPS549B22 TI1-TPS549B22 Datasheet
5Mb / 68P
[Old version datasheet]   1.5-V to 18-V VIN, 4.5-V to 22-V VDD, 25-A SWIFT Synchronous Step-Down Converter With Full Differential Sense and PMBus
TPS549D22 TI1-TPS549D22 Datasheet
8Mb / 63P
[Old version datasheet]   1.5-V to 16-V VIN, 4.5-V to 22-V VDD, 40-A SWIFT Synchronous Step-Down Converter with Full Differential Sense and PMBus
TPS53915 TI-TPS53915 Datasheet
35Mb / 52P
[Old version datasheet]   TPS53915 1.5 to 18-V (4.5 to 25-V Bias) Input, 12-A Synchronous Step-Down SWIFT™ Converter With PMBus™
REVISED DECEMBER 2014
TPS54325 TI-TPS54325_10 Datasheet
970Kb / 20P
[Old version datasheet]   4.5-V to 18-V, 3-A OUTPUT SYNCHRONOUS STEP DOWN SWITCHER WITH INTEGRATED FET (SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com