Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS53632 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53632
Description  3-2-1 Phase D-CAP??Step-Down Driverless Controller for Low-Voltage Applications with I2C Interface Control
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53632 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS53632 Datasheet HTML 3Page - Texas Instruments TPS53632 Datasheet HTML 4Page - Texas Instruments TPS53632 Datasheet HTML 5Page - Texas Instruments TPS53632 Datasheet HTML 6Page - Texas Instruments TPS53632 Datasheet HTML 7Page - Texas Instruments TPS53632 Datasheet HTML 8Page - Texas Instruments TPS53632 Datasheet HTML 9Page - Texas Instruments TPS53632 Datasheet HTML 10Page - Texas Instruments TPS53632 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
TPS53632
www.ti.com
SLUSBW8 – SEPTEMBER 2014
Electrical Characteristics (continued)
over recommended free-air temperature range, 4.5 V
≤ VV5A ≤ 5.5 V, 3.0 V ≤ VVDD ≤ 3.6 V, VGFB = GND, VVFB = VCORE (unless
otherwise noted).
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT SENSE: OVER CURRENT PROTECTION, PHASE ADD AND DROP, AND PHASE BALANCE
ROCP-I = 20 kΩ
3.7
7.6
11.4
ROCP-I = 24 kΩ
6.6
10.5
14.1
ROCP-I = 30 kΩ
10.6
14.5
18.0
ROCP-I = 39 kΩ
15.4
19.5
23.0
OCP voltage (valley current
VOCPP
mV
limit)
ROCP-I = 56 kΩ
21.3
25.4
29.0
ROCP-I = 75 kΩ
28.4
32.5
36.2
ROCP-I = 100 kΩ
36.3
40.5
44.0
ROCP-I = 150 kΩ
45.0
49.3
53.0
Valley current, % of OCP value, mode changes from 2-phase
IAD23
Phase add
25%
CCM to 3-phase CCM
Valley current, % of OCP value, mode changes from 1-phase
IAD12
Phase add
10%
DCM to 2-phase CCM
Valley current, % of OCP value, mode changes from 3-phase
IAD32
Phase drop
15%
CCM to 2-phase CCM
Valley current, % of OCP value, mode changes from 2-phase
IAD21
Phase drop
7%
CCM to 1-phase DCM
ICS
CS pin input bias current
CSPx and CSNx
–500
0.2
500
nA
Error amplifier total voltage
AV-EA
VFB to DROOP
80
dB
gain(1)
IEA_SR
Error amplifier source current
IDROOP, VVFB = VDAC + 50 mV, RCOMP = 1 kΩ
1
mA
IEA_SK
Error amplifier sink current
IDROOP, VVFB = VDAC – 50mV, RCOMP = 1 kΩ
–1
ACSINT
Internal current sense gain
Gain from CSPx – CSNx to PWM comparator, RSKIP = Open
5.8
6.0
6.2
V/V
RSFTSTP
Soft-stop transistor resistance
Connected to CSN1
100
200
Ω
Voltage to disable dynamic
VDP_OFF
Voltage at FREQ-P at start-up
0.70
phase add/drop
V
Voltage to enable dynamic
VDP_ON
Voltage at FREQ-P at start-up
0.40
phase add/drop
Hysteresis voltage of phase
VDP_HYS
Voltage at FREQ-P at start-up
80
mV
add/drop circuit
EN = HI
350
600
k
Ω
RVIN
VIN resistance
EN = LOW or STBY
10
M
Ω
PROTECTION: OVP, UVP, PGOOD AND THERMAL SHUTDOWN
VOVPH
Fixed OVP voltage
VCSN1 > VOVPH for 1 µs
1.60
1.70
1.80
V
VPGDH
PGOOD high threshold
Measured at the VFB pin w/r/t VID code, device latches OFF
190
245
mV
VPGDL
PGOOD low threshold
Measured at the VFB pin w/r/t VID code, device latches OFF
-348
-280
PWM AND SKIP OUTPUTS: I/O VOLTAGE AND CURRENT
VP-S_L
PWMx/SKIP - Low
PWMILOAD = ± 1 mA, SKIPILOAD = ± 100 µA
0.15
0.3
VP-S_H
PWMx/SKIP - High
PWMILOAD = ± 1 mA, SKIPILOAD = ± 100 µA
4.2
V
VPW-SKLK
PWMx tri-state
PWMILOAD = ± 100 µA
1.6
1.7
1.8
LOGIC INTERFACE: VOLTAGE AND CURRENT
RVRTTL
VSDA = 0.31
4
15
Pull-down resistance
Ω
RVRPG
VPGOOD= 0.31
36
50
IVRTTLK
Logic leakage current
VSCL= 1.8 V, VSDA = 1.8 V, VPGOOD = 3.3 V
-2
0.2
2
µA
VIL
Low-level Input voltage
0.6
SCL, SDA; VVINTF = 1.8 V
V
VIH
High-level Input voltage
1.2
IENH
I/O leakage, EN
Leakage current , VEN = 1.8 V
24
40
µA
(1)
Specified by design. Not propduction tested.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS53632


Similar Part No. - TPS53632

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53632G TI1-TPS53632G Datasheet
125Kb / 6P
[Old version datasheet]   Half-Bridge PWM Controller Optimized
TPS53632G TI1-TPS53632G Datasheet
1Mb / 41P
[Old version datasheet]   D-CAP??Half-Bridge PWM Controller Optimized for GaN-based 48-V DC/DC Converter with I2C Interface
TPS53632GRSMR TI1-TPS53632GRSMR Datasheet
1Mb / 41P
[Old version datasheet]   D-CAP??Half-Bridge PWM Controller Optimized for GaN-based 48-V DC/DC Converter with I2C Interface
TPS53632GRSMT TI1-TPS53632GRSMT Datasheet
1Mb / 41P
[Old version datasheet]   D-CAP??Half-Bridge PWM Controller Optimized for GaN-based 48-V DC/DC Converter with I2C Interface
TPS53632G TI1-TPS53632G_16 Datasheet
1Mb / 41P
[Old version datasheet]   D-CAP??Half-Bridge PWM Controller Optimized for GaN-based 48-V DC/DC Converter with I2C Interface
More results

Similar Description - TPS53632

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS59632-Q1 TI1-TPS59632-Q1 Datasheet
2Mb / 53P
[Old version datasheet]   TPS59632-Q1 2.5-V To 24-V, 3-, 2-, and 1-Phase Step-Down Driverless Controller for Automotive ADAS Applications
TPS51640A TI1-TPS51640A Datasheet
1Mb / 54P
[Old version datasheet]   Dual-Channel (3-Phase CPU/1-Phase GPU) SVID, D-CAP??Step-Down Controller for
logo
Semtech Corporation
SC493 SEMTECH-SC493 Datasheet
559Kb / 28P
   EcoSpeedTM Step-down Controller with I2C Interface
logo
Texas Instruments
TPS51650 TI1-TPS51650 Datasheet
1Mb / 50P
[Old version datasheet]   Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP??Step-Down Controller
logo
Maxim Integrated Produc...
MAX15569 MAXIM-MAX15569 Datasheet
1Mb / 41P
   2-Phase/1-Phase QuickTune-PWM Controller with Serial I2C Interface
Rev 0; 3/13
logo
Texas Instruments
TPS53659 TI1-TPS53659 Datasheet
744Kb / 11P
[Old version datasheet]   Dual-Channel (4-Phase 1-Phase) or (3-Phase 2-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus for VR13 Server Memory
TPS53622 TI1-TPS53622 Datasheet
730Kb / 11P
[Old version datasheet]   Dual-Channel (1-Phase 1-Phase) or (2-Phase 0-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus for VR13 Server
logo
ON Semiconductor
NCP81611 ONSEMI-NCP81611 Datasheet
499Kb / 30P
   4/3/2/1 Multi-Phase Buck Controller with PWM_VID and I2C Interface
May, 2020 - Rev. 4
logo
Texas Instruments
TPS53627 TI1-TPS53627 Datasheet
769Kb / 11P
[Old version datasheet]   2-Phase, D-CAP Step-Down Controller for VR13 CPU VCORE and DDR Memory
TPS53681 TI1-TPS53681 Datasheet
2Mb / 125P
[Old version datasheet]   Dual-Channel (6-Phase 2-Phase) or (5-Phase 3-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com