Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ130A Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # SMBJ130A
Description  Transient Voltage Suppressors SMBJ5V0(C)A - SMBJ170(C)A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SMBJ130A Datasheet(HTML) 2 Page - Fairchild Semiconductor

  SMBJ130A Datasheet HTML 1Page - Fairchild Semiconductor SMBJ130A Datasheet HTML 2Page - Fairchild Semiconductor SMBJ130A Datasheet HTML 3Page - Fairchild Semiconductor SMBJ130A Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMBJ5V0(C)A-SMBJ170(C)A, Rev. I
Transient Voltage Suppressors
(continued)
Electrical Characteristics
T
A
= 25°C unless otherwise noted
* Color band denotes cathode on unidirectional devices only. No color band on bidirectional devices.
** For bidirectional parts with V
RWM<10V, the IR max limit is doubled.
Uni-directional
Bi-directional (C)
Device
Part
Marking*
Reverse
Stand-off
Voltage
VRWM (V)
Breakdown
Voltage
VBR (V)
Test
Current
IT (mA)
Clamping
Voltage
@IPPM
VC (V)
Peak
Pulse
Current
IPPM (A)
Reverse
Leakage
@ VRWM
IR (uA)**
min
max
SMBJ5V0(C)A
KE
5.0
6.40
7.0
10
9.2
65.2
800
SMBJ6V0(C)A
KG
6.0
6.67
7.37
10
10.3
58.3
800
SMBJ6V5(C)A
KK
6.5
7.22
7.98
10
11.2
53.6
500
SMBJ7V0(C)A
KM
7.0
7.78
8.60
10
12.0
50.0
200
SMBJ7V5(C)A
KP
7.5
8.33
9.21
1
12.9
46.5
100
SMBJ8V0(C)A
KR
8.0
8.89
9.83
1
13.6
44.1
50
SMBJ8V5(C)A
KT
8.5
9.44
10.4
1
14.4
41.7
20
SMBJ9V0(C)A
KV
9.0
10.0
11.1
1
15.4
39.0
10
SMBJ10(C)A
KX
10
11.1
12.8
1
17.0
35.3
5
SMBJ11(C)A
KZ
11
12.2
13.5
1
18.2
33.0
5
SMBJ12(C)A
LE
12
13.3
14.7
1
19.9
30.2
5
SMBJ13(C)A
LG
13
14.4
15.9
1
21.5
27.9
5
SMBJ14(C)A
LK
14
15.6
17.2
1
23.2
25.9
5
SMBJ15(C)A
LM
15
16.7
18.5
1
24.4
24.6
5
SMBJ16(C)A
LP
16
17.8
19.7
1
26.0
23.1
5
SMBJ17(C)A
LR
17
18.9
20.9
1
27.6
21.7
5
SMBJ18(C)A
LT
18
20.0
22.1
1
29.2
20.5
5
SMBJ20(C)A
LV
20
22.2
24.5
1
32.4
18.5
5
SMBJ22(C)A
LX
22
24.4
26.9
1
35.5
16.9
5
SMBJ24(C)A
LZ
24
26.7
29.5
1
38.9
15.4
5
SMBJ26(C)A
ME
26
28.9
31.9
1
42.1
14.3
5
SMBJ28(C)A
MG
28
31.1
34.4
1
45.4
13.2
5
SMBJ30(C)A
MK
30
33.3
36.8
1
48.4
12.4
5
SMBJ33(C)A
MM
33
36.7
40.6
1
53.3
11.3
5
SMBJ36(C)A
MP
36
40.0
44.2
1
58.1
10.3
5
SMBJ40(C)A
MR
40
44.4
49.1
1
64.5
9.3
5
SMBJ43(C)A
MT
43
47.8
52.8
1
69.4
8.6
5
SMBJ45(C)A
MV
45
50.0
55.3
1
72.7
8.3
5
SMBJ48(C)A
MX
48
53.3
58.9
1
77.4
7.8
5
SMBJ51(C)A
MZ
51
56.7
62.7
1
82.4
7.3
5
SMBJ54(C)A
NE
54
60.0
66.3
1
87.1
6.9
5
SMBJ58(C)A
NG
58
64.4
71.2
1
93.6
6.4
5
SMBJ60(C)A
NK
60
66.7
73.7
1
96.8
6.2
5
SMBJ64(C)A
NM
64
71.1
78.6
1
103.0
5.8
5
SMBJ70(C)A
NP
70
77.8
86.0
1
113.0
5.3
5
SMBJ75(C)A
NR
75
83.3
92.1
1
121.0
5.0
5
SMBJ78(C)A
NT
78
86.7
95.8
1
126.0
4.8
5
SMBJ85(C)A
NV
85
94.4
104.0
1
137.0
4.4
5
SMBJ90(C)A
NX
90
100.0
111.0
1
146.0
4.1
5
SMBJ100(C)A
NZ
100
111.0
123.0
1
162.0
3.7
5
SMBJ110(C)A
PE
110
122.0
135.0
1
177.0
3.4
5
SMBJ120(C)A
PG
120
133.0
147.0
1
193.0
3.1
5
SMBJ130(C)A
PK
130
144.0
159.0
1
209.0
2.9
5
SMBJ150(C)A
PM
150
167.0
185.0
1
243.0
2.5
5
SMBJ160(C)A
PP
160
178.0
197.0
1
259.0
2.3
5
SMBJ170(C)A
PR
170
189.0
209.0
1
275.0
2.2
5


Similar Part No. - SMBJ130A

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMBJ130A JGD-SMBJ130A Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMBJ130A SOCAY-SMBJ130A Datasheet
632Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Micro Commercial Compon...
SMBJ130A MCC-SMBJ130A Datasheet
202Kb / 9P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
logo
Yangzhou yangjie electr...
SMBJ130A YANGJIE-SMBJ130A Datasheet
213Kb / 5P
   Transient Voltage Suppressor Diodes
logo
STMicroelectronics
SMBJ130A STMICROELECTRONICS-SMBJ130A Datasheet
133Kb / 10P
   Transil
More results

Similar Description - SMBJ130A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SMBJ33CA FAIRCHILD-SMBJ33CA Datasheet
133Kb / 4P
   Transient Voltage Suppressors SMBJ5V0(C)A - SMBJ170(C)A
SMBJ30CA FAIRCHILD-SMBJ30CA Datasheet
133Kb / 4P
   Transient Voltage Suppressors SMBJ5V0(C)A - SMBJ170(C)A
SMBJ6V5CA FAIRCHILD-SMBJ6V5CA Datasheet
87Kb / 4P
   Transient Voltage Suppressors SMBJ5V0(C)A-SMBJ170(C)A
SMBJ16CA FAIRCHILD-SMBJ16CA Datasheet
133Kb / 4P
   Transient Voltage Suppressors SMBJ5V0(C)A - SMBJ170(C)A
SMCJ51CA FAIRCHILD-SMCJ51CA Datasheet
140Kb / 4P
   Transient Voltage Suppressors SMCJ5V0(C)A - SMCJ170(C)A
P6KE6V8A FAIRCHILD-P6KE6V8A Datasheet
50Kb / 3P
   Transient Voltage Suppressors P6KE6V8(C)A - P6KE440(C)A
SMCJ85CA FAIRCHILD-SMCJ85CA Datasheet
140Kb / 4P
   Transient Voltage Suppressors SMCJ5V0(C)A - SMCJ170(C)A
logo
Arch Electronics Corp.
ATCN ARCH-ATCN_16 Datasheet
141Kb / 4P
   A C -D C Power Module
ALC ARCH-ALC_16 Datasheet
262Kb / 3P
   A C -D C Power Module
AIC ARCH-AIC_16 Datasheet
262Kb / 3P
   A C -D C Power Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com