Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS53632RSMR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53632RSMR
Description  3-2-1 Phase D-CAP??Step-Down Driverless Controller for Low-Voltage Applications with I2C Interface Control
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53632RSMR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS53632RSMR Datasheet HTML 6Page - Texas Instruments TPS53632RSMR Datasheet HTML 7Page - Texas Instruments TPS53632RSMR Datasheet HTML 8Page - Texas Instruments TPS53632RSMR Datasheet HTML 9Page - Texas Instruments TPS53632RSMR Datasheet HTML 10Page - Texas Instruments TPS53632RSMR Datasheet HTML 11Page - Texas Instruments TPS53632RSMR Datasheet HTML 12Page - Texas Instruments TPS53632RSMR Datasheet HTML 13Page - Texas Instruments TPS53632RSMR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
TPS53632
SLUSBW8 – SEPTEMBER 2014
www.ti.com
6.9 Typical Characteristics (3-Phase Operation)
VIN = 12 V
VOUT = 1 V
Load = 1 A
VIN = 12 V
VOUT = 1 V
Load = 30 A
Figure 7. Startup
Figure 8. Switching Waveform
Δ VOUT, 1.0 V to 1.1 V
I2C command
VIN = 12 V
VOUT = 1 V
Load = 9 A to 35 A
Figure 10. Output Voltage Change
Figure 9. Load Transient
VIN = 12 V
VOUT = 1 V
Load = 1 A to 31 A
VIN = 12 V
VOUT = 1 V
Load = 31 A to 1 A
Figure 11. Auto Phase Add
Figure 12. Auto Phase Drop
10
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: TPS53632


Similar Part No. - TPS53632RSMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53632G TI1-TPS53632G Datasheet
125Kb / 6P
[Old version datasheet]   Half-Bridge PWM Controller Optimized
TPS53632G TI1-TPS53632G Datasheet
1Mb / 41P
[Old version datasheet]   D-CAP??Half-Bridge PWM Controller Optimized for GaN-based 48-V DC/DC Converter with I2C Interface
TPS53632GRSMR TI1-TPS53632GRSMR Datasheet
1Mb / 41P
[Old version datasheet]   D-CAP??Half-Bridge PWM Controller Optimized for GaN-based 48-V DC/DC Converter with I2C Interface
TPS53632GRSMT TI1-TPS53632GRSMT Datasheet
1Mb / 41P
[Old version datasheet]   D-CAP??Half-Bridge PWM Controller Optimized for GaN-based 48-V DC/DC Converter with I2C Interface
TPS53632G TI1-TPS53632G_16 Datasheet
1Mb / 41P
[Old version datasheet]   D-CAP??Half-Bridge PWM Controller Optimized for GaN-based 48-V DC/DC Converter with I2C Interface
More results

Similar Description - TPS53632RSMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS59632-Q1 TI1-TPS59632-Q1 Datasheet
2Mb / 53P
[Old version datasheet]   TPS59632-Q1 2.5-V To 24-V, 3-, 2-, and 1-Phase Step-Down Driverless Controller for Automotive ADAS Applications
TPS51640A TI1-TPS51640A Datasheet
1Mb / 54P
[Old version datasheet]   Dual-Channel (3-Phase CPU/1-Phase GPU) SVID, D-CAP??Step-Down Controller for
logo
Semtech Corporation
SC493 SEMTECH-SC493 Datasheet
559Kb / 28P
   EcoSpeedTM Step-down Controller with I2C Interface
logo
Texas Instruments
TPS51650 TI1-TPS51650 Datasheet
1Mb / 50P
[Old version datasheet]   Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP??Step-Down Controller
logo
Maxim Integrated Produc...
MAX15569 MAXIM-MAX15569 Datasheet
1Mb / 41P
   2-Phase/1-Phase QuickTune-PWM Controller with Serial I2C Interface
Rev 0; 3/13
logo
Texas Instruments
TPS53659 TI1-TPS53659 Datasheet
744Kb / 11P
[Old version datasheet]   Dual-Channel (4-Phase 1-Phase) or (3-Phase 2-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus for VR13 Server Memory
TPS53622 TI1-TPS53622 Datasheet
730Kb / 11P
[Old version datasheet]   Dual-Channel (1-Phase 1-Phase) or (2-Phase 0-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus for VR13 Server
logo
ON Semiconductor
NCP81611 ONSEMI-NCP81611 Datasheet
499Kb / 30P
   4/3/2/1 Multi-Phase Buck Controller with PWM_VID and I2C Interface
May, 2020 - Rev. 4
logo
Texas Instruments
TPS53627 TI1-TPS53627 Datasheet
769Kb / 11P
[Old version datasheet]   2-Phase, D-CAP Step-Down Controller for VR13 CPU VCORE and DDR Memory
TPS53681 TI1-TPS53681 Datasheet
2Mb / 125P
[Old version datasheet]   Dual-Channel (6-Phase 2-Phase) or (5-Phase 3-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com