Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS53647RTAR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53647RTAR
Description  4-Phase, D-CAP, Step-Down, Buck Controller with NVM and PMBus Interface for ASIC Power and High-Current Point-of-Load
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53647RTAR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS53647RTAR Datasheet HTML 4Page - Texas Instruments TPS53647RTAR Datasheet HTML 5Page - Texas Instruments TPS53647RTAR Datasheet HTML 6Page - Texas Instruments TPS53647RTAR Datasheet HTML 7Page - Texas Instruments TPS53647RTAR Datasheet HTML 8Page - Texas Instruments TPS53647RTAR Datasheet HTML 9Page - Texas Instruments TPS53647RTAR Datasheet HTML 10Page - Texas Instruments TPS53647RTAR Datasheet HTML 11Page - Texas Instruments TPS53647RTAR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 120 page
background image
8
TPS53647
SLUSC39A – JUNE 2015 – REVISED JULY 2016
www.ti.com
Product Folder Links: TPS53647
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
over recommended free-air temperature range, VVIN = 12 V, VV5 = 5 V, VVSN = GND, VVSP = VOUT (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ADDR-TRISE PIN: PMBUS ADDRESS, SOFT START RISE TIME SETTING
SLRISE
Soft start rise slew rate in terms of VOUT
slew rate
RADDR-TRISE ≤ 20 kΩ or RADDR-TRISE = 24 kΩ or
MFR_SPEC_12<1:0> = 00b
1
RADDR-TRISE = 30 kΩ or RADDR-TRISE = 39 kΩ or
MFR_SPEC_12<1:0> = 01b
1/2
RADDR-TRISE = 56 kΩ or RADDR-TRISE = 75 kΩ or
MFR_SPEC_12<1:0> = 10b
1/4
RADDR-TRISE = 100 kΩ or RADDR-TRISE = 150 kΩ or
MFR_SPEC_12<1:0> = 11b
1/8
BOOT
BOOT voltage set (B0)
RADDR-TRISE ≤ 20 kΩ or RADDR-TRISE = 30 kΩ or RADDR-TRISE = 56
kΩ or RADDR-TRISE = 100 kΩ, or MFR_SPEC_11 [0] = 0b
0
RADDR-TRISE ≤ 24 kΩ or RADDR-TRISE = 39 kΩ or RADDR-TRISE = 75
kΩ or RADDR-TRISE = 150 kΩ, or MFR_SPEC_11 [0] = 1b
1
PADDR
PMBus address bits set (11P40P2P1P0)
VADDR-TRISE ≤ 0.053 V with ±20 mV tolerance
1100000
VADDR-TRISE = 0.159 V with ±20 mV tolerance
1100001
VADDR-TRISE = 0.266 V with ±20 mV tolerance
1100010
VADDR-TRISE = 0.372 V with ±20 mV tolerance
1100011
VADDR-TRISE = 0.478 V with ±20 mV tolerance
1100100
VADDR-TRISE = 0.584 V with ±20 mV tolerance
1100101
VADDR-TRISE = 0.691 V with ±20 mV tolerance
1100110
VADDR-TRISE = 0.797 V with ±20 mV tolerance
1100111
VADDR-TRISE = 0.903 V with ±20 mV tolerance
1110000
VADDR-TRISE = 1.009 V with ±20 mV tolerance
1110001
VADDR-TRISE = 1.116 V with ±20 mV tolerance
1110010
VADDR-TRISE = 1.222 V with ±20 mV tolerance
1110011
VADDR-TRISE = 1.328 V with ±20 mV tolerance
1110100
VADDR-TRISE = 1.434 V with ±20 mV tolerance
1110101
VADDR-TRISE = 1.541 V with ±20 mV tolerance
1110110
VADDR-TRISE = 1.615 V with ±10 mV tolerance
1110111


Similar Part No. - TPS53647RTAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53647 TI-TPS53647_15 Datasheet
2Mb / 122P
[Old version datasheet]   TPS53647 4-Phase, D-CAP, Step-Down, Buck Controller with NVM and PMBus Interface for ASIC Power and High-Current Point-of-Load
More results

Similar Description - TPS53647RTAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53647 TI-TPS53647_15 Datasheet
2Mb / 122P
[Old version datasheet]   TPS53647 4-Phase, D-CAP, Step-Down, Buck Controller with NVM and PMBus Interface for ASIC Power and High-Current Point-of-Load
TPS53667 TI1-TPS53667 Datasheet
362Kb / 11P
[Old version datasheet]   6-Phase, D-CAP, Step-Down, Buck Controller with NVM and PMBus Interface for ASIC Power and High-Current Point-of-Load
TPS53681 TI1-TPS53681 Datasheet
2Mb / 125P
[Old version datasheet]   Dual-Channel (6-Phase 2-Phase) or (5-Phase 3-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus
TPS53659 TI1-TPS53659 Datasheet
744Kb / 11P
[Old version datasheet]   Dual-Channel (4-Phase 1-Phase) or (3-Phase 2-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus for VR13 Server Memory
TPS53679 TI1-TPS53679 Datasheet
744Kb / 11P
[Old version datasheet]   Dual-Channel (6-Phase 1-Phase) or (5-Phase 2-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus for VR13 Server
TPS53622 TI1-TPS53622 Datasheet
730Kb / 11P
[Old version datasheet]   Dual-Channel (1-Phase 1-Phase) or (2-Phase 0-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus for VR13 Server
logo
International Rectifier
IR36021 IRF-IR36021_15 Datasheet
2Mb / 41P
   DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
IR36021 IRF-IR36021 Datasheet
2Mb / 41P
   DIGITAL POL BUCK CONTROLLER with I2C AND PMBus Interface
logo
Texas Instruments
TPS536C9 TI-TPS536C9 Datasheet
568Kb / 8P
[Old version datasheet]   TPS536C9 Dual-channel (N M ??12 phase) D-CAP?? Step-down, Multiphase Controller with PMBus and VR14 SVID Interfaces
JUNE 2021
TPS53689 TI-TPS53689 Datasheet
525Kb / 8P
[Old version datasheet]   TPS53689 Dual-channel (N M ??8 phase) D-CAP?? Step-down, Multiphase Controller with PMBus and VR14 SVID Interfaces
JUNE 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com