Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54010 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS54010
Description  2.2 ??4 -V, 14-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54010 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS54010_16 Datasheet HTML 7Page - Texas Instruments TPS54010_16 Datasheet HTML 8Page - Texas Instruments TPS54010_16 Datasheet HTML 9Page - Texas Instruments TPS54010_16 Datasheet HTML 10Page - Texas Instruments TPS54010_16 Datasheet HTML 11Page - Texas Instruments TPS54010_16 Datasheet HTML 12Page - Texas Instruments TPS54010_16 Datasheet HTML 13Page - Texas Instruments TPS54010_16 Datasheet HTML 14Page - Texas Instruments TPS54010_16 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
www.ti.com
I
CIN +
I
OUT(MAX)
2
(3)
SWITCHING FREQUENCY
OUTPUT FILTER COMPONENTS
R4(kW) +
500 kHz
ƒs(kHz)
100 kW
(1)
Inductor Selection
INPUT CAPACITORS
L
MIN +
V
OUT
V
in(MAX) *
V
OUT
V
IN(MAX)
K
IND
I
OUT
Fsw
(4)
DVPVIN +
I
OUT(MAX)
0.25
C
BULK
ƒsw )
I
OUT(MAX)
ESR
MAX
I
L(RMS) +
I2
OUT(MAX) )
1
12
V
OUT
V
in(MAX) *
V
OUT
V
IN(MAX)
L
OUT
Fsw
0.8
2
TPS54010
SLVS509B – MAY 2004 – REVISED JUNE 2005
(continued)
DESIGN PARAMETER
EXAMPLE VALUE
Operating frequency
700 kHz
In this case, the input ripple voltage would be 155 mV
and the RMS ripple current would be 7 A. The
maximum voltage across the input capacitors would
be Vin max plus delta Vin/2. The chosen bulk
The switching frequency can be set to either one of
capacitor, a Sanyo POSCAP 6TPD330M is rated for
two internally programmed frequencies or set to a
6.3 V and 4.4 A of ripple current; two bypass
externally programmed frequency. With the RT pin
capacitors, TDK C3225X5R1C106M are each rated
open, setting the SYNC pin at or above 2.5 V selects
for 16 V, and the ripple current capacity is greater
550-kHz operation, whereas grounding or leaving the
than 3 A at the operating frequency of 700 kHz. Total
SYNC pin open selects 350-kHz operation. For this
ripple current handling is in excess of 10.4 A. It is
design, the switching frequency is externally pro-
important that the maximum ratings for voltage and
grammed using the RT pin. By connecting a resistor
current are not exceeded under any circumstance.
(R4) from RT to AGND, any frequency in the range of
250 to 700 kHz can be set. Use Equation 1 to
determine the proper value of RT.
Two components need to be selected for the output
filter, L1 and C2. Because the TPS54010 is an
externally compensated device, a wide range of filter
In this example circuit, R4 is calculated to be 71.5 k
component types and values can be supported.
and the switching frequency is set at 700 kHz.
To calculate the minimum value of the output induc-
The TPS54010 requires an input de-coupling capaci-
tor, use Equation 4
tor and, depending on the application, a bulk input
capacitor. The minimum value for the de-coupling
capacitor, C9, is 10 µF. A high-quality ceramic type
X5R or X7R is recommended. The voltage rating
should be greater than the maximum input voltage.
Additionally, some bulk capacitance may be needed,
KIND is a coefficient that represents the amount of
especially if the TPS54010 circuit is not located within
inductor ripple current relative to the maximum output
about 2 inches from the input voltage source. The
current. For designs using low ESR output capacitors
value for this capacitor is not critical but it also should
such as ceramics, use KIND = 0.3. When using higher
be rated to handle the maximum input voltage includ-
ESR output capacitors, KIND = 0.2 yields better
ing ripple voltage, and should filter the output so that
results.
input ripple voltage is acceptable.
For this design example, use KIND = 0.2 to keep the
This input ripple voltage can be approximated by
inductor ripple current small. The minimum inductor
Equation 2:
value is calculated to be 0.44 µH.
For the output filter inductor, it is important that the
RMS current and saturation current ratings not be
exceeded. The RMS inductor current can be found
(2)
from Equation 5:
Where IOUT(MAX) is the maximum load current.
The TPS54010 requires an input de-coupling capaci-
tor and, depending on the application, a bulk input
capacitor.
ƒ
sw is the switching frequency, C(BULK) is
(5)
the bulk capacitor value and ESRMAX is the maximum
series resistance of the bulk capacitor.
and the peak inductor current can be found from
Equation 6
The maximum RMS ripple current also needs to be
checked. For worst-case conditions, this can be
approximated by Equation 3:
11


Similar Part No. - TPS54010_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54010 TI-TPS54010_15 Datasheet
954Kb / 29P
[Old version datasheet]   2.2 ??4 -V, 14-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
More results

Similar Description - TPS54010_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54010 TI-TPS54010_15 Datasheet
954Kb / 29P
[Old version datasheet]   2.2 ??4 -V, 14-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54010 TI-TPS54010 Datasheet
707Kb / 25P
[Old version datasheet]   2.2 - 4 -V, 14-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54010-EP TI1-TPS54010-EP_16 Datasheet
1Mb / 31P
[Old version datasheet]   2.2-V to 4-V, 14-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54010-EP TI-TPS54010-EP_15 Datasheet
1Mb / 31P
[Old version datasheet]   2.2-V to 4-V, 14-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54810 TI-TPS54810 Datasheet
214Kb / 15P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS
TPS54810 TI1-TPS54810_16 Datasheet
734Kb / 22P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS
TPS54910 TI1-TPS54910_16 Datasheet
719Kb / 22P
[Old version datasheet]   3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54810 TI-TPS54810_15 Datasheet
726Kb / 22P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS (SWIFT??
TPS54910 TI-TPS54910 Datasheet
200Kb / 15P
[Old version datasheet]   3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54880 TI1-TPS54880_16 Datasheet
769Kb / 23P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com