Electronic Components Datasheet Search |
|
TPS54010 Datasheet(PDF) 8 Page - Texas Instruments |
|
|
TPS54010 Datasheet(HTML) 8 Page - Texas Instruments |
8 / 30 page www.ti.com APPLICATION INFORMATION PCB LAYOUT COMPENSATION NETWORK BOOT CAPACITOR VOUT OUTPUT INDUCTOR PH OUTPUT FILTER CAPACITOR AGND VSENSE COMP PWRGD BOOT PH PH PH PH PH RT SYNC SS/ENA VBIAS VIN PVIN PVIN PVIN PVIN PVIN PGND PGND PGND PGND PGND ANALOG GROUND TRACE FREQUENCY SET RESISTOR SLOW-START CAPACITOR BIAS CAPACITOR INPUT BYPASS CAPACITOR INPUT BYPASS CAPACITOR INPUT BULK FILTER EXPOSED POWERPAD AREA TOPSIDE GROUND AREA VIA to GROUND PLANE TPS54010 SLVS509B – MAY 2004 – REVISED JUNE 2005 Figure 10. TPS54010 Layout The PVIN pins are connected together on the printed- wide trace for the analog ground signal path. This circuit board (PCB) and bypassed with a low ESR analog ground is used for the voltage set point ceramic bypass capacitor. Care should be taken to divider, timing resistor RT, slow-start capacitor, and minimize the loop area formed by the bypass capaci- bias capacitor grounds. The PH pins are tied together tor connections, the PVIN pins, and the TPS54010 and routed to the output inductor. Because the PH ground pins. The minimum recommended bypass connection is the switching node, an inductor is capacitance is a 10-µF ceramic capacitor with a X5R located close to the PH pins, and the area of the PCB or X7R dielectric. The optimum placement is as close conductor is minimized to prevent excessive capaci- as possible to the PVIN pins, the AGND, and PGND tive coupling. Connect the boot capacitor between the pins. See Figure 10 for an example of a board layout. phase node and the BOOT pin as shown in Fig- If the VIN is connected to a separate source supply, it ure 10. Keep the boot capacitor close to the IC, and is bypassed with its own capacitor. There is an area minimize the conductor trace lengths. Connect the of ground on the top layer of the PCB, directly under output filter capacitor(s) between the VOUT trace and the IC, with an exposed area for connection to the PGND. It is important to keep the loop formed by the PowerPAD. Use vias to connect this ground area to PH pins, Lout, Cout, and PGND as small as is any internal ground planes. Use additional vias at the practical. Place the compensation components from ground side of the input and output filter capacitors. the VOUT trace to the VSENSE and COMP pins. Do The AGND and PGND pins are tied to the PCB not place these components too close to the PH ground by connecting them to the ground area under trace. Due to the size of the IC package and the the device as shown in Figure 10. Use a separate device pinout, they must be routed close, but main- 8 |
Similar Part No. - TPS54010 |
|
Similar Description - TPS54010 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |