Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54073 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS54073
Description  2.2 ??4 -V, 14-A SYNCHRONOUS BUCK CONVERTER WITH DISABLED SINKING DURING START-UP
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54073 Datasheet(HTML) 3 Page - Texas Instruments

  TPS54073_16 Datasheet HTML 1Page - Texas Instruments TPS54073_16 Datasheet HTML 2Page - Texas Instruments TPS54073_16 Datasheet HTML 3Page - Texas Instruments TPS54073_16 Datasheet HTML 4Page - Texas Instruments TPS54073_16 Datasheet HTML 5Page - Texas Instruments TPS54073_16 Datasheet HTML 6Page - Texas Instruments TPS54073_16 Datasheet HTML 7Page - Texas Instruments TPS54073_16 Datasheet HTML 8Page - Texas Instruments TPS54073_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
ELECTRICAL CHARACTERISTICS
TPS54073
www.ti.com ............................................................................................................................................................................................ SLVS547 – FEBRUARY 2005
TJ = –40°C to 125°C, VIN = 3 V to 4 V, PVIN = 2.2 V to 4 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE, VIN
VI
Input voltage, VIN
3
4
V
Supply voltage range, PVIN
Output = 1.8 V
2.2
4
V
fs = 350 kHz, RT open, PH pin open, SYNC = 0 V,
6.3
10
mA
PVIN = 2.5 V
VIN = 3.3 V
fs = 550 kHz, RT open, PH pin open, SYNC ≥ 2.5 V,
8.6
13
mA
PVIN = 2.5 V
SHUTDOWN, SS/ENA = 0 V, PVIN = 2.5 V
1
1.4
mA
IQ
Quiescent current
fs = 350 kHz, RT open, PH pin open, SYNC = 0 V,
3.2
6
mA
VIN = 3.3 V
PVIN = 2.5 V
fs = 550 kHz, RT open, PH pin open, SYNC ≥ 2.5 V,
4.4
7
mA
VIN = 3.3 V
SHUTDOWN, SS/ENA = 0 V, VIN = 3.3 V
< 140
µA
UNDERVOLTAGE LOCKOUT (VIN)
Start threshold voltage, UVLO
2.9
3
V
Stop threshold voltage, UVLO
2.7
2.8
V
Hysteresis voltage, UVLO
100
mV
Rising and falling edge deglitch, UVLO(1)
2.5
µs
BIAS VOLTAGE
Output voltage, VBIAS
I(VBIAS) = 0
2.7
2.8
2.9
V
Output current, VBIAS(2)
100
µA
CUMULATIVE REFERENCE
Vref
Accuracy
0.882
0.891
0.900
V
REGULATION
Line regulation(3)(4)
IL = 7 A, fs = 350 kHz, TJ = 85°C
0.05
%/V
IL = 0 A to 14 A, fs = 350 kHz, TJ = 85°C
Load regulation(3)(4)
0.013
%/A
PVIN = 2.5 V, VIN = 3.3 V
OSCILLATOR
RT open(3), SYNC
≤ 0.8 V
280
350
420
Internally set—free running frequency
kHz
RT open(3), SYNC
≥ 2.5 V
440
550
660
RT = 180 k
Ω (1% resistor to AGND)(3)
252
280
308
Externally set—free running frequency range
RT = 100 k
Ω (1% resistor to AGND)
460
500
540
kHz
RT = 68 k
Ω (1% resistor to AGND)(3)
663
700
762
High-level threshold voltage, SYNC
2.5
V
Low-level threshold voltage, SYNC
0.8
V
Pulse duration, SYNC(3)
50
ns
Frequency range, SYNC
300
700
kHz
Ramp valley(3)
0.75
V
Ramp amplitude (peak-to-peak)(3)
1
V
Minimum controllable on time(3)
200
ns
Maximum duty cycle(3)
90%
(1)
Specified by design
(2)
Static resistive loads only
(3)
Specified by design
(4)
Specified by the circuit used in Figure 12
Copyright © 2005, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS54073


Similar Part No. - TPS54073_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54073PWP TI-TPS54073PWP Datasheet
1Mb / 23P
[Old version datasheet]   2.2 - 4 -V, 14-A SYNCHRONOUS BUCK CONVERTER WITH DISABLED SINKING DURING START-UP
TPS54073PWPR TI-TPS54073PWPR Datasheet
1Mb / 23P
[Old version datasheet]   2.2 - 4 -V, 14-A SYNCHRONOUS BUCK CONVERTER WITH DISABLED SINKING DURING START-UP
More results

Similar Description - TPS54073_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54073 TI-TPS54073 Datasheet
1Mb / 23P
[Old version datasheet]   2.2 - 4 -V, 14-A SYNCHRONOUS BUCK CONVERTER WITH DISABLED SINKING DURING START-UP
TPS54873 TI-TPS54873_15 Datasheet
697Kb / 23P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54973 TI-TPS54973 Datasheet
282Kb / 10P
[Old version datasheet]   3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54873 TI1-TPS54873_16 Datasheet
707Kb / 23P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54873PWP TI-TPS54873PWP Datasheet
282Kb / 10P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54873 TI-TPS54873 Datasheet
163Kb / 15P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54973 TI-TPS54973_15 Datasheet
695Kb / 23P
[Old version datasheet]   3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54373 TI-TPS54373_15 Datasheet
701Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54373 TI-TPS54373 Datasheet
259Kb / 16P
[Old version datasheet]   3-V TO 6-V INPUT,3-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54673 TI-TPS54673_15 Datasheet
669Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com