Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54073PWP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54073PWP
Description  2.2 ??4 -V, 14-A SYNCHRONOUS BUCK CONVERTER WITH DISABLED SINKING DURING START-UP
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54073PWP Datasheet(HTML) 1 Page - Texas Instruments

  TPS54073PWP Datasheet HTML 1Page - Texas Instruments TPS54073PWP Datasheet HTML 2Page - Texas Instruments TPS54073PWP Datasheet HTML 3Page - Texas Instruments TPS54073PWP Datasheet HTML 4Page - Texas Instruments TPS54073PWP Datasheet HTML 5Page - Texas Instruments TPS54073PWP Datasheet HTML 6Page - Texas Instruments TPS54073PWP Datasheet HTML 7Page - Texas Instruments TPS54073PWP Datasheet HTML 8Page - Texas Instruments TPS54073PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
6,4 mm X 9,7 mm
Typical Size
1
FEATURES
DESCRIPTION
APPLICATIONS
PVIN
PH
BOOT
PGND
VSENSE
Output
COMP
AGND
VBIAS
Voltage
Input1
TPS54073
*
*
*
* Optional
TYPICAL APPLICATION
R =1.5
L
W
V
=1.5V
(core)
VI/O =3.3V
t-Time-5ms/div
START-UP WAVEFORM
WITH3PRECHARGEDIODES
VIN
Voltage
Input2
TPS54073
www.ti.com ............................................................................................................................................................................................ SLVS547 – FEBRUARY 2005
2.2 – 4 -V, 14-A SYNCHRONOUS BUCK CONVERTER
WITH DISABLED SINKING DURING START-UP
2
• 8-mΩ MOSFET Switches for High Efficiency at
14.5-A Peak Output Current
As a member of the SWIFT™family of dc/dc
regulators,
the
TPS54073
low-input
voltage
• Separate Low-Voltage Power Bus
high-output
current
synchronous
buck
PWM
• Disabled Current Sinking During Start-Up
converter integrates all required active components.
• Adjustable Output Voltage Down to 0.9 V
Included on the substrate with the listed features are
• Wide PWM Frequency: Fixed 350 kHz, 550 kHz
a true, high performance, voltage error amplifier that
enables maximum performance and flexibility in
or Adjustable 280 kHz to 700 kHz
choosing the output filter L and C components; an
• Synchronizable to 700 kHz
undervoltage-lockout circuit to prevent start-up until
• Load Protected by Peak Current Limit and
the input voltage reaches 3 V; an internally or
Thermal Shutdown
externally
set
slow-start
circuit
to
limit
in-rush
currents; and a power good output useful for
• Integrated Solution Reduces Board Area and
processor/logic reset, fault signaling, and supply
Total Cost
sequencing.
For
reliable
power
up
in
output
precharge
applications, the TPS54073 is designed to only
• Low-Voltage, High-Density Distributed Power
source current during start-up.
Systems
• Point of Load Regulation for High-
The TPS54073 is available in a thermally enhanced
Performance DSPs, FPGAs, ASICs, and
28-pin TSSOP (PWP) PowerPAD™ package, which
Microprocessors
eliminates bulky heatsinks. TI provides evaluation
• Broadband, Networking, and Optical
modules and the SWIFT™ designer software tool to
Communications Infrastructure
aid in quickly achieving high-performance power
supply
designs
to
meet
aggressive
equipment
• Power PC Series Processors
development cycles
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SWIFT, PowerPAD are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS54073PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54073PWP TI-TPS54073PWP Datasheet
1Mb / 23P
[Old version datasheet]   2.2 - 4 -V, 14-A SYNCHRONOUS BUCK CONVERTER WITH DISABLED SINKING DURING START-UP
TPS54073PWPR TI-TPS54073PWPR Datasheet
1Mb / 23P
[Old version datasheet]   2.2 - 4 -V, 14-A SYNCHRONOUS BUCK CONVERTER WITH DISABLED SINKING DURING START-UP
More results

Similar Description - TPS54073PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54073 TI-TPS54073 Datasheet
1Mb / 23P
[Old version datasheet]   2.2 - 4 -V, 14-A SYNCHRONOUS BUCK CONVERTER WITH DISABLED SINKING DURING START-UP
TPS54873 TI-TPS54873_15 Datasheet
697Kb / 23P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54973 TI-TPS54973 Datasheet
282Kb / 10P
[Old version datasheet]   3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54873 TI1-TPS54873_16 Datasheet
707Kb / 23P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54873PWP TI-TPS54873PWP Datasheet
282Kb / 10P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54873 TI-TPS54873 Datasheet
163Kb / 15P
[Old version datasheet]   4-V TO 6-V INPUT, 8-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54973 TI-TPS54973_15 Datasheet
695Kb / 23P
[Old version datasheet]   3-V TO 4-V INPUT, 9-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54373 TI-TPS54373_15 Datasheet
701Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54373 TI-TPS54373 Datasheet
259Kb / 16P
[Old version datasheet]   3-V TO 6-V INPUT,3-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
TPS54673 TI-TPS54673_15 Datasheet
669Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH DISABLED SINKING DURING START-UP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com