Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD54HC597 Datasheet(PDF) 7 Page - Texas Instruments

Part # CD54HC597
Description  High-Speed CMOS Logic 8-Bit Shift Register with Input Storage
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD54HC597 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CD54HC597_14 Datasheet HTML 3Page - Texas Instruments CD54HC597_14 Datasheet HTML 4Page - Texas Instruments CD54HC597_14 Datasheet HTML 5Page - Texas Instruments CD54HC597_14 Datasheet HTML 6Page - Texas Instruments CD54HC597_14 Datasheet HTML 7Page - Texas Instruments CD54HC597_14 Datasheet HTML 8Page - Texas Instruments CD54HC597_14 Datasheet HTML 9Page - Texas Instruments CD54HC597_14 Datasheet HTML 10Page - Texas Instruments CD54HC597_14 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
MR to Q7
tPLH, tPHL
CL = 50pF
4.5
-
-
44
-
55
-
66
ns
CL = 15pF
5
-
18
-
-
-
-
-
ns
Output Transition Time
tTLH, tTHL
CL = 50pF
4.5
-
-
15
-
19
-
22
ns
Input Capacitance
CI
CL = 50pF
-
-
-
10
-
10
-
10
pF
Power Dissipation
Capacitance, (Notes 3, 4)
CPD
-
5
-
18.5
-
-
-
-
-
pF
NOTES:
3. CPD is used to determine the dynamic power consumption, per package.
4. PD =CPD VCC
2 f
i + Σ (CL VCC
2 f
o) where: fi = Input Frequency, fo = Output Frequency, CL = Output Load Capacitance, VCC = Supply
Voltage.
Switching Specifications Input tr, tf = 6ns (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oCto85oC -55oC to 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
Test Circuits and Waveforms
NOTE: Outputs should be switching from 10% VCC to 90% VCC in
accordance with device truth table. For fMAX, input duty cycle = 50%.
FIGURE 1. HC CLOCK PULSE RISE AND FALL TIMES AND
PULSE WIDTH
NOTE: Outputs should be switching from 10% VCC to 90% VCC in
accordance with device truth table. For fMAX, input duty cycle = 50%.
FIGURE 2. HCT CLOCK PULSE RISE AND FALL TIMES AND
PULSE WIDTH
FIGURE 3. HC TRANSITION TIMES AND PROPAGATION
DELAY TIMES, COMBINATION LOGIC
FIGURE 4. HCT TRANSITION TIMES AND PROPAGATION
DELAY TIMES, COMBINATION LOGIC
CLOCK
90%
50%
10%
GND
VCC
trCL
tfCL
50%
50%
tWL
tWH
10%
tWL + tWH =
fCL
I
CLOCK
2.7V
1.3V
0.3V
GND
3V
trCL = 6ns
tfCL = 6ns
1.3V
1.3V
tWL
tWH
0.3V
tWL + tWH =
fCL
I
tPHL
tPLH
tTHL
tTLH
90%
50%
10%
50%
10%
INVERTING
OUTPUT
INPUT
GND
VCC
tr = 6ns
tf = 6ns
90%
tPHL
tPLH
tTHL
tTLH
2.7V
1.3V
0.3V
1.3V
10%
INVERTING
OUTPUT
INPUT
GND
3V
tr = 6ns
tf = 6ns
90%
CD54HC597, CD74HC597, CD74HCT597


Similar Part No. - CD54HC597_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC597F3A TI-CD54HC597F3A Datasheet
330Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Shift Register with Input Storage
CD54HC597F3A TI-CD54HC597F3A Datasheet
488Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Shift Register with Input Storage
CD54HC597F3A TI-CD54HC597F3A Datasheet
518Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Shift Register with Input Storage
CD54HC597 TI-CD54HC597_07 Datasheet
488Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Shift Register with Input Storage
CD54HC597 TI-CD54HC597_08 Datasheet
518Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Shift Register with Input Storage
More results

Similar Description - CD54HC597_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC597 TI-CD54HC597_07 Datasheet
488Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Shift Register with Input Storage
CD74HC597 TI-CD74HC597 Datasheet
48Kb / 10P
[Old version datasheet]   High Speed CMOS Logic 8-Bit Shift Register with Input Storage
CD54HC597 TI-CD54HC597_08 Datasheet
518Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Shift Register with Input Storage
CD54HC597 TI-CD54HC597 Datasheet
330Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Shift Register with Input Storage
logo
NXP Semiconductors
74F597 PHILIPS-74F597 Datasheet
97Kb / 12P
   8-bit shift register with input storage registers
1991 Sep 13
logo
ON Semiconductor
MC74VHC595 ONSEMI-MC74VHC595_15 Datasheet
117Kb / 11P
   8-Bit Shift Register with Output Storage Register
February, 2015 ??Rev. 6
logo
Motorola, Inc
MC74VHC595 MOTOROLA-MC74VHC595 Datasheet
206Kb / 9P
   8-Bit Shift Register with Output Storage Register
logo
Fairchild Semiconductor
DM74LS299 FAIRCHILD-DM74LS299 Datasheet
65Kb / 6P
   8-Input Universal Shift/Storage Register with
logo
Texas Instruments
CD54HCT299 TI-CD54HCT299_07 Datasheet
431Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Universal Shift Register; Three-State
logo
NXP Semiconductors
74F598 PHILIPS-74F598 Datasheet
115Kb / 14P
   8-bit shift register with input storage registers 3-State
1991 Oct 21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com