Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HCT283 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HCT283
Description  High-Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD74HCT283 Datasheet(HTML) 3 Page - Texas Instruments

  CD74HCT283 Datasheet HTML 1Page - Texas Instruments CD74HCT283 Datasheet HTML 2Page - Texas Instruments CD74HCT283 Datasheet HTML 3Page - Texas Instruments CD74HCT283 Datasheet HTML 4Page - Texas Instruments CD74HCT283 Datasheet HTML 5Page - Texas Instruments CD74HCT283 Datasheet HTML 6Page - Texas Instruments CD74HCT283 Datasheet HTML 7Page - Texas Instruments CD74HCT283 Datasheet HTML 8Page - Texas Instruments CD74HCT283 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
HCT Types
High Level Input
Voltage
VIH
-
-
4.5 to
5.5
2-
-
2
-
2
-
V
Low Level Input
Voltage
VIL
-
-
4.5 to
5.5
-
-
0.8
-
0.8
-
0.8
V
High Level Output
Voltage
CMOS Loads
VOH
VIL or VIH
-0.02
4.5
4.4
-
-
4.4
-
4.4
-
V
High Level Output
Voltage
TTL Loads
VOH
VIL or VIH
-4
4.5
3.98
-
-
3.84
-
3.7
-
V
Low Level Output
Voltage
CMOS Loads
VOL
VIH or VIL
0.02
4.5
-
-
0.1
-
0.1
-
0.1
V
Low Level Output
Voltage
TTL Loads
VOL
VIH or VIL
4
4.5
-
-
0.26
-
0.33
-
0.4
V
Input Leakage
Current
II
VCC to
GND
-
5.5
-
-
±0.1
-
±1-
±1
µA
Quiescent Device
Current
ICC
VCC or
GND
-
5.5
-
-
8
-
80
-
160
µA
Additional Quiescent
Device Current Per
Input Pin: 1 Unit Load
∆ICC
(Note 2)
VCC
- 2.1
-
4.5 to
5.5
-
100
360
-
450
-
490
µA
NOTE:
2. For dual-supply systems theoretical worst case (VI = 2.4V, VCC = 5.5V) specification is 1.8mA.
DC Electrical Specifications (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO 85oC -55oC TO 125oC
UNITS
VI (V)
IO (mA)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HCT Input Loading Table
INPUT
UNIT LOADS
CIN
1.5
B1, A1, A0
1
B0
0.4
B3, A3, A2, B2
0.5
NOTE: Unit Load is
∆ICC limit specified in DC Electrical
Specifications table, e.g., 360
µA max at 25oC.
Switching Specifications Input tr, tf = 6ns
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO
85oC
-55oC TO
125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
Propagation Delay
tPLH, tPHL
CL = 50pF
2
-
-
160
-
200
-
240
ns
CIN to S0
4.5
-
-
32
-
40
-
48
ns
CL = 15pF
5
-
13
-
-
-
-
-
ns
CL = 50pF
6
-
-
27
-
34
-
41
ns
CD54HC283, CD74HC283, CD54HCT283, CD74HCT283


Similar Part No. - CD74HCT283

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HCT283 TI-CD74HCT283 Datasheet
41Kb / 6P
[Old version datasheet]   High Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry
CD74HCT283 TI-CD74HCT283 Datasheet
265Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry
CD74HCT283 TI-CD74HCT283 Datasheet
410Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry
CD74HCT283 TI-CD74HCT283 Datasheet
550Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry
CD74HCT283E TI-CD74HCT283E Datasheet
41Kb / 6P
[Old version datasheet]   High Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry
More results

Similar Description - CD74HCT283

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC283 TI-CD54HC283_08 Datasheet
550Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry
CD54HC283 TI-CD54HC283_07 Datasheet
410Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry
CD54HC283 TI-CD54HC283 Datasheet
265Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry
CD74HC283 TI-CD74HC283 Datasheet
41Kb / 6P
[Old version datasheet]   High Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry
logo
Hitachi Semiconductor
HD74AC283 HITACHI-HD74AC283 Datasheet
63Kb / 12P
   4-bit Binary Full Adder with Fast Carry
logo
National Semiconductor ...
54F283DM NSC-54F283DM Datasheet
184Kb / 10P
   4-Bit Binary Full Adder with Fast Carry
logo
NXP Semiconductors
74HC283N PHILIPS-74HC283N Datasheet
111Kb / 20P
   4-bit binary full adder with fast carry
Rev. 03-11 November 2004
logo
Fairchild Semiconductor
74F283 FAIRCHILD-74F283_04 Datasheet
74Kb / 6P
   4-Bit Binary Full Adder with Fast Carry
logo
Renesas Technology Corp
HD74HC83 RENESAS-HD74HC83 Datasheet
102Kb / 7P
   4-bit Binary Full Adder (with Fast Carry)
logo
Motorola, Inc
SN54LS283 MOTOROLA-SN54LS283 Datasheet
97Kb / 4P
   4-BIT BINARY FULL ADDER WITH FAST CARRY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com