Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54202HDDCR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54202HDDCR
Description  4.5-V to 28-V Input, 2-A Output, SWIFT Synchronous Step Down Voltage Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54202HDDCR Datasheet(HTML) 4 Page - Texas Instruments

  TPS54202HDDCR Datasheet HTML 1Page - Texas Instruments TPS54202HDDCR Datasheet HTML 2Page - Texas Instruments TPS54202HDDCR Datasheet HTML 3Page - Texas Instruments TPS54202HDDCR Datasheet HTML 4Page - Texas Instruments TPS54202HDDCR Datasheet HTML 5Page - Texas Instruments TPS54202HDDCR Datasheet HTML 6Page - Texas Instruments TPS54202HDDCR Datasheet HTML 7Page - Texas Instruments TPS54202HDDCR Datasheet HTML 8Page - Texas Instruments TPS54202HDDCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
TPS54202H
SLVSDG7 – APRIL 2016
www.ti.com
Product Folder Links: TPS54202H
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Input voltage range, VI
VIN
–0.3
30
V
EN
–0.3
7
V
FB
–0.3
7
V
Output voltage range, VO
BOOT-SW
–0.3
7
V
SW
–0.3
30
V
SW (20 ns transient)
–5
30
V
Operating junction temperature, TJ
–40
150
°C
Storage temperature range, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±4000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1500
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VI
Input voltage range
VIN
4.5
28
V
EN
–0.1
7
V
FB
–0.1
7
V
VO
Output voltage range
BOOT-SW
–0.1
7
V
SW
–0.1
28
V
TJ
Operating junction temperature
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
TPS54202H
UNIT
DDC ( SOT23)
6 PINS
RθJA
Junction-to-ambient thermal resistance
89.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
39.5
°C/W
RθJB
Junction-to-board thermal resistance
14.7
°C/W
ψJT
Junction-to-top characterization parameter
1.2
°C/W
ψJB
Junction-to-board characterization parameter
14.7
°C/W


Similar Part No. - TPS54202HDDCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54202 TI1-TPS54202 Datasheet
967Kb / 26P
[Old version datasheet]   4.5-V to 28-V Input, 2-A Output, EMI Friendly Synchronous Step Down Converter
TPS54202DDCR TI1-TPS54202DDCR Datasheet
967Kb / 26P
[Old version datasheet]   4.5-V to 28-V Input, 2-A Output, EMI Friendly Synchronous Step Down Converter
TPS54202DDCT TI1-TPS54202DDCT Datasheet
967Kb / 26P
[Old version datasheet]   4.5-V to 28-V Input, 2-A Output, EMI Friendly Synchronous Step Down Converter
More results

Similar Description - TPS54202HDDCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54202 TI1-TPS54202 Datasheet
967Kb / 26P
[Old version datasheet]   4.5-V to 28-V Input, 2-A Output, EMI Friendly Synchronous Step Down Converter
TPS54335A TI-TPS54335A_15 Datasheet
1Mb / 46P
[Old version datasheet]   TPS5433xA 4.5- to 28-V Input, 3-A Output, Synchronous SWIFT??Step-Down DC-DC Converter
TPS56C215 TI1-TPS56C215 Datasheet
1Mb / 35P
[Old version datasheet]   4.5-V to 17-V Input , 12-A Synchronous Step-Down SWIFT Converter
TPS54339 TI-TPS54339 Datasheet
1,002Kb / 21P
[Old version datasheet]   4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT Converter
TPS568215 TI1-TPS568215 Datasheet
461Kb / 10P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT??Converter
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
TPS568215OA TI1-TPS568215OA Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT Converter
TPS54A24 TI1-TPS54A24 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 17-V Input, 10-A Synchronous SWIFT Step-Down Converter
TPS54339 TI-TPS54339_15 Datasheet
964Kb / 22P
[Old version datasheet]   4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT??Converter
TPS54620 TI-TPS54620_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS54620 4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT??Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com