Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC126M Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC126M
Description  High-Speed CMOS Logic Quad Buffer, Three-State
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD74HC126M Datasheet(HTML) 8 Page - Texas Instruments

Back Button CD74HC126M Datasheet HTML 4Page - Texas Instruments CD74HC126M Datasheet HTML 5Page - Texas Instruments CD74HC126M Datasheet HTML 6Page - Texas Instruments CD74HC126M Datasheet HTML 7Page - Texas Instruments CD74HC126M Datasheet HTML 8Page - Texas Instruments CD74HC126M Datasheet HTML 9Page - Texas Instruments CD74HC126M Datasheet HTML 10Page - Texas Instruments CD74HC126M Datasheet HTML 11Page - Texas Instruments CD74HC126M Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
24-Sep-2015
Addendum-Page 2
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.
OTHER QUALIFIED VERSIONS OF CD54HC126, CD54HCT126, CD74HC126, CD74HCT126 :
Catalog: CD74HC126, CD74HCT126
Military: CD54HC126, CD54HCT126


Similar Part No. - CD74HC126M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC126M TI-CD74HC126M Datasheet
36Kb / 7P
[Old version datasheet]   High Speed CMOS Logic Quad Buffer, Three-State
CD74HC126M TI-CD74HC126M Datasheet
257Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Quad Buffer, Three-State
CD74HC126M TI-CD74HC126M Datasheet
444Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Quad Buffer, Three-State
CD74HC126M96 TI-CD74HC126M96 Datasheet
257Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Quad Buffer, Three-State
CD74HC126M96 TI-CD74HC126M96 Datasheet
444Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Quad Buffer, Three-State
More results

Similar Description - CD74HC126M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC125 TI-CD54HC125 Datasheet
269Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic Quad Buffer, Three-State
CD74HC125 TI-CD74HC125 Datasheet
36Kb / 7P
[Old version datasheet]   High Speed CMOS Logic Quad Buffer, Three-State
CD74HC126 TI-CD74HC126 Datasheet
36Kb / 7P
[Old version datasheet]   High Speed CMOS Logic Quad Buffer, Three-State
CD54HC126 TI-CD54HC126_08 Datasheet
444Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Quad Buffer, Three-State
CD54HC125 TI1-CD54HC125_14 Datasheet
618Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Quad Buffer, Three-State
CD54HC125 TI-CD54HC125_06 Datasheet
265Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Quad Buffer, Three-State
CD54HC126 TI-CD54HC126 Datasheet
257Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Quad Buffer, Three-State
CD54HC240 TI-CD54HC240_07 Datasheet
445Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic Octal Buffer/Line Drivers, Three-State
CD54HC240 TI-CD54HC240_08 Datasheet
475Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic Octal Buffer/Line Drivers, Three-State
CD54HC240 TI-CD54HC240 Datasheet
306Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Octal Buffer/Line Drivers, Three-State
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com