Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC00M96G4 Datasheet(PDF) 5 Page - Texas Instruments

Part # CD74HC00M96G4
Description  High-Speed CMOS Logic Quad 2-Input NAND Gate
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD74HC00M96G4 Datasheet(HTML) 5 Page - Texas Instruments

  CD74HC00M96G4 Datasheet HTML 1Page - Texas Instruments CD74HC00M96G4 Datasheet HTML 2Page - Texas Instruments CD74HC00M96G4 Datasheet HTML 3Page - Texas Instruments CD74HC00M96G4 Datasheet HTML 4Page - Texas Instruments CD74HC00M96G4 Datasheet HTML 5Page - Texas Instruments CD74HC00M96G4 Datasheet HTML 6Page - Texas Instruments CD74HC00M96G4 Datasheet HTML 7Page - Texas Instruments CD74HC00M96G4 Datasheet HTML 8Page - Texas Instruments CD74HC00M96G4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
Transition Times (Figure 1)
tTLH, tTHL CL = 50pF
2
-
-
75
-
95
18
110
ns
4.5
-
-
15
-
19
-
22
ns
6
-
-
13
-
16
-
19
ns
Input Capacitance
CI
-
-
-
-
10
-
10
-
10
pF
Power Dissipation Capacitance
(Notes 3, 4)
CPD
-
5
-
25
-
----
pF
HCT TYPES
Propagation Delay, Input to
Output (Figure 2)
tPLH, tPHL CL = 50pF
4.5
-
-
20
-
25
-
30
ns
Propagation Delay, Data Input to
Output Y
tPLH, tPHL CL = 15pF
5
-
8
-
----
pF
Transition Times (Figure 2)
tTLH, tTHL CL = 50pF
4.5
-
-
15
-
19
-
22
ns
Input Capacitance
CI
-
-
-
-
10
-
10
-
10
pF
Power Dissipation Capacitance
(Notes 3, 4)
CPD
-
5
-
25
-
----
pF
NOTES:
3. CPD is used to determine the dynamic power consumption, per gate.
4. PD = VCC
2 f
i (CPD + CL) where fi = input frequency, CL = output load capacitance, VCC = supply voltage.
Switching Specifications Input tr, tf = 6ns (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
Test Circuits and Waveforms
FIGURE 1. HC AND HCU TRANSITION TIMES AND PROPAGA-
TION DELAY TIMES, COMBINATION LOGIC
FIGURE 2. HCT TRANSITION TIMES AND PROPAGATION
DELAY TIMES, COMBINATION LOGIC
tPHL
tPLH
tTHL
tTLH
90%
50%
10%
50%
10%
INVERTING
OUTPUT
INPUT
GND
VCC
tr = 6ns
tf = 6ns
90%
tPHL
tPLH
tTHL
tTLH
2.7V
1.3V
0.3V
1.3V
10%
INVERTING
OUTPUT
INPUT
GND
3V
tr = 6ns
tf = 6ns
90%
INPUT LEVEL
HC TYPES
HCT TYPES
VCC
3V
VS
50% VCC
1.3V
NOTE: Transition times and propagation delay times.
CD54HC00, CD74HC00, CD54HCT00, CD74HCT00


Similar Part No. - CD74HC00M96G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC00M96G4 TI1-CD74HC00M96G4 Datasheet
615Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input NAND Gate
More results

Similar Description - CD74HC00M96G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC00M96G4 TI1-CD74HC00M96G4 Datasheet
615Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input NAND Gate
CD54HC00 TI-CD54HC00 Datasheet
33Kb / 10P
[Old version datasheet]   High Speed CMOS Logic Quad 2-Input NAND Gate
CD54HC00 TI1-CD54HC00_14 Datasheet
618Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input NAND Gate
logo
ELM Technology Corporat...
ELM7SH00XB ELM-TECH-ELM7SH00XB Datasheet
279Kb / 3P
   HIGH SPEED CMOS LOGIC IC 2-input NAND gate
logo
Texas Instruments
CD74HC03 TI-CD74HC03 Datasheet
46Kb / 6P
[Old version datasheet]   High Speed CMOS Logic Quad 2-Input NAND Gate with Open Drain
CD54HC03 TI-CD54HC03 Datasheet
258Kb / 9P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input NAND Gate with Open Drain
CD54HC03 TI-CD54HC03_07 Datasheet
415Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input NAND Gate with Open Drain
logo
Integral Corp.
IN74ACT00 INTEGRAL-IN74ACT00 Datasheet
102Kb / 4P
   Quad 2-Input NAND Gate High-Speed Silicon-Gate CMOS
IN74AC00 INTEGRAL-IN74AC00 Datasheet
101Kb / 4P
   Quad 2-Input NAND Gate High-Speed Silicon-Gate CMOS
logo
Texas Instruments
CD54HC03 TI-CD54HC03_08 Datasheet
444Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input NAND Gate with Open Drain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com