Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC251M Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC251M
Description  High-Speed CMOS Logic 8-Input Multiplexer, Three-State
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD74HC251M Datasheet(HTML) 8 Page - Texas Instruments

Back Button CD74HC251M Datasheet HTML 4Page - Texas Instruments CD74HC251M Datasheet HTML 5Page - Texas Instruments CD74HC251M Datasheet HTML 6Page - Texas Instruments CD74HC251M Datasheet HTML 7Page - Texas Instruments CD74HC251M Datasheet HTML 8Page - Texas Instruments CD74HC251M Datasheet HTML 9Page - Texas Instruments CD74HC251M Datasheet HTML 10Page - Texas Instruments CD74HC251M Datasheet HTML 11Page - Texas Instruments CD74HC251M Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
10-Jun-2014
Addendum-Page 2
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
CD74HCT251MT
ACTIVE
SOIC
D
16
250
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
HCT251M
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.
OTHER QUALIFIED VERSIONS OF CD54HC251, CD54HCT251, CD74HC251, CD74HCT251 :


Similar Part No. - CD74HC251M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC251M TI-CD74HC251M Datasheet
37Kb / 7P
[Old version datasheet]   High Speed CMOS Logic 8-Input Multiplexer; Three-State
CD74HC251M TI-CD74HC251M Datasheet
271Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic 8-Input Multiplexer, Three-State
CD74HC251M96 TI-CD74HC251M96 Datasheet
271Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic 8-Input Multiplexer, Three-State
CD74HC251MG4 TI-CD74HC251MG4 Datasheet
271Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic 8-Input Multiplexer, Three-State
CD74HC251MT TI-CD74HC251MT Datasheet
271Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic 8-Input Multiplexer, Three-State
More results

Similar Description - CD74HC251M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HCT251 TI-CD54HCT251 Datasheet
271Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic 8-Input Multiplexer, Three-State
CD74HC251 TI-CD74HC251 Datasheet
37Kb / 7P
[Old version datasheet]   High Speed CMOS Logic 8-Input Multiplexer; Three-State
CD74HCT356 TI-CD74HCT356 Datasheet
235Kb / 8P
[Old version datasheet]   High-Speed CMOS Logic 8-Input Multiplexer/Register, Three-State
CD54-74HC354 TI-CD54-74HC354 Datasheet
304Kb / 11P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC(8-INPUT MULTIPLEXER/REGISTER, 3-STATE)
CD74HC151 TI-CD74HC151 Datasheet
42Kb / 7P
[Old version datasheet]   High Speed CMOS Logic 8-Input Multiplexer
CD54HC151 TI-CD54HC151_07 Datasheet
411Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic 8-Input Multiplexer
CD54HC151 TI-CD54HC151 Datasheet
267Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic 8-Input Multiplexer
CD74AC251 TI-CD74AC251 Datasheet
38Kb / 8P
[Old version datasheet]   8-Input Multiplexer, Three-State
CD74AC251 TI1-CD74AC251_14 Datasheet
690Kb / 14P
[Old version datasheet]   8-Input Multiplexer, Three-State
CD54HCT257 TI-CD54HCT257 Datasheet
276Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input Multiplexer with Three-State Non-Inverting Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com