Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA695IDBVR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA695IDBVR
Description  Ultra-Wideband, Current-Feedback Operational Amplifier With Disable
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA695IDBVR Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA695IDBVR Datasheet HTML 2Page - Texas Instruments OPA695IDBVR Datasheet HTML 3Page - Texas Instruments OPA695IDBVR Datasheet HTML 4Page - Texas Instruments OPA695IDBVR Datasheet HTML 5Page - Texas Instruments OPA695IDBVR Datasheet HTML 6Page - Texas Instruments OPA695IDBVR Datasheet HTML 7Page - Texas Instruments OPA695IDBVR Datasheet HTML 8Page - Texas Instruments OPA695IDBVR Datasheet HTML 9Page - Texas Instruments OPA695IDBVR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 58 page
background image
OPA695
SBOS293H – DECEMBER 2003 – REVISED DECEMBER 2015
www.ti.com
Electrical Characteristics (continued)
RF = 348 Ω, RL = 100 Ω to VS/2, and G = +8, (see Figure 50 for AC performance only), unless otherwise noted.
TEST
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LEVEL
(1)
25°C(2)
22
24
Inverting input current noise
f > 1 MHz
0°C to 70°C(3)
26 pA/
√Hz
B
–40°C to +85°C(3)
27
G = +2, NTSC, VO = 1.4 Vp,
Differential gain
25°C
0.04%
C
RL = 150 Ω
G = +2, NTSC, VO = 1.4 Vp,
Differntial phase
25°C
0.007
deg
deg
RL = 150 Ω
DC PERFORMANCE(4)
25°C(2)
45(5)
85
Open-loop transimpedance gain
VO = 0 V, RL = 100
0°C to 70°C(3)
43
k
Ω
A
(ZOL)
–40°C to +85°C(3)
41
25°C(2)
±0.3 ±3.0(5)
Input offset voltage
VCM = 0 V
0°C to 70°C(3)
±3.5
mV
A
–40°C to +85°C(3)
±4
0°C to 70°C(3)
±10
Average offset voltage drift
VCM = 0 V
μV/°C
B
–40°C to +85°C(3)
±15
25°C(2)
±13
±30(5)
Noninverting input bias current
VCM = 0 V
0°C to 70°C(3)
±37
μA
A
–40°C to +85°C(3)
±41
0°C to 70°C(3)
150
Average noninventing input bias
VCM = 0 V
µA
A
current drift
–40°C to +85°C(3)
150
25°C(2)
±20
±60(5)
Inverting input bias current
VCM = 0 V
0°C to 70°C(3)
±66
µA
A
–40°C to +85°C(3)
±70
0°C to 70°C(3)
±120
Average inventing bias current
VCM = 0 V
nA/°C
B
drift
–40°C to +85°C(3)
±160
INPUT
25°C(2)
±3.1(5)
±3.3
Common-mode input range(6)
0°C to 70°C(3)
±3
V
A
(CMIR)
–40°C to +85°C(3)
±3
25°C(2)
51(5)
56
Common-mode rejection ratio
VCM = 0 V
0°C to 70°C(3)
50
dB
A
(CMRR)
–40°C to +85°C(3)
50
Noninverting input impedance
25°C(2)
280 || 1.2
k
Ω || pF
C
Inverting input resistance (Rl)
Open-loop
25°C(2)
29
Ω
C
OUTPUT
25°C(2)
±4(5)
±4.2
No load
0°C to 70°C(3)
±3.9
–40°C to +85°C(3)
±3.9
Voltage output swing
V
A
25°C(2)
±3.7(5)
±3.9
100-
Ω load
0°C to 70°C(3)
±3.7
–40°C to +85°C(3)
±3.6
(4)
Current is considered positive out-of-node. VCM is the input common-mode voltage.
(5)
Limits are tested at +25°C.
(6)
Tested < 3 dB below minimum specified CMRR at ± CMIR limits.
6
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: OPA695


Similar Part No. - OPA695IDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA695IDBVR TI-OPA695IDBVR Datasheet
570Kb / 32P
[Old version datasheet]   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
OPA695IDBVRG4 TI1-OPA695IDBVRG4 Datasheet
965Kb / 48P
[Old version datasheet]   Ultra-Wideband, Current-Feedback Operational Amplifier With Disable
More results

Similar Description - OPA695IDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA695IDGKR TI1-OPA695IDGKR Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
OPA695 TI1-OPA695 Datasheet
965Kb / 48P
[Old version datasheet]   Ultra-Wideband, Current-Feedback Operational Amplifier With Disable
OPA695 TI-OPA695 Datasheet
570Kb / 32P
[Old version datasheet]   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA685 BURR-BROWN-OPA685 Datasheet
283Kb / 28P
   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable TM
logo
Texas Instruments
OPA3695 TI1-OPA3695_14 Datasheet
1Mb / 39P
[Old version datasheet]   Triple, Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER with Disable
OPA2695 TI-OPA2695 Datasheet
1Mb / 40P
[Old version datasheet]   Dual, Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Burr-Brown (TI)
OPA681 BURR-BROWN-OPA681 Datasheet
241Kb / 21P
   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA691 TI-OPA691 Datasheet
410Kb / 23P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
OPA691 TI1-OPA691_15 Datasheet
1Mb / 31P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA2681 BURR-BROWN-OPA2681 Datasheet
292Kb / 21P
   Dual Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com