Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA698IDRG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA698IDRG4
Description  Unity-Gain Stable, Wideband Voltage Limiting Amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA698IDRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA698IDRG4 Datasheet HTML 4Page - Texas Instruments OPA698IDRG4 Datasheet HTML 5Page - Texas Instruments OPA698IDRG4 Datasheet HTML 6Page - Texas Instruments OPA698IDRG4 Datasheet HTML 7Page - Texas Instruments OPA698IDRG4 Datasheet HTML 8Page - Texas Instruments OPA698IDRG4 Datasheet HTML 9Page - Texas Instruments OPA698IDRG4 Datasheet HTML 10Page - Texas Instruments OPA698IDRG4 Datasheet HTML 11Page - Texas Instruments OPA698IDRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
OPA698
8
SBOS258D
www.ti.com
TYPICAL CHARACTERISTICS: VS = ±5V (Cont.)
TA = +25°C, G = +2, RF = 402Ω, and RL = 500Ω, VH = –VL = 2V, unless otherwise noted.
DETAIL OF LIMITED OUTPUT VOLTAGE
Time (50ns/div)
2.10
2.05
2.00
1.95
1.90
1.85
1.80
1.75
1.70
1.65
1.60
V
O
SMALL-SIGNAL PULSE RESPONSE
Time (5ns/div)
0.25
0.20
0.15
0.10
0.05
0.00
–0.05
–0.10
–0.15
–0.20
–0.25
V
O = 0.2VPP
See Figure 1
V
H—LIMITED PULSE RESPONSE
Time (5ns/div)
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–2.5
G = +2
V
IN = 0 → +2V
V
H = +2V
V
OUT
V
IN
V
L—LIMITED PULSE RESPONSE (20MHz)
Time (5ns/div)
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–2.5
V
IN = 0 → –2V
G = +2
V
L = –2V
V
OUT
V
IN
LIMITED OUTPUT RESPONSE
Time (200ns/div)
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–2.5
V
H = –VL = 2V
G = +2
V
OUT
V
IN
LARGE-SIGNAL PULSE RESPONSE
Time (5ns/div)
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–2.5
V
O = 4VPP
V
H = –VL = 2.5V
See Figure 1


Similar Part No. - OPA698IDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA698IDRG4 TI1-OPA698IDRG4 Datasheet
843Kb / 32P
[Old version datasheet]   Unity-Gain Stable, Wideband Voltage Limiting Amplifier
More results

Similar Description - OPA698IDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA698 TI-OPA698 Datasheet
482Kb / 27P
[Old version datasheet]   Unity-Gain Stable, Wideband Voltage Limiting Amplifier
logo
Burr-Brown (TI)
OPA688 BURR-BROWN-OPA688 Datasheet
185Kb / 16P
   Unity Gain Stable, Wideband VOLTAGE LIMITING AMPLIFIER
logo
Texas Instruments
OPA698IDG4 TI1-OPA698IDG4 Datasheet
843Kb / 32P
[Old version datasheet]   Unity-Gain Stable, Wideband Voltage Limiting Amplifier
OPA698M TI-OPA698M Datasheet
566Kb / 32P
[Old version datasheet]   UNITY-GAIN STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
OPA688 TI1-OPA688 Datasheet
302Kb / 18P
[Old version datasheet]   Unity Gain Stable, Wideband VOLTAGE LIMITING AMPLIFIER
OPA698M TI1-OPA698M Datasheet
566Kb / 32P
[Old version datasheet]   UNITY-GAIN STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
OPA688M TI1-OPA688M Datasheet
348Kb / 23P
[Old version datasheet]   UNITY-GAIN-STABLE WIDEBAND VOLTAGE LIMITING AMP LIFIER
OPA699M TI1-OPA699M Datasheet
532Kb / 32P
[Old version datasheet]   GAIN 4 STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
OPA689M TI1-OPA689M Datasheet
269Kb / 22P
[Old version datasheet]   GAIN 4 STABLE WIDEBAND VOLTAGE-LIMITING AMPLIFIER
OPA699M TI-OPA699M Datasheet
532Kb / 32P
[Old version datasheet]   GAIN 4 STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com