Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA699ID Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA699ID
Description  Wideband, High Gain VOLTAGE LIMITING AMPLIFIER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA699ID Datasheet(HTML) 2 Page - Texas Instruments

  OPA699ID Datasheet HTML 1Page - Texas Instruments OPA699ID Datasheet HTML 2Page - Texas Instruments OPA699ID Datasheet HTML 3Page - Texas Instruments OPA699ID Datasheet HTML 4Page - Texas Instruments OPA699ID Datasheet HTML 5Page - Texas Instruments OPA699ID Datasheet HTML 6Page - Texas Instruments OPA699ID Datasheet HTML 7Page - Texas Instruments OPA699ID Datasheet HTML 8Page - Texas Instruments OPA699ID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
OPA699
2
SBOS261D
www.ti.com
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
OPA699
SO-8
D
–40
°C to +85°C
OPA699ID
OPA699ID
Rails, 100
""
"
"
"
OPA699IDR
Tape and Reel, 2500
Supply Voltage .................................................................................
±6.5V
Internal Power Dissipation ........................... See Thermal Characteristics
Input Voltage Range ............................................................................
±V
S
Differential Input Voltage .....................................................................
±V
S
Limiter Voltage Range ...........................................................
±(V
S – 0.7V)
Storage Temperature Range: D ..................................... –65
°C to +125°C
Lead Temperature (SO-8, soldering, 3s) ...................................... +260
°C
Junction Temperature .................................................................... +150
°C
ESD Resistance: HBM .................................................................... 2000V
MM ........................................................................ 200V
CDM ................................................................... 1000V
NOTE: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may degrade
device reliability.
PIN CONFIGURATION
Top View
SO
ABSOLUTE MAXIMUM RATINGS(1)
PACKAGE/ORDERING INFORMATION(1)
SINGLES
DUALS
DESCRIPTION
Output Limiting
OPA698
Unity Gain Stable, Wideband
Voltage Feedback
OPA690
OPA2690
High Slew, Unity Gain Stable
RELATED PRODUCTS
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
1
2
3
4
8
7
6
5
NC
Inverting Input
Noninverting Input
–V
S
V
H
+V
S
Output
V
L
NC = No Connection
NOTE: (1) For the most current package and ordering information, see the Package Option Addendum located at the end of this document, or see the TI website
at www.ti.com.


Similar Part No. - OPA699ID

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA699ID BURR-BROWN-OPA699ID Datasheet
461Kb / 25P
   Wideband, High Gain VOLTAGE LIMITING AMPLIFIER
logo
Texas Instruments
OPA699ID TI1-OPA699ID Datasheet
1Mb / 31P
[Old version datasheet]   Wideband, High Gain VOLTAGE LIMITING AMPLIFIER
OPA699IDG4 TI1-OPA699IDG4 Datasheet
1Mb / 31P
[Old version datasheet]   Wideband, High Gain VOLTAGE LIMITING AMPLIFIER
logo
Burr-Brown (TI)
OPA699IDR BURR-BROWN-OPA699IDR Datasheet
461Kb / 25P
   Wideband, High Gain VOLTAGE LIMITING AMPLIFIER
logo
Texas Instruments
OPA699IDR TI1-OPA699IDR Datasheet
1Mb / 31P
[Old version datasheet]   Wideband, High Gain VOLTAGE LIMITING AMPLIFIER
More results

Similar Description - OPA699ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA699 TI1-OPA699_14 Datasheet
1Mb / 31P
[Old version datasheet]   Wideband, High Gain VOLTAGE LIMITING AMPLIFIER
logo
Burr-Brown (TI)
OPA689 BURR-BROWN-OPA689 Datasheet
175Kb / 16P
   Wideband, High Gain VOLTAGE LIMITING AMPLIFIER
OPA699 BURR-BROWN-OPA699 Datasheet
461Kb / 25P
   Wideband, High Gain VOLTAGE LIMITING AMPLIFIER
logo
Texas Instruments
OPA689 TI1-OPA689 Datasheet
306Kb / 20P
[Old version datasheet]   Wideband, High Gain VOLTAGE LIMITING AMPLIFIER
OPA689M TI1-OPA689M Datasheet
269Kb / 22P
[Old version datasheet]   GAIN 4 STABLE WIDEBAND VOLTAGE-LIMITING AMPLIFIER
OPA699M TI-OPA699M Datasheet
532Kb / 32P
[Old version datasheet]   GAIN 4 STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
OPA698M TI-OPA698M Datasheet
566Kb / 32P
[Old version datasheet]   UNITY-GAIN STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
OPA688 TI1-OPA688 Datasheet
302Kb / 18P
[Old version datasheet]   Unity Gain Stable, Wideband VOLTAGE LIMITING AMPLIFIER
OPA699M TI1-OPA699M Datasheet
532Kb / 32P
[Old version datasheet]   GAIN 4 STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
OPA698IDG4 TI1-OPA698IDG4 Datasheet
843Kb / 32P
[Old version datasheet]   Unity-Gain Stable, Wideband Voltage Limiting Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com