Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM136AH-2.5RLQV Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM136AH-2.5RLQV
Description  2.5V Reference Diode
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM136AH-2.5RLQV Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM136AH-2.5RLQV Datasheet HTML 4Page - Texas Instruments LM136AH-2.5RLQV Datasheet HTML 5Page - Texas Instruments LM136AH-2.5RLQV Datasheet HTML 6Page - Texas Instruments LM136AH-2.5RLQV Datasheet HTML 7Page - Texas Instruments LM136AH-2.5RLQV Datasheet HTML 8Page - Texas Instruments LM136AH-2.5RLQV Datasheet HTML 9Page - Texas Instruments LM136AH-2.5RLQV Datasheet HTML 10Page - Texas Instruments LM136AH-2.5RLQV Datasheet HTML 11Page - Texas Instruments LM136AH-2.5RLQV Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
LM136A-2.5QML, LM136A-2.5QML-SP
SNOSAM3E – JULY 2007 – REVISED APPRIL 2013
www.ti.com
APPLICATION HINTS
The LM136 voltage reference is much easier to use than ordinary zener diodes. It's low impedance and wide
operating current range simplify biasing in almost any circuit. Further, either the breakdown voltage or the
temperature coefficient can be adjusted to optimize circuit performance.
Figure 12 shows an LM136 with a 10k potentiometer for adjusting the reverse breakdown voltage. With the
addition of R1 the breakdown voltage can be adjusted without affecting the temperature coefficient of the device.
The adjustment range is usually sufficient to adjust for both the initial device tolerance and inaccuracies in buffer
circuitry.
If minimum temperature coefficient is desired, two diodes can be added in series with the adjustment
potentiometer as shown in Figure 13. When the device is adjusted to 2.490V the temperature coefficient is
minimized. Almost any silicon signal diode can be used for this purpose such as a 1N914, 1N4148 or a 1N457.
For proper temperature compensation the diodes should be in the same thermal environment as the LM136. It is
usually sufficient to mount the diodes near the LM136 on the printed circuit board. The absolute resistance of R1
is not critical and any value from 2k to 20k will work.
Figure 12. LM136 With Pot for Adjustment
of Breakdown Voltage
(Trim Range = ±120 mV typical)
Figure 13. Temperature Coefficient Adjustment
(Trim Range = ±70 mV typical)
8
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM136A-2.5QML LM136A-2.5QML-SP


Similar Part No. - LM136AH-2.5RLQV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM136AH-2.5RLQV NSC-LM136AH-2.5RLQV Datasheet
276Kb / 12P
   Reference Diode
LM136AH-2.5RLQV NSC-LM136AH-2.5RLQV Datasheet
311Kb / 14P
   Reference Diode
logo
Texas Instruments
LM136AH-2.5RLQV TI1-LM136AH-2.5RLQV Datasheet
304Kb / 16P
[Old version datasheet]   LM136A-2.5QML 2.5V Reference Diode
LM136AH-2.5RLQV TI1-LM136AH-2.5RLQV Datasheet
493Kb / 18P
[Old version datasheet]   LM136A-2.5QML 2.5V Reference Diode
More results

Similar Description - LM136AH-2.5RLQV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM136 NSC-LM136 Datasheet
108Kb / 8P
   2.5V REFERENCE DIODE
logo
Texas Instruments
LM136A-2.5QML TI1-LM136A-2.5QML_17 Datasheet
493Kb / 18P
[Old version datasheet]   LM136A-2.5QML 2.5V Reference Diode
LM136A-2.5QML-SP TI-LM136A-2.5QML-SP_15 Datasheet
423Kb / 17P
[Old version datasheet]   LM136A-2.5QML 2.5V Reference Diode
LM136A-2.5QML TI1-LM136A-2.5QML Datasheet
304Kb / 16P
[Old version datasheet]   LM136A-2.5QML 2.5V Reference Diode
LM136A-2.5QML TI-LM136A-2.5QML_15 Datasheet
423Kb / 17P
[Old version datasheet]   LM136A-2.5QML 2.5V Reference Diode
logo
Linear Technology
LT1009 LINER-LT1009 Datasheet
140Kb / 8P
   2.5V Reference
RH1009 LINER-RH1009 Datasheet
125Kb / 2P
   2.5V Reference
LM136-2.5 LINER-LM136-2.5_15 Datasheet
137Kb / 4P
   2.5V Reference
LT1009 LINER-LT1009_05 Datasheet
119Kb / 8P
   2.5V Reference
LM136-2.5 LINER-LM136-2.5 Datasheet
131Kb / 4P
   2.5V Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com