Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA726 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA726
Description  Very Low Noise, High-Speed, 12V CMOS Operational Amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA726 Datasheet(HTML) 2 Page - Texas Instruments

  OPA726 Datasheet HTML 1Page - Texas Instruments OPA726 Datasheet HTML 2Page - Texas Instruments OPA726 Datasheet HTML 3Page - Texas Instruments OPA726 Datasheet HTML 4Page - Texas Instruments OPA726 Datasheet HTML 5Page - Texas Instruments OPA726 Datasheet HTML 6Page - Texas Instruments OPA726 Datasheet HTML 7Page - Texas Instruments OPA726 Datasheet HTML 8Page - Texas Instruments OPA726 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
OPA725, OPA2725
OPA726, OPA2726
SBOS278B − SEPTEMBER 2003 − REVISED JANUARY 2004
www.ti.com
2
ORDERING INFORMATION
PRODUCT
PACKAGE-LEAD
PACKAGE
DESIGNATOR(1)
SPECIFIED
TEMPERATURE
RANGE
PACKAGE
MARKING
ORDERING
NUMBER
TRANSPORT
MEDIA, QUANTITY
Non-Shutdown
OPA725
SOT23-5
DBV
−40
°C to +125°C
OALI
OPA725AIDBVT
Tape and Reel, 250
OPA725AIDBVR
Tape and Reel, 3000
OPA725
SO-8
D
−40
°C to +125°C
OPA725A
OPA725AID
Rails, 100
OPA725AIDR
Tape and Reel, 2500
OPA2725
SO-8
D
−40
°C to +125°C
OPA2725A
OPA2725AID
Rails, 100
OPA2725AIDR
Tape and Reel, 2500
OPA2725
MSOP-8
DGK
−40
°C to +125°C
BGM
OPA2725AIDGKT
Tape and Reel, 250
OPA2725AIDGKR
Tape and Reel, 2500
Shutdown
OPA726
SO-8
D
−40
°C to +125°C
OPA726A
OPA726AID
Rails, 100
OPA726AIDR
Tape and Reel, 2500
OPA726
MSOP-8
DGK
−40
°C to +125°C
BHC
OPA726AIDGKT
Tape and Reel, 250
OPA726AIDGKR
Tape and Reel, 2500
OPA2726
MSOP-10
DGS
−40
°C to +125°C
BHB
OPA2726AIDGST
Tape and Reel, 250
OPA2726AIDGSR
Tape and Reel, 2500
(1) For the most current package and ordering information, see the Package Option Addendum located at the end of this datasheet.
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be
handled with appropriate precautions. Failure to observe
proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
ABSOLUTE MAXIMUM RATINGS(1)
Supply Voltage
+13.2V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Signal Input Terminals, Voltage(2)
−0.5V to (V+) + 0.5V
. . . . . . . . .
Current(2)
±10mA
. . . . . . . . . . . . . . . . . . .
Output Short Circuit(3)
Continuous
. . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature
−55
°C to +125°C
. . . . . . . . . . . . . . . . . . . . .
Storage Termperature
−55
°C to +150°C
. . . . . . . . . . . . . . . . . . . . . .
Junction Temperature
+150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead Temperature (soldering, 10s)
+300
°C
. . . . . . . . . . . . . . . . . . . .
ESD Rating (Human Body Model)
1000 V
. . . . . . . . . . . . . . . . . . . .
(1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods
may degrade device reliability. These are stress ratings only, and
functional operation of the device at these or any other conditions
beyond those specified is not supported.
(2) Input terminals are diode-clamped to the power-supply rails.
Input signals that can swing more than 0.5V beyond the supply
rails should be current limited to 10mA or less.
(3) Short-circuit to ground, one amplifier per package.


Similar Part No. - OPA726

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA726 BURR-BROWN-OPA726 Datasheet
458Kb / 20P
   Very Low Noise, High-Speed, 12V CMOS Operational Amplifier
logo
Texas Instruments
OPA726 TI1-OPA726 Datasheet
1Mb / 28P
[Old version datasheet]   Very Low Noise, High-Speed, 12V CMOS Operational Amplifier
logo
Burr-Brown (TI)
OPA726AID BURR-BROWN-OPA726AID Datasheet
458Kb / 20P
   Very Low Noise, High-Speed, 12V CMOS Operational Amplifier
OPA726AIDGKR BURR-BROWN-OPA726AIDGKR Datasheet
458Kb / 20P
   Very Low Noise, High-Speed, 12V CMOS Operational Amplifier
OPA726AIDGKT BURR-BROWN-OPA726AIDGKT Datasheet
458Kb / 20P
   Very Low Noise, High-Speed, 12V CMOS Operational Amplifier
More results

Similar Description - OPA726

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA725 BURR-BROWN-OPA725 Datasheet
458Kb / 20P
   Very Low Noise, High-Speed, 12V CMOS Operational Amplifier
logo
Texas Instruments
OPA726AIDGKTG4 TI1-OPA726AIDGKTG4 Datasheet
1Mb / 28P
[Old version datasheet]   Very Low Noise, High-Speed, 12V CMOS Operational Amplifier
logo
Linear Technology
LT1226 LINER-LT1226_15 Datasheet
220Kb / 8P
   Low Noise Very High Speed Operational Amplifier
LT1226 LINER-LT1226 Datasheet
235Kb / 8P
   Low Noise Very High Speed Operational Amplifier
LT1224 LINER-LT1224_15 Datasheet
217Kb / 8P
   Very High Speed Operational Amplifier
LT1225 LINER-LT1225_15 Datasheet
231Kb / 8P
   Very High Speed Operational Amplifier
LT1224 LINER-LT1224 Datasheet
233Kb / 8P
   Very High Speed Operational Amplifier
LT1225 LINER-LT1225 Datasheet
246Kb / 8P
   Very High Speed Operational Amplifier
logo
Analog Devices
OP470 AD-OP470_15 Datasheet
3Mb / 16P
   Very Low Noise Quad Operational Amplifier
OP470GPZ AD-OP470GPZ Datasheet
3Mb / 16P
   Very Low Noise Quad Operational Amplifier
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com