Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA820 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA820
Description  Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA820 Datasheet(HTML) 1 Page - Texas Instruments

  OPA820 Datasheet HTML 1Page - Texas Instruments OPA820 Datasheet HTML 2Page - Texas Instruments OPA820 Datasheet HTML 3Page - Texas Instruments OPA820 Datasheet HTML 4Page - Texas Instruments OPA820 Datasheet HTML 5Page - Texas Instruments OPA820 Datasheet HTML 6Page - Texas Instruments OPA820 Datasheet HTML 7Page - Texas Instruments OPA820 Datasheet HTML 8Page - Texas Instruments OPA820 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
FEATURES
D HIGH BANDWIDTH (240MHz, G = +2)
D HIGH OUTPUT CURRENT (±110mA)
D LOW INPUT NOISE (2.5nV/√Hz)
D LOW SUPPLY CURRENT (5.6mA)
D FLEXIBLE SUPPLY VOLTAGE:
Dual
±2.5V to ±6V
Single +5V to +12V
D EXCELLENT DC ACCURACY:
Maximum 25
°C Input Offset Voltage = ±750µV
Maximum 25
°C Input Offset Current = ±400nA
APPLICATIONS
D LOW-COST VIDEO LINE DRIVERS
D ADC PREAMPLIFIERS
D ACTIVE FILTERS
D LOW-NOISE INTEGRATORS
D PORTABLE TEST EQUIPMENT
D OPTICAL CHANNEL AMPLIFIERS
D LOW-POWER, BASEBAND AMPLIFIERS
D CCD IMAGING CHANNEL AMPLIFIERS
D OPA650 AND OPA620 UPGRADE
DESCRIPTION
The OPA820 provides a wideband, unity-gain stable,
voltage-feedback amplifier with a very low input noise voltage
and high output current using a low 5.6mA supply current. At
unity-gain, the OPA820 gives > 800MHz bandwidth with < 1dB
peaking.
The
OPA820
complements
this
high-speed
operation with excellent DC precision in a low-power device.
A worst-case input offset voltage of
±750µV and an offset
current of
±400nA give excellent absolute DC precision for
pulse amplifier applications.
Minimal input and output voltage swing headroom allow the
OPA820 to operate on a single +5V supply with > 2VPP output
swing. While not a rail-to-rail (RR) output, this swing will
support most emerging analog-to-digital converter (ADC)
input ranges with lower power and noise than typical RR
output op amps.
Exceptionally low dG/dP (0.01%/0.03
°) supports low-cost
composite video line driver applications. Existing designs can
use the industry-standard pinout SO-8 package while
emerging high-density portable applications can use the
SOT23-5. Offering the industry’s lowest thermal impedance in
a SOT package, along with full specification over both the
commercial and industrial temperature ranges, gives solid
performance over a wide temperature range.
RELATED PRODUCTS
SINGLES
DUALS
TRIPLES
QUADS
FEATURES
OPA354
OPA2354
OPA4354
CMOS RR Output
OPA690
OPA2690
OPA3690
High Slew Rate
OPA2652
SOT23-8
OPA2822
Low Noise
OPA4820
Quad OPA820
AC-Coupled, 14-Bit ADS850 Interface
OPA820
V
IN
402
402
ADS850
14−Bit
10MSPS
R
S
24.9
2k
2k
2k
2k
0.1
µF
0.1
µF
IN
IN
(+2V)
REFB
(+1V)
VREF
SEL
REFT
(+3V)
100pF
+5V
−5V
50
+5V
OPA820
SBOS303C − JUNE 2004 − REVISED AUGUST 2008
Unity-Gain Stable, Low-Noise, Voltage-Feedback
Operational Amplifier
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
www.ti.com
Copyright
 2004−2008, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.


Similar Part No. - OPA820

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA820 BURR-BROWN-OPA820 Datasheet
460Kb / 31P
   Low-Power, Single-Supply, Wideband Operational Amplifier
OPA820 BURR-BROWN-OPA820 Datasheet
427Kb / 25P
   Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
OPA820 BURR-BROWN-OPA820 Datasheet
609Kb / 32P
   Triple, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
logo
Texas Instruments
OPA820 TI-OPA820 Datasheet
1Mb / 45P
[Old version datasheet]   Quad, Low-Power, Single-Supply, Wideband Operational Amplifier
OPA820 TI1-OPA820 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
More results

Similar Description - OPA820

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA820 BURR-BROWN-OPA820 Datasheet
427Kb / 25P
   Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
logo
Texas Instruments
OPA820-HT TI1-OPA820-HT_16 Datasheet
507Kb / 32P
[Old version datasheet]   UNITY-GAIN STABLE, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
OPA820-HT TI1-OPA820-HT Datasheet
473Kb / 30P
[Old version datasheet]   UNITY-GAIN STABLE, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
OPA4820ID TI1-OPA4820ID Datasheet
839Kb / 34P
[Old version datasheet]   Quad, Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
OPA4820 TI1-OPA4820 Datasheet
845Kb / 35P
[Old version datasheet]   Quad, Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
OPA842IDG4 TI-OPA842IDG4 Datasheet
812Kb / 29P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA842 TI1-OPA842_15 Datasheet
818Kb / 29P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA842 TI-OPA842 Datasheet
438Kb / 19P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
THS4271 TI1-THS4271_16 Datasheet
1Mb / 50P
[Old version datasheet]   LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FEEDBACK AMPLIFIER
THS4271-EP TI1-THS4271-EP Datasheet
1Mb / 44P
[Old version datasheet]   LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FEEDBACK AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com