Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA827 Datasheet(PDF) 10 Page - Texas Instruments

Part # OPA827
Description  Low-Noise, High-Precision, JFET-Input Low-Noise, High-Precision, JFET-Input
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA827 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA827_16 Datasheet HTML 6Page - Texas Instruments OPA827_16 Datasheet HTML 7Page - Texas Instruments OPA827_16 Datasheet HTML 8Page - Texas Instruments OPA827_16 Datasheet HTML 9Page - Texas Instruments OPA827_16 Datasheet HTML 10Page - Texas Instruments OPA827_16 Datasheet HTML 11Page - Texas Instruments OPA827_16 Datasheet HTML 12Page - Texas Instruments OPA827_16 Datasheet HTML 13Page - Texas Instruments OPA827_16 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
V (V)
S
5.00
4.95
4.90
4.85
4.80
4.75
4.70
4.65
4.60
38
8
13
18
23
28
33
OutputCurrent(mA)
V = 5V
S
±
5
4
3
2
1
0
-1
-2
-3
-4
-5
73
20
30
40
50
60
70
+150 C
°
+85 C
°
-40 C
°
+125 C
°
+25 C
°
-40 C
°
-55 C
°
-55 C
°
Time(s)
0.05
0
-0.05
-0.10
-0.15
-0.20
-0.25
-0.30
-0.35
-0.40
-0.45
300
0
50
100
150
200
250
10TypicalUnitsShown
Temperature( C)
°
0
-25
-50
25
50
75
100
150
125
6.0
5.5
5.0
4.5
4.0
3.5
-75
V = 18V
±
S
V = 5V
±
S
V
(V)
CM
20
15
10
5
0
-5
-10
-15
-20
18
-18 -15 -12
-9
-6
-3
0
3
6
9
12
15
Unit1
Unit2
Unit3
SpecifiedCommon-Mode
VoltageRange
0
2000
4000
6000
8000
10000
12000
−50
−25
0
25
50
75
100
125
150
Temperature (°C)
− I
B
+ I
B
IOS
G002
10
OPA827
SBOS376I – NOVEMBER 2006 – REVISED JULY 2016
www.ti.com
Product Folder Links: OPA827
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = 25°C, VS = ±18 V, RL = 10 kΩ connected to midsupply, and VCM = VOUT = midsupply, unless otherwise noted.
Figure 13. Input Bias Current vs Common-Mode Voltage
Figure 14. Input Bias Current vs Temperature
Figure 15. Normalized Quiescent Current vs Time
Figure 16. Quiescent Current vs Temperature
Figure 17. Quiescent Current vs Supply Voltage
Figure 18. Output Voltage Swing vs Output Current


Similar Part No. - OPA827_16

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA827A BURR-BROWN-OPA827A Datasheet
233Kb / 8P
   Low-Noise, High-Precision, JFET-Input, OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA827AI TI-OPA827AI Datasheet
873Kb / 24P
[Old version datasheet]   Low-Noise, High-Precision, JFET-Input OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA827AID BURR-BROWN-OPA827AID Datasheet
162Kb / 7P
   Low-Noise, High-Precision, JFET-Input, OPERATIONAL AMPLIFIER
OPA827AID BURR-BROWN-OPA827AID Datasheet
233Kb / 8P
   Low-Noise, High-Precision, JFET-Input, OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA827AID TI-OPA827AID Datasheet
873Kb / 24P
[Old version datasheet]   Low-Noise, High-Precision, JFET-Input OPERATIONAL AMPLIFIER
More results

Similar Description - OPA827_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA827 TI-OPA827 Datasheet
873Kb / 24P
[Old version datasheet]   Low-Noise, High-Precision, JFET-Input OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA827 BURR-BROWN-OPA827 Datasheet
162Kb / 7P
   Low-Noise, High-Precision, JFET-Input, OPERATIONAL AMPLIFIER
OPA827 BURR-BROWN-OPA827_07 Datasheet
233Kb / 8P
   Low-Noise, High-Precision, JFET-Input, OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA827AIDGKR TI-OPA827AIDGKR Datasheet
1Mb / 27P
[Old version datasheet]   Low-Noise, High-Precision, JFET-Input OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1792 LINER-LT1792 Datasheet
169Kb / 12P
   Low Noise, Precision, JFET Input Op Amp
LT1792 LINER-LT1792_15 Datasheet
184Kb / 12P
   Low Noise, Precision, JFET Input Op Amp
LT1113 LINER-LT1113 Datasheet
244Kb / 16P
   Dual Low Noise, Precision, JFET Input Op Amps
LT1113 LINER-LT1113_15 Datasheet
224Kb / 16P
   Dual Low Noise, Precision, JFET Input Op Amp
logo
Diodes Incorporated
TL072 DIODES-TL072 Datasheet
186Kb / 11P
   LOW NOISE JFET INPUT OPERATIONAL
TL072 Rev. 1
logo
API Technologies Corp
MN2310 APITECH-MN2310 Datasheet
1Mb / 7P
   Precision, Low-Noise JFET Instrumentation Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com