Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA842IDBVRG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # OPA842IDBVRG4
Description  Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA842IDBVRG4 Datasheet(HTML) 3 Page - Texas Instruments

  OPA842IDBVRG4 Datasheet HTML 1Page - Texas Instruments OPA842IDBVRG4 Datasheet HTML 2Page - Texas Instruments OPA842IDBVRG4 Datasheet HTML 3Page - Texas Instruments OPA842IDBVRG4 Datasheet HTML 4Page - Texas Instruments OPA842IDBVRG4 Datasheet HTML 5Page - Texas Instruments OPA842IDBVRG4 Datasheet HTML 6Page - Texas Instruments OPA842IDBVRG4 Datasheet HTML 7Page - Texas Instruments OPA842IDBVRG4 Datasheet HTML 8Page - Texas Instruments OPA842IDBVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
OPA842
www.ti.com
SBOS267D – NOVEMBER 2002 – REVISED SEPTEMBER 2010
ELECTRICAL CHARACTERISTICS: VS = ±5V
Boldface limits are tested at +25°C. At TA = +25°C, VS = ±5V, RF = 402Ω, RL = 100Ω, and G = +2, unless otherwise noted.
See Figure 37 for ac performance.
OPA842ID, IDBV
MIN/MAX OVER
TYP
TEMPERATURE
0°C to
-40°C to
MIN/
TEST
PARAMETER
TEST CONDITIONS
+25°C
+25°C(2)
+70°C(3)
+85°C(3)
UNIT
MAX
LEVELS(1)
AC Performance (see Figure 37)
Closed-Loop Bandwidth (VO =
G = +1, RF = 25Ω
350
MHz
typ
C
100mVPP)
G = +2
150
105
101
100
MHz
min
B
G = +5
45
30
29
29
MHz
min
B
G = +10
21
15
14
14
MHz
min
B
Gain-Bandwidth Product
200
136
135
135
MHz
min
B
Bandwidth for 0.1dB Gain Flatness
G = +2, RL = 100Ω, VO = 100mVPP
56
MHz
typ
C
G = +1, RL = 100Ω, RF = 25Ω
105
MHz
typ
C
Harmonic Distortion
G = +2, f = 5MHz, VO = 2VPP
xx x second-Harmonic
RL = 100Ω
–80
–78
–77
–76
dBc
max
B
RL = 500Ω
–94
–92
–91
–90
dBc
max
B
xx x third-Harmonic
RL = 100Ω
–97
–96
–95
–94
dBc
max
B
RL = 500Ω
–93
–91
–90
–90
dBc
max
B
Two-Tone, Third-Order Intercept
G = +2, f = 10MHz
44
dBm
typ
C
Input Voltage Noise
f > 1MHz
2.6
2.8
3.0
3.1
nV/
√Hz
max
B
Input Current Noise
f > 1MHz
2.7
2.8
2.9
3.0
pA/
√Hz
max
B
Rise and Fall Time
0.2V Step
2.3
3.3
3.4
3.5
ns
max
B
Slew Rate
2V Step
400
300
250
225
V/ms
min
B
Settling Time to 0.01%
2V Step
22
ns
typ
C
Settling Time to 0.1%
2V Step
15
19.6
20.3
21.3
ns
max
B
Settling Time to 1.0%
2V Step
9
10.2
11.3
12.5
ns
max
B
Differential Gain
G = +2, NTSC, RL = 150Ω
0.003
%
typ
C
Differential Phase
G = +2, NTSC, RL = 150Ω
0.008
degrees
typ
C
DC PERFORMANCE(4)
Open-Loop Voltage Gain (AOL)
VO = 0V
110
100
96
92
dB
min
A
Input Offset Voltage
VCM = 0V
±0.30
±1.2
±1.4
±1.5
mV
max
A
Average Offset Voltage Drift
VCM = 0V
±4
±4
mV/°C
max
B
Input Bias Current
VCM = 0V
–20
–35
–36
–37
mA
max
A
Input Bias Current Drift
VCM = 0V
25
25
nA/°C
max
B
Input Offset Current
VCM = 0V
±0.35
±1.0
±1.15
±1.17
mA
max
A
Input Offset Current Drift
VCM = 0V
±2
±2
nA/°C
max
B
INPUT
Common-Mode Input Range(5)
±3.2
±3.0
±2.9
±2.8
V
min
A
(CMIR)
Common-Mode Rejection Ratio
VCM = ±1V, Input-Referred
95
85
84
82
dB
min
A
(CMRR)
Input Impedance
xx x Differential Mode
VCM = 0V
14 || 1
k
Ω || pF
typ
C
xx x Common-Mode
VCM = 0V
3.1 || 1.2
M
Ω || pF
typ
C
(1)
Test levels: (A) 100% tested at +25°C. Over temperature limits by characterization and simulation. (B) Limits set by characterization and
simulation. (C) Typical value only for information.
(2)
Junction temperature = ambient temperature for +25°C specifications.
(3)
Junction temperature = ambient at low temperature limits; junction temperature = ambient +23°C at high temperature limit for over-
temperature min/max specifications.
(4)
Current is considered positive out-of-node. VCM is the input common-mode voltage.
(5)
Tested < 3dB below minimum specified CMRR at ±CMIR limits.
Copyright © 2002–2010, Texas Instruments Incorporated
3
Product Folder Link(s): OPA842


Similar Part No. - OPA842IDBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA842IDBVR TI-OPA842IDBVR Datasheet
438Kb / 19P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA842IDBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA842IDG4 TI-OPA842IDG4 Datasheet
812Kb / 29P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA842 TI-OPA842 Datasheet
438Kb / 19P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA820 BURR-BROWN-OPA820 Datasheet
427Kb / 25P
   Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
logo
Texas Instruments
OPA820-HT TI1-OPA820-HT_16 Datasheet
507Kb / 32P
[Old version datasheet]   UNITY-GAIN STABLE, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
OPA820 TI1-OPA820 Datasheet
823Kb / 32P
[Old version datasheet]   Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
OPA820-HT TI1-OPA820-HT Datasheet
473Kb / 30P
[Old version datasheet]   UNITY-GAIN STABLE, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
OPA843 TI1-OPA843 Datasheet
861Kb / 29P
[Old version datasheet]   Wideband, Low Distortion, Medium Gain Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA843 BURR-BROWN-OPA843 Datasheet
377Kb / 22P
   Wideband, Low Distortion, Medium Gain, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA4820ID TI1-OPA4820ID Datasheet
839Kb / 34P
[Old version datasheet]   Quad, Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
OPA4820 TI1-OPA4820 Datasheet
845Kb / 35P
[Old version datasheet]   Quad, Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com