Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA846IDG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # OPA846IDG4
Description  Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA846IDG4 Datasheet(HTML) 5 Page - Texas Instruments

  OPA846IDG4 Datasheet HTML 1Page - Texas Instruments OPA846IDG4 Datasheet HTML 2Page - Texas Instruments OPA846IDG4 Datasheet HTML 3Page - Texas Instruments OPA846IDG4 Datasheet HTML 4Page - Texas Instruments OPA846IDG4 Datasheet HTML 5Page - Texas Instruments OPA846IDG4 Datasheet HTML 6Page - Texas Instruments OPA846IDG4 Datasheet HTML 7Page - Texas Instruments OPA846IDG4 Datasheet HTML 8Page - Texas Instruments OPA846IDG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
OPA846
5
SBOS250E
www.ti.com
TYPICAL CHARACTERISTICS: VS = ±5V (Cont.)
TA = 25°C, G = +10, RF = 453Ω, RG = 50Ω, and RL = 100Ω, unless otherwise noted.
–75
–80
–85
–90
–95
–100
–105
–110
–115
5MHz HARMONIC DISTORTION vs LOAD RESISTANCE
Load Resistance (
Ω)
100
150
200
250
300
350
400
450
500
See Figure 1
G = +10V/V
V
O = 2VPP
–75
–80
–85
–90
–95
–100
–105
1MHz HARMONIC DISTORTION vs LOAD RESISTANCE
Load Resistance (
Ω)
100
150
200
250
300
350
400
450
500
See Figure 1
G = +10V/V
V
O = 5VPP
–65
–75
–85
–95
–105
–115
HARMONIC DISTORTION vs FREQUENCY
Frequency (MHz)
0.1
1
10
100
3rd-Harmonic
2nd-Harmonic
G = +10V/V
V
O = 2VPP
R
L = 200Ω
See Figure 1
–80
–85
–90
–95
–100
–105
–110
–115
HARMONIC DISTORTION vs OUTPUT VOLTAGE
Output Voltage Swing (V
PP)
0.1
1
10
2nd-Harmonic
See Figure 1
G = +10V/V
F = 5MHz
R
L = 200Ω
3rd-Harmonic
–75
–85
–95
–105
–115
HARMONIC DISTORTION vs NONINVERTING GAIN
Gain (–V/V)
5
10
15
2025
303540
45
50
See Figure 1
V
O = 2VPP
R
L = 200Ω
F = 5MHz
2nd-Harmonic
3rd-Harmonic
–75
–85
–95
–105
–115
HARMONIC DISTORTION vs INVERTING GAIN
Gain
–V/V 
10
15
20
25
30
35
40
45
50
See Figure 2
V
O = 2VPP
R
L = 200Ω
F = 5MHz
2nd-Harmonic
3rd-Harmonic


Similar Part No. - OPA846IDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA846ID TI-OPA846ID Datasheet
390Kb / 21P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA846IDBVR TI-OPA846IDBVR Datasheet
390Kb / 21P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA846IDBVT TI-OPA846IDBVT Datasheet
390Kb / 21P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA846IDR TI-OPA846IDR Datasheet
390Kb / 21P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA846IDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA846 TI-OPA846 Datasheet
390Kb / 21P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA846-DIE TI1-OPA846-DIE Datasheet
68Kb / 5P
[Old version datasheet]   WIDEBAND, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA686 BURR-BROWN-OPA686 Datasheet
158Kb / 15P
   Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA686 TI1-OPA686 Datasheet
170Kb / 16P
[Old version datasheet]   Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
OPA2846 TI-OPA2846 Datasheet
360Kb / 24P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
OPA2846 TI1-OPA2846_14 Datasheet
707Kb / 30P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
logo
Burr-Brown (TI)
OPA2686 BURR-BROWN-OPA2686 Datasheet
171Kb / 18P
   Dual, Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA847IDRG4 TI-OPA847IDRG4 Datasheet
867Kb / 30P
[Old version datasheet]   Wideband, Ultra-Low Noise, Voltage-Feedback OPERATIONAL AMPLIFIER with Shutdown
OPA847IDBVTG4 TI1-OPA847IDBVTG4 Datasheet
884Kb / 30P
[Old version datasheet]   Wideband, Ultra-Low Noise, Voltage-Feedback OPERATIONAL AMPLIFIER with Shutdown
logo
Burr-Brown (TI)
OPA640 BURR-BROWN-OPA640 Datasheet
190Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com