Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA846IDRG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # OPA846IDRG4
Description  Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA846IDRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA846IDRG4 Datasheet HTML 6Page - Texas Instruments OPA846IDRG4 Datasheet HTML 7Page - Texas Instruments OPA846IDRG4 Datasheet HTML 8Page - Texas Instruments OPA846IDRG4 Datasheet HTML 9Page - Texas Instruments OPA846IDRG4 Datasheet HTML 10Page - Texas Instruments OPA846IDRG4 Datasheet HTML 11Page - Texas Instruments OPA846IDRG4 Datasheet HTML 12Page - Texas Instruments OPA846IDRG4 Datasheet HTML 13Page - Texas Instruments OPA846IDRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
OPA846
10
SBOS250E
www.ti.com
APPLICATIONS INFORMATION
WIDEBAND, NONINVERTING OPERATION
The OPA846 provides a unique combination of features. Low
input voltage noise, along with a very low distortion output
stage, gives one of the highest dynamic range op amps
available. The very high Gain Bandwidth Product (GBP) can
be used either to deliver high signal bandwidths at high gain,
or to deliver very low distortion signals at moderate frequen-
cies and lower gains. To achieve the full performance of the
OPA846, careful attention to PC board layout and compo-
nent selection is required, as discussed in the following
sections of this data sheet.
Figure 1 shows the noninverting gain of a 10V/V circuit used
as the basis of the Electrical Characteristics and most of the
Typical Characteristic curves. Most of the curves are charac-
terized using signal sources with a 50
Ω driving impedance,
and with a 50
Ω load impedance presented by the measure-
ment equipment. In Figure 1, the 50
Ω resistor at the V
IN
terminal matches the source impedance of the test genera-
tor, while the 50
Ω series resistor at the V
O terminal provides
a matching resistor for the measurement equipment load.
Generally, the data sheet voltage swing specifications are at
the output pin (VO in Figure 1), while the output power (dBm)
specifications are at the matched 50
Ω load. The total 100Ω
load at the output, combined with the 503
Ω total feedback
network load, presents the OPA846 with an effective output
load of 83
Ω for the circuit of Figure 1.
guideline ensures that the noise added at the output due to
the Johnson noise of the resistors does not significantly
increase the total noise over that due to the 1.2nV/
√Hz input
voltage noise for the op amp. Higher resistor values can
certainly be used where the application requires it, but can
start to add significantly to the output noise power as de-
scribed in the Setting Resistor Values to Minimize Noise
section.
WIDEBAND INVERTING GAIN OPERATION
Operating the OPA846 as an inverting amplifier has several
benefits and is particularly appropriate when a matched input
impedance is required. Figure 2 shows the inverting gain
circuit used as the basis of the inverting mode of the Typical
Characteristic curves.
OPA846
+5V
–5V
V
EE
+V
CC
R
S
50
V
O
V
I
50
+
0.1
µF
+
6.8
µF
6.8
µF
R
G
50
R
F
453
50
Ω Source
50
Ω Load
0.1
µF
FIGURE 1. DC-Coupled, G = +10V/V, Bipolar Supply, Speci-
fication and Test Circuit.
Voltage-feedback op amps (unlike current-feedback designs)
can use a wide range of resistor values to set the gain,
although these resistors usually have low values to maintain
a low total output noise. The circuit of Figure 1, and the
specifications at other gains, use the constraint that RG be
set to 50
Ω and R
F adjusted to get the desired gain. Using this
FIGURE 2. DC-Coupled, G = –20V/V, Bipolar Supply, Speci-
fication and Test Circuit.
OPA846
+5V
–5V
V
CC
V
EE
91
R
S
50
V
O
V
I
+
6.8
µF
0.1
µF
+
6.8
µF
0.1
µF
0.1
µF
R
F
1k
R
G
50
50
Ω Source
50
Ω Load
Driving this circuit from a 50
Ω source, and constraining the
gain resistor (RG) to equal 50Ω, gives both a signal band-
width and noise advantage. RG acts as both the input
termination resistor and the gain setting resistor for the
circuit. Although the signal gain (VO/VI) for the circuit of
Figure 2 is double that for Figure 1, the noise gains are in fact
equal when the 50
Ω source resistor is included. This has the
interesting effect of doubling the equivalent GBP of the
amplifier. This can be seen by observing the 200MHz band-
width for the inverting gain of –20. This implies a GBP of
4GHz, when in fact this extended bandwidth is given by the
reduced noise gain when the matched source resistor is
included. If the signal source is actually the low impedance
output of another amplifier, RG is increased to the minimum
load resistance value allowed for that amplifier and RF is then
adjusted to achieve the desired gain. For stable operation of
the OPA846, it is critical that this driving amplifier show very
low output impedance at frequencies beyond the expected
closed-loop bandwidth for the OPA846.


Similar Part No. - OPA846IDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA846IDR TI-OPA846IDR Datasheet
390Kb / 21P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA846IDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA846 TI-OPA846 Datasheet
390Kb / 21P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA846-DIE TI1-OPA846-DIE Datasheet
68Kb / 5P
[Old version datasheet]   WIDEBAND, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA686 BURR-BROWN-OPA686 Datasheet
158Kb / 15P
   Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA686 TI1-OPA686 Datasheet
170Kb / 16P
[Old version datasheet]   Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
OPA2846 TI-OPA2846 Datasheet
360Kb / 24P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
OPA2846 TI1-OPA2846_14 Datasheet
707Kb / 30P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
logo
Burr-Brown (TI)
OPA2686 BURR-BROWN-OPA2686 Datasheet
171Kb / 18P
   Dual, Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA847IDRG4 TI-OPA847IDRG4 Datasheet
867Kb / 30P
[Old version datasheet]   Wideband, Ultra-Low Noise, Voltage-Feedback OPERATIONAL AMPLIFIER with Shutdown
OPA847IDBVTG4 TI1-OPA847IDBVTG4 Datasheet
884Kb / 30P
[Old version datasheet]   Wideband, Ultra-Low Noise, Voltage-Feedback OPERATIONAL AMPLIFIER with Shutdown
logo
Burr-Brown (TI)
OPA640 BURR-BROWN-OPA640 Datasheet
190Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com