Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM72B-06R10LF Datasheet(PDF) 1 Page - Bi technologies

Part # HM72B-06R10LF
Description  High Power High Performance Molded Surface Mount Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM72B-06R10LF Datasheet(HTML) 1 Page - Bi technologies

  HM72B-06R10LF Datasheet HTML 1Page - Bi technologies HM72B-06R10LF Datasheet HTML 2Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Part Number
Inductance(1)
μH±20%
Heating
Current(2)
(Adc)
Isat(3)
(Adc)
DCR (mΩ)
Typ.
Max.
HM72B-06R10LF
0.10
26.2
60.0
1.5
1.7
HM72B-06R15LF
0.15
23.3
52.0
1.9
2.5
HM72B-06R22LF
0.22
20.3
40.0
2.5
2.8
HM72B-06R33LF
0.33
18.0
30.0
3.2
3.9
HM72B-06R47LF
0.47
16.1
26.0
4.0
4.2
HM72B-06R68LF
0.68
14.4
25.0
5.0
5.5
HM72B-06R82LF
0.82
12.0
24.0
7.2
8.0
HM72B-061R0LF
1.00
10.3
22.0
9.0
10.0
HM72B-061R5LF
1.50
8.4
18.0
13.0
14.0
HM72B-062R2LF
2.20
8.3
14.0
15.0
20.0
HM72B-063R3LF
3.30
6.6
13.5
26.5
28.0
HM72B-064R7LF
4.70
5.4
10.0
35.0
40.0
HM72B-066R8LF
6.80
4.1
8.0
62.0
68.0
HM72B-06100LF
10.0
3.2
7.0
100.0
105.0
HM72B-06220LF
22.0
2.2
4.5
219.0
241.0
HM72B-06330LF
33.0
1.8
3.5
302.0
332.0
High Power High Performance
Molded Surface Mount Inductors
Model HM72B-06 Series
Make Possible
Magnetics
Features
OperatingTemperatureRange-40°Cto+130°C
TemperatureRise,Maximum+50°C
OperatingFrequencyUpto3MHz
RoHSCompliant
Specification@25°C
OutlineDimensions(mm)
Notes:
(1) Inductance is measured at 100 kHz, 0.1Vac without DC current.
(2) TheHeatingCurrentistheDCcurrentwhichcausesthecomponenttemperaturetoincreaseby50°C.
ThiscurrentisdeterminedbysolderingthecomponentonatypicalapplicationPCB,andthenapplyingthecurrenttothedevicefor30minutes.
(3) Thesaturationcurrent(Isat)istheapproximatecurrentatwhichtheinductancewillbedecreasedby20%typicalfromitsinitial(zeroDC)value.
Top View
Side View
Bottom View
Recommended
PCB layout
Rev.01
GeneralNote
TTElectronicsreservestherighttomakechangesinproductspecificationwithoutnoticeorliability.
AllinformationissubjecttoTTElectronics’owndataandisconsideredaccurateattimeofgoingtoprint.
©TTElectronicsplc
www.ttelectronicsmagnetics.com


Similar Part No. - HM72B-06R10LF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM72B-06R10LF ETC2-HM72B-06R10LF Datasheet
200Kb / 2P
   High Power High Performance Molded Surface Mount Inductors
More results

Similar Description - HM72B-06R10LF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HA72E-06 ETC2-HA72E-06 Datasheet
373Kb / 3P
   High Power High Performance Molded Surface Mount Inductors
logo
Bi technologies
HA72T BITECH-HA72T Datasheet
536Kb / 2P
   High Power High Performance Molded Surface Mount Inductors
HM72E-12 BITECH-HM72E-12 Datasheet
425Kb / 2P
   High Power High Performance Molded Surface Mount Inductors
logo
TT Electronics.
HM72E-12 TTELEC-HM72E-12 Datasheet
443Kb / 2P
   High Power High Performance Molded Surface Mount Inductors
logo
Bi technologies
HA72E-12 BITECH-HA72E-12 Datasheet
402Kb / 2P
   High Power High Performance Molded Surface Mount Inductors
logo
List of Unclassifed Man...
HM72B-06100LFTR13 ETC2-HM72B-06100LFTR13 Datasheet
200Kb / 2P
   High Power High Performance Molded Surface Mount Inductors
logo
TT Electronics.
HA72E-06 TTELEC-HA72E-06 Datasheet
884Kb / 2P
   High Power High Performance Molded Surface Mount Inductors
HM72B-12 TTELEC-HM72B-12 Datasheet
744Kb / 2P
   High Power High Performance Molded Surface Mount Inductors
HM72A TTELEC-HM72A Datasheet
579Kb / 4P
   High Power High Performance Molded Surface Mount Inductors
logo
List of Unclassifed Man...
HM72E-06 ETC2-HM72E-06 Datasheet
373Kb / 3P
   High Power High Performance Molded Surface Mount Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com