Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA861IDBVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA861IDBVT
Description  Wide Bandwidth Operational Transconductance Amplifier (OTA)
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA861IDBVT Datasheet(HTML) 1 Page - Texas Instruments

  OPA861IDBVT Datasheet HTML 1Page - Texas Instruments OPA861IDBVT Datasheet HTML 2Page - Texas Instruments OPA861IDBVT Datasheet HTML 3Page - Texas Instruments OPA861IDBVT Datasheet HTML 4Page - Texas Instruments OPA861IDBVT Datasheet HTML 5Page - Texas Instruments OPA861IDBVT Datasheet HTML 6Page - Texas Instruments OPA861IDBVT Datasheet HTML 7Page - Texas Instruments OPA861IDBVT Datasheet HTML 8Page - Texas Instruments OPA861IDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
0
−10
−20
−30
−40
−50
−60
−70
−80
Frequency (Hz)
1k
10k
100k
1M
10M
100M
1G
C
1
C
2
V
IN
R
R
V
OUT
Low−Pass Negative Impedance Converter (NIC) Filter
Frequency Response of 20kHz and 10MHz
Low−Pass NIC Filters
20kHz
Low−Pass Filter
10MHz
Low−Pass Filter
OPA861
www.ti.com
SBOS338G – AUGUST 2005 – REVISED MAY 2013
Wide Bandwidth
Operational Transconductance
Amplifier (OTA)
Check for Samples: OPA861
The OTA or voltage-controlled current source can be
1
FEATURES
viewed as an ideal transistor. Like a transistor, it has
Wide Bandwidth (80MHz, Open-Loop, G = +5)
three terminals—a high impedance input (base), a
High Slew Rate (900V/µs)
low-impedance input/output (emitter), and the current
output (collector). The OPA861, however, is self-
High Transconductance (95mA/V)
biased and bipolar. The output collector current is
External IQ-Control
zero for a zero base-emitter voltage. AC inputs
Low Quiescent Current (5.4mA)
centered about zero produce an output current, which
is
bipolar
and
centered
about
zero.
The
APPLICATIONS
transconductance of the OPA861 can be adjusted
with
an
external
resistor,
allowing
bandwidth,
Video/Broadcast Equipment
quiescent
current,
and
gain
trade-offs
to
be
Communications Equipment
optimized.
High-Speed Data Acquisition
Used as a basic building block, the OPA861
Wideband LED Drivers
simplifies the design of AGC amplifiers, LED driver
circuits for fiber optic transmission, integrators for fast
Control Loop Amplifiers
pulses, fast control loop amplifiers and control
Wideband Active Filters
amplifiers for capacitive sensors, and active filters.
Line Drivers
The OPA861 is available in SO-8 and SOT23-6
surface-mount packages.
DESCRIPTION
The OPA861 is a versatile monolithic component
designed for wide-bandwidth systems, including high
performance video, RF and IF circuitry. The OPA861
is a wideband, bipolar operational transconductance
amplifier (OTA).
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OPA861IDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA861IDBVT TI-OPA861IDBVT Datasheet
622Kb / 28P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA)
More results

Similar Description - OPA861IDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA861 TI-OPA861 Datasheet
622Kb / 28P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA)
logo
Burr-Brown (TI)
OPA860 BURR-BROWN-OPA860 Datasheet
613Kb / 29P
   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA) and BUFFER
logo
JSC ALFA.
AS3280 ALFA-AS3280 Datasheet
457Kb / 4P
   Dual Operational Transconductance Amplifier (OTA)
logo
Texas Instruments
OPA860 TI1-OPA860 Datasheet
803Kb / 33P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
logo
Intersil Corporation
CA3080 INTERSIL-CA3080 Datasheet
880Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
September 1998
logo
Renesas Technology Corp
CA3080 RENESAS-CA3080 Datasheet
1Mb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3080 INTERSIL-CA3080_04 Datasheet
942Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
Burr-Brown (TI)
OPA2662 BURR-BROWN-OPA2662 Datasheet
328Kb / 18P
   Dual, Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
OPA660 BURR-BROWN-OPA660 Datasheet
358Kb / 18P
   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER AND BUFFER
logo
Intersil Corporation
CA3280 INTERSIL-CA3280 Datasheet
286Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
September 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com