Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA861IDBVRG4 Datasheet(PDF) 8 Page - Texas Instruments

Part # OPA861IDBVRG4
Description  Wide Bandwidth Operational Transconductance Amplifier (OTA)
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA861IDBVRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA861IDBVRG4 Datasheet HTML 4Page - Texas Instruments OPA861IDBVRG4 Datasheet HTML 5Page - Texas Instruments OPA861IDBVRG4 Datasheet HTML 6Page - Texas Instruments OPA861IDBVRG4 Datasheet HTML 7Page - Texas Instruments OPA861IDBVRG4 Datasheet HTML 8Page - Texas Instruments OPA861IDBVRG4 Datasheet HTML 9Page - Texas Instruments OPA861IDBVRG4 Datasheet HTML 10Page - Texas Instruments OPA861IDBVRG4 Datasheet HTML 11Page - Texas Instruments OPA861IDBVRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
8
7
6
5
4
3
2
1
0
Quiescent Current Adjust Resistor (
Ω)
0.1
1
10
100
1k
10k
100k
16
14
12
10
8
6
4
2
0
Quiescent Current Adjust Resistor (
Ω)
0
200
400
600
800 1000 1200 1400 1600 1800 2000
E−Input Current Noise (pA/
√Hz)
B−Input Voltage Noise (nV/
√Hz)
B−Input Current Noise (pA/
√Hz)
60
50
40
30
20
10
0
QuiescentCurrent(mA)
0
1
3
2
4
5
6
7
8
100
10
1
Frequency (Hz)
100
1k
10k
100k
1M
10M
E−Input Current Noise (5.2pA/
√Hz)
B−Input Voltage Noise (2.4nV/
√Hz)
B−Input Current Noise (1.65pA/
√Hz)
500
490
480
470
460
450
440
430
QuiescentCurrent(mA)
0
1
3
2
4
5
6
7
8
120
110
100
90
80
70
60
50
40
QuiescentCurrent(mA)
0
1
3
2
4
5
6
7
8
OPA861
SBOS338G – AUGUST 2005 – REVISED MAY 2013
www.ti.com
TYPICAL CHARACTERISTICS: VS = ±5V (continued)
At TA = +25°C, IQ = 5.4mA, and RL = 500Ω, unless otherwise noted.
B-INPUT RESISTANCE vs QUIESCENT CURRENT
C-OUTPUT RESISTANCE vs QUIESCENT CURRENT
Figure 8.
Figure 9.
E-OUTPUT RESISTANCE vs QUIESCENT CURRENT
INPUT VOLTAGE AND CURRENT NOISE DENSITY
Figure 10.
Figure 11.
1MHz OTA VOLTAGE AND CURRENT NOISE DENSITY
QUIESCENT CURRENT vs RADJ
vs QUIESCENT CURRENT ADJUST RESISTOR
Figure 12.
Figure 13.
8
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: OPA861


Similar Part No. - OPA861IDBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA861IDBVR TI-OPA861IDBVR Datasheet
622Kb / 28P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA)
More results

Similar Description - OPA861IDBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA861 TI-OPA861 Datasheet
622Kb / 28P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA)
logo
Burr-Brown (TI)
OPA860 BURR-BROWN-OPA860 Datasheet
613Kb / 29P
   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA) and BUFFER
logo
JSC ALFA.
AS3280 ALFA-AS3280 Datasheet
457Kb / 4P
   Dual Operational Transconductance Amplifier (OTA)
logo
Texas Instruments
OPA860 TI1-OPA860 Datasheet
803Kb / 33P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
logo
Intersil Corporation
CA3080 INTERSIL-CA3080 Datasheet
880Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
September 1998
logo
Renesas Technology Corp
CA3080 RENESAS-CA3080 Datasheet
1Mb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3080 INTERSIL-CA3080_04 Datasheet
942Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
Burr-Brown (TI)
OPA2662 BURR-BROWN-OPA2662 Datasheet
328Kb / 18P
   Dual, Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
OPA660 BURR-BROWN-OPA660 Datasheet
358Kb / 18P
   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER AND BUFFER
logo
Intersil Corporation
CA3280 INTERSIL-CA3280 Datasheet
286Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
September 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com