Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM431DCM89 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # CM431DCM89
Description  LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM431DCM89 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button CM431DCM89 Datasheet HTML 3Page - List of Unclassifed Manufacturers CM431DCM89 Datasheet HTML 4Page - List of Unclassifed Manufacturers CM431DCM89 Datasheet HTML 5Page - List of Unclassifed Manufacturers CM431DCM89 Datasheet HTML 6Page - List of Unclassifed Manufacturers CM431DCM89 Datasheet HTML 7Page - List of Unclassifed Manufacturers CM431DCM89 Datasheet HTML 8Page - List of Unclassifed Manufacturers CM431DCM89 Datasheet HTML 9Page - List of Unclassifed Manufacturers CM431DCM89 Datasheet HTML 10Page - List of Unclassifed Manufacturers CM431DCM89 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
CM431
LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
2003/03/24
Preliminary Rev.1.1
Champion Microelectronic Corporation
Page 7
APPLICATION INFORMATION
VO = (1 + R1/R2) ×
××× V
REF
Note: R should provide 1mA cathode current to the
CM431 of minimum VBATT
Figure 4. Shunt Regulator
Figure 5. Single –Supply Comparator With Temperature
compensated threshold.
VO = (1 + R1/R2)
×××× V
REF
Figure 6. High-Current Shunt Regulator
Figure 7. Crowbar Circuit
VBATT
R1
0.1%
VREF
Von ≈ 2V
Voff ≈ VBATT
GND
Vth = 2.5V
Input
VO
VBATT
R2
0.1%
VO
R*
R1
R2
VBATT
CM431
CM431
CM431
CM431
VBATT
R1
R2
C
VO
VO


Similar Part No. - CM431DCM89

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM431DCM89 CHAMP-CM431DCM89 Datasheet
221Kb / 12P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
More results

Similar Description - CM431DCM89

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AHK432 AAT-AHK432 Datasheet
152Kb / 10P
   Adjustable Low Voltage Shunt Regulator
logo
Champion Microelectroni...
CM431 CHAMP-CM431 Datasheet
221Kb / 12P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Semtech Corporation
SC431L SEMTECH-SC431L_07 Datasheet
207Kb / 10P
   Low Voltage Adjustable Shunt Regulator
logo
List of Unclassifed Man...
CM431A ETC-CM431A Datasheet
416Kb / 14P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Advanced Analogic Techn...
AHK432 ANALOGICTECH-AHK432_05 Datasheet
152Kb / 10P
   Adjustable Low Voltage Shunt Regulator
logo
Semtech Corporation
SC431L SEMTECH-SC431L_08 Datasheet
208Kb / 10P
   Low Voltage Adjustable Shunt Regulator
logo
List of Unclassifed Man...
CM431L ETC1-CM431L Datasheet
354Kb / 13P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Champion Microelectroni...
CM431A CHAMP-CM431A Datasheet
348Kb / 14P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Semtech Corporation
SC431L SEMTECH-SC431L Datasheet
261Kb / 7P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR?
logo
Advanced Analogic Techn...
AHK432 ANALOGICTECH-AHK432 Datasheet
274Kb / 8P
   Adjustable Low Voltage Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com