Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ALS857NT Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74ALS857NT
Description  HEX 2-TO-1 UNIVERSAL MULTIPLEXERS WITH 3-STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALS857NT Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74ALS857NT Datasheet HTML 3Page - Texas Instruments SN74ALS857NT Datasheet HTML 4Page - Texas Instruments SN74ALS857NT Datasheet HTML 5Page - Texas Instruments SN74ALS857NT Datasheet HTML 6Page - Texas Instruments SN74ALS857NT Datasheet HTML 7Page - Texas Instruments SN74ALS857NT Datasheet HTML 8Page - Texas Instruments SN74ALS857NT Datasheet HTML 9Page - Texas Instruments SN74ALS857NT Datasheet HTML 10Page - Texas Instruments SN74ALS857NT Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
1-Sep-2015
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
5962-87533013A
OBSOLETE
LCCC
FK
24
TBD
Call TI
Call TI
-55 to 125
5962-8753301LA
ACTIVE
CDIP
JT
24
1
TBD
A42
N / A for Pkg Type
-55 to 125
5962-8753301LA
SNJ54ALS857JT
SN74ALS857NT
OBSOLETE
PDIP
NT
24
TBD
Call TI
Call TI
0 to 70
SN74ALS857NT
SNJ54ALS857FK
OBSOLETE
LCCC
FK
24
TBD
Call TI
Call TI
-55 to 125
SNJ54ALS857JT
ACTIVE
CDIP
JT
24
1
TBD
A42
N / A for Pkg Type
-55 to 125
5962-8753301LA
SNJ54ALS857JT
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.


Similar Part No. - SN74ALS857NT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS857NT TI-SN74ALS857NT Datasheet
112Kb / 11P
[Old version datasheet]   HEX 2-TO-1 UNIVERSAL MULTIPLEXERS WITH 3-STATE OUTPUTS
SN74ALS857NT TI-SN74ALS857NT Datasheet
430Kb / 13P
[Old version datasheet]   HEX 2-TO-1 UNIVERSAL MULTIPLEXERS WITH 3-STATE OUTPUTS
SN74ALS857NTE4 TI-SN74ALS857NTE4 Datasheet
430Kb / 13P
[Old version datasheet]   HEX 2-TO-1 UNIVERSAL MULTIPLEXERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ALS857NT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS857 TI-SN54ALS857_08 Datasheet
430Kb / 13P
[Old version datasheet]   HEX 2-TO-1 UNIVERSAL MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54ALS857 TI-SN54ALS857 Datasheet
112Kb / 11P
[Old version datasheet]   HEX 2-TO-1 UNIVERSAL MULTIPLEXERS WITH 3-STATE OUTPUTS
CD74HCT258 TI-CD74HCT258 Datasheet
251Kb / 5P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74HC258 HITACHI-HD74HC258 Datasheet
55Kb / 9P
   Quad. 2-to-1-line Data Selectors/Multiplexers(with 3-state outputs)
logo
Renesas Technology Corp
HD74HC258 RENESAS-HD74HC258 Datasheet
108Kb / 8P
   Quad. 2-to-1-line Data Selectors/Multiplexers (with 3-state outputs)
logo
Texas Instruments
SN54F257 TI-SN54F257 Datasheet
74Kb / 5P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54AHCT257 TI-SN54AHCT257 Datasheet
110Kb / 7P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54HC257 TI-SN54HC257 Datasheet
478Kb / 16P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54ALS257A TI-SN54ALS257A Datasheet
139Kb / 9P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54HC257 TI1-SN54HC257_15 Datasheet
1Mb / 21P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com