Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AS250ANT3 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74AS250ANT3
Description  1-OF-16 DATA GENERATORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AS250ANT3 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74AS250ANT3 Datasheet HTML 3Page - Texas Instruments SN74AS250ANT3 Datasheet HTML 4Page - Texas Instruments SN74AS250ANT3 Datasheet HTML 5Page - Texas Instruments SN74AS250ANT3 Datasheet HTML 6Page - Texas Instruments SN74AS250ANT3 Datasheet HTML 7Page - Texas Instruments SN74AS250ANT3 Datasheet HTML 8Page - Texas Instruments SN74AS250ANT3 Datasheet HTML 9Page - Texas Instruments SN74AS250ANT3 Datasheet HTML 10Page - Texas Instruments SN74AS250ANT3 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
31-Aug-2014
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
5962-9056201LA
ACTIVE
CDIP
JT
24
1
TBD
A42
N / A for Pkg Type
-55 to 125
5962-9056201LA
SNJ54AS250AJT
SN74AS250ANT
OBSOLETE
PDIP
NT
24
TBD
Call TI
Call TI
0 to 70
SN74AS250ANT
SN74AS250ANT3
OBSOLETE
PDIP
NT
24
TBD
Call TI
Call TI
0 to 70
SNJ54AS250AJT
ACTIVE
CDIP
JT
24
1
TBD
A42
N / A for Pkg Type
-55 to 125
5962-9056201LA
SNJ54AS250AJT
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and


Similar Part No. - SN74AS250ANT3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AS250ANT3 TI-SN74AS250ANT3 Datasheet
399Kb / 13P
[Old version datasheet]   1-OF-16 DATA GENERATORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74AS250ANT3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AS250A TI-SN54AS250A Datasheet
111Kb / 7P
[Old version datasheet]   1-OF-16 DATA GENERATORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54AS250A TI-SN54AS250A_07 Datasheet
399Kb / 13P
[Old version datasheet]   1-OF-16 DATA GENERATORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN74AS850A TI1-SN74AS850A Datasheet
167Kb / 11P
[Old version datasheet]   1 OF 16 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN74AS250A TI1-SN74AS250A_V01 Datasheet
250Kb / 10P
[Old version datasheet]   1-OF-16 DATA GENERATIORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
2022
SN74ALS251DR TI-SN74ALS251DR Datasheet
840Kb / 18P
[Old version datasheet]   1-OF-8 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54ALS251 TI-SN54ALS251 Datasheet
96Kb / 6P
[Old version datasheet]   1-OF-8 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
SN54F251B TI-SN54F251B Datasheet
99Kb / 7P
[Old version datasheet]   1-OF-8 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74HC251 HITACHI-HD74HC251 Datasheet
54Kb / 9P
   1 of 8 Data Selectors/Multiplexers (with 3-state outputs)
logo
Renesas Technology Corp
HD74HC251 RENESAS-HD74HC251 Datasheet
107Kb / 9P
   1 of 8 Data Selectors/Multiplexers (with 3-state outputs)
logo
Texas Instruments
SN54F251B TI1-SN54F251B_08 Datasheet
114Kb / 7P
[Old version datasheet]   1-OF-8 DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com