Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM71-50220LF Datasheet(PDF) 2 Page - Bi technologies

Part # HM71-50220LF
Description  High Performance Low Cost Surface Mount Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM71-50220LF Datasheet(HTML) 2 Page - Bi technologies

  HM71-50220LF Datasheet HTML 1Page - Bi technologies HM71-50220LF Datasheet HTML 2Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2009/10 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE
We reserve the right to change specifications without prior notice.
www.bitechnologies.com
91
Ordering Information
Inductance Code:
First 2 digits are significant. Last digit denotes the
number of trailing zeros. For values below 10µH,
“R“ denotes the decimal point.
Model Series
HM71 - 30 4R7
LF
TR
Case Size:
10 = Figure 1
20 = Figure 2
30 = Figure 2
40 = Figure 2
50 = Figure 2
Outline Dimensions (Inch/mm) / Packaging
Figure 1
Figure 2
Lead Free
Tape & Reel Packing
Case size Figure
A
B
C
D
E
F
G
H
I
Reel
Capacity
10
20
30
40
50
.260
6.60
.510
12.95
.510
12.95
.175
4.45
.115
2.92
.370
9.40
.118
3.00
.370
9.40
.213
5.40
.510
12.95
.730
18.54
.370
9.40
.450
11.43
.600
15.24
.280
7.11
500 Units
1500 Units
500 Units
250 Units
350 Units
Reel
Diameter
1
2
2
2
2
7”
13”
13”
13”
13”
.040
1.02
.100
2.54
.100
2.54
.170
4.32
.300
7.62
.300
7.62
.100
2.54
.100
2.54
.300
7.62
.500
12.70
.160
4.06
.290
7.37
.290
7.37
.055
1.40
.140
3.56
.115
2.92
.110
2.79
.115
2.92
.110
2.79
.290
7.37
.490
12.45
.115
2.92
.110
2.79
.115
2.92
.110
2.79
.050
1.27
.100
2.54
.100
2.54
.100
2.54
.100
2.54
Recommended Solder Pad Layouts
Case Size
Figure
A
B
C
D
E
F
G
H
I
Reel
Diamter
Reel
Capacity
10
1
0.260
0.175
0.115
0.04
0.05
0.170
0.160
0.055
0.140
7”
500 Units
6.60
4.45
2.92
1.02
1.27
4.32
4.06
1.40
3.56
20
2
0.510
0.3700
0.118
0.100
0.100
0.300
0.290
0.115
0.110
13”
1500 Units
12.95
9.4
3.00
2.54
2.54
7.62
7.37
2.92
2.79
30
2
0.510
0.370
0.213
0.100
0.100
0.300
0.290
0.115
0.110
13”
500 Units
12.95
9.40
5.40
2.54
2.54
7.62
7.37
2.92
2.79
40
2
0.510
0.370
0.450
0.100
0.100
0.300
0.290
0.115
0.110
13”
250 Units
12.95
9.40
11.43
2.54
2.54
7.62
7.37
2.92
2.79
50
2
0.730
0.600
0.280
0.100
0.100
0.500
0.490
0.115
0.110
13”
350 Units
18.54
15.24
7.11
2.54
2.54
12.70
12.45
2.92
2.79
2009/10 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE
We reserve the right to change specifications without prior notice.
www.bitechnologies.com
91
Ordering Information
Inductance Code:
First 2 digits are significant. Last digit denotes the
number of trailing zeros. For values below 10µH,
“R“ denotes the decimal point.
Model Series
HM71 - 30 4R7
LF
TR
Case Size:
10 = Figure 1
20 = Figure 2
30 = Figure 2
40 = Figure 2
50 = Figure 2
Outline Dimensions (Inch/mm) / Packaging
Figure 1
Figure 2
Lead Free
Tape & Reel Packing
Case size Figure
A
B
C
D
E
F
G
H
I
Reel
Capacity
10
20
30
40
50
.260
6.60
.510
12.95
.510
12.95
.175
4.45
.115
2.92
.370
9.40
.118
3.00
.370
9.40
.213
5.40
.510
12.95
.730
18.54
.370
9.40
.450
11.43
.600
15.24
.280
7.11
500 Units
1500 Units
500 Units
250 Units
350 Units
Reel
Diameter
1
2
2
2
2
7”
13”
13”
13”
13”
.040
1.02
.100
2.54
.100
2.54
.170
4.32
.300
7.62
.300
7.62
.100
2.54
.100
2.54
.300
7.62
.500
12.70
.160
4.06
.290
7.37
.290
7.37
.055
1.40
.140
3.56
.115
2.92
.110
2.79
.115
2.92
.110
2.79
.290
7.37
.490
12.45
.115
2.92
.110
2.79
.115
2.92
.110
2.79
.050
1.27
.100
2.54
.100
2.54
.100
2.54
.100
2.54
Recommended Solder Pad Layouts
High Performance Low Cost Surface Mount Inductors
Model HM71
Make Possible
Outline Dimensions (Inch/mm) / Packaging
HM71 - 30 4R7 LF TR
Model Series
Case Size:
10 = Figure 1
20 = Figure 2
30 = Figure 2
40 = Figure 2
50 = Figure 2
TR - Tape & Reel Packing
Lead-Free
Inductance Code:
First 2 digits are significant. Last digit denotes the
number of trailing zeros. For values below 10μH,
“R“ denotes the decimal point.
Ordering Information
Rev. 01
General Note
TTElectronicsreservestherighttomakechangesinproductspecificationwithoutnoticeorliability.
AllinformationissubjecttoTTElectronics’owndataandisconsideredaccurateattimeofgoingtoprint.
©TTElectronicsplc
www.ttelectronicsmagnetics.com


Similar Part No. - HM71-50220LF

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM71-50220LF BITECH-HM71-50220LF Datasheet
584Kb / 3P
   High Performance Low Cost Surface Mount Inductors
logo
TT Electronics.
HM71-50220LF TTELEC-HM71-50220LF Datasheet
671Kb / 2P
   High Performance Low Cost Surface Mount Inductors
More results

Similar Description - HM71-50220LF

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
HM71 TTELEC-HM71 Datasheet
671Kb / 2P
   High Performance Low Cost Surface Mount Inductors
logo
Bi technologies
HM71 BITECH-HM71 Datasheet
584Kb / 3P
   High Performance Low Cost Surface Mount Inductors
HM61 BITECH-HM61 Datasheet
252Kb / 2P
   Low Cost Miniature Surface Mount Inductors
logo
List of Unclassifed Man...
HM61 ETC1-HM61 Datasheet
252Kb / 2P
   Low Cost Miniature Surface Mount Inductors
logo
TT Electronics.
HM79 TTELEC-HM79 Datasheet
301Kb / 2P
   Low Cost Medium Power Surface Mount Inductors
logo
Bi technologies
HM79 BITECH-HM79_15 Datasheet
277Kb / 2P
   Low Cost Medium Power Surface Mount Inductors
HM79 BITECH-HM79 Datasheet
429Kb / 2P
   Low Cost Medium Power Surface Mount Inductors
logo
M/A-COM Technology Solu...
MAIA-007495 MA-COM-MAIA-007495 Datasheet
775Kb / 6P
   Low Cost / High Performance
logo
List of Unclassifed Man...
HA72E-06 ETC2-HA72E-06 Datasheet
373Kb / 3P
   High Power High Performance Molded Surface Mount Inductors
logo
Bi technologies
HA72T BITECH-HA72T Datasheet
536Kb / 2P
   High Power High Performance Molded Surface Mount Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com