Electronic Components Datasheet Search |
|
SFR105 Datasheet(PDF) 1 Page - Diode Semiconductor Korea |
|
SFR105 Datasheet(HTML) 1 Page - Diode Semiconductor Korea |
1 / 2 page FEATURES Low cost Diffused junction Low leakage Low forward voltage drop High current capability and similar solvents MECHANICAL DATA Case:JEDEC DO-41,molded plastic Terminals: Axial lead ,solderable per MIL- STD-202,Method 208 Polarity: Color band denotes cathode Weight: 0.012ounces,0.34 grams Mounting position: Any MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25 ambient temperature unless otherwise specified. Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%. SFR 103 SFR 104 SFR 105 SFR 106 SFR 107 UNITS Maximum recurrent peak reverse voltage VRRM 200 400 600 800 1000 V Maximum RMS voltage VRMS 140 280 420 560 700 V Maximum DC blocking voltage VDC 200 400 600 800 1000 V Maximum average forw ard rectified current 9.5mm lead length, @T A=75 Peak forw ard surge current 8.3ms single half-sine-w ave superimposed on rated load @T J=125 Maximum instantaneous forw ard voltage @ 1.0 A VF V Maximum reverse current @T A=25 at rated DC blocking voltage @T A=100 Maximum reverse recovery time (Note1) t rr 200 ns Typical junction capacitance (Note2) CJ pF Typical thermal resistance (Note3) RθJA /W Operating junction temperature range TJ Storage temperature range TSTG NOTE:1. Measured with I F=0.5A, IR=1A, Irr=0.25A. SFR101---SFR107 DO - 41 50 35 50 SFR 101 Easily cleaned with Freon,Alcohol,Isopropanol 100 70 A IFSM 3. Thermal resistance f rom junction to ambient. A 2. Measured at 1.0MHz and applied rev erse v oltage of 4.0V DC. - 55---- +150 - 55---- + 150 55 120 The plastic material carries U/L recognition 94V-0 IR 30.0 5.0 100.0 1.2 12 350 VOLTAGE RANGE: 50 --- 1000 V CURRENT: 1.0 A 100 SFR 102 1.0 A FAST RECOVERY RECTIFIERS IF(AV) Dimensions in millimeters www.diode.kr Diode Semiconductor Korea |
Similar Part No. - SFR105 |
|
Similar Description - SFR105 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |