Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM66A-0730101MLF Datasheet(PDF) 5 Page - Bi technologies

Part # HM66A-0730101MLF
Description  Shielded Surface Mount Power Inductors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM66A-0730101MLF Datasheet(HTML) 5 Page - Bi technologies

  HM66A-0730101MLF Datasheet HTML 1Page - Bi technologies HM66A-0730101MLF Datasheet HTML 2Page - Bi technologies HM66A-0730101MLF Datasheet HTML 3Page - Bi technologies HM66A-0730101MLF Datasheet HTML 4Page - Bi technologies HM66A-0730101MLF Datasheet HTML 5Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Shielded Surface Mount Power Inductors
Model HM66A
Make Possible
Rev. 02
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsmagnetics.com
HM66A - 0420 1R2 N LF 13
Model Series
Case Size :
Inductance Code:
First 2 digits are significant. Last digit
denotes the number of trailing zeros. For
values below 10μH, “R” denotes
the decimal point.
Notes: (1) Inductance for case size 0420, 0520, 0530, 1030 & 1050 is measured at 100 kHz, 0.1 Vac without DC current.
(2) Inductance for case size 0628, 0728, 0730, 0732, 0745, 1045, 1255, 1265 & 1275 is measured at 1 kHz, 0.5 Vac without DC current.
(3) The rated current for case size 0312, 0315, 0318, 0420, 0520, 0530 & 0628 is the approximate DC current at which the inductance will be decreased by 30%
from its initial (zero DC) value.
(4) The rated current for case size 0630 is the approximate DC current at which the inductance will be decreased by 35% from its initial (zero DC) value.
(5) The rated current for case size 0728, 0730, 0732, 0745, 1045, 1255, 1265 & 1275 is the approximate DC current at which the inductance will be decreased
by 30% from its initial (zero DC) value.
(6) The rated current for case size 1030 & 1050 is the approximate DC current at which the inductance will be decreased by 25% from its
initial (zero DC) value.
Tape & 13” Reel Packing
Lead-Free
Inductance Tolerance:
K = ±10%
M = ±20%
N = ±30%
Ordering Information
Packaging
Standard
Tape & Reel
Reel:
Diameter:
=
13” (330.2mm)
Capacity:
Case size 0745, 1045,
1050, 1255, 1265, 1275
=
500 Units
Case size 0420, 0728,
0730, 0732, 1030
=
1000 Units
Case size 0628
=
2000 Units
Case size 0530
=
2500 Units
Case size 0520
=
3000 Units


Similar Part No. - HM66A-0730101MLF

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
HM66A-0420100MLF TTELEC-HM66A-0420100MLF Datasheet
916Kb / 5P
   Shielded Surface Mount Power Inductors
HM66A-0420101MLF TTELEC-HM66A-0420101MLF Datasheet
916Kb / 5P
   Shielded Surface Mount Power Inductors
HM66A-0420150MLF TTELEC-HM66A-0420150MLF Datasheet
916Kb / 5P
   Shielded Surface Mount Power Inductors
HM66A-04201R0NLF TTELEC-HM66A-04201R0NLF Datasheet
916Kb / 5P
   Shielded Surface Mount Power Inductors
HM66A-04201R2NLF TTELEC-HM66A-04201R2NLF Datasheet
916Kb / 5P
   Shielded Surface Mount Power Inductors
More results

Similar Description - HM66A-0730101MLF

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
KMP_4600 MURATA-KMP_4600 Datasheet
128Kb / 3P
   Shielded Surface Mount Power Inductors
logo
Murata Power Solutions ...
4500 MURATA-PS-4500 Datasheet
165Kb / 3P
   Shielded Surface Mount Power Inductors
46281C MURATA-PS-46281C Datasheet
148Kb / 3P
   Shielded Surface Mount Power Inductors
logo
Murata Manufacturing Co...
KMP_4900S MURATA-KMP_4900S Datasheet
145Kb / 3P
   Shielded Surface Mount Power Inductors
logo
Abracon Corporation
ASPI-0403S ABRACON-ASPI-0403S Datasheet
225Kb / 1P
   SURFACE MOUNT SHIELDED POWER INDUCTORS
06.27.07
logo
TT Electronics.
HM71S TTELEC-HM71S Datasheet
636Kb / 2P
   Shielded Surface Mount Power Inductors
logo
API Delevan
SP1812 API-SP1812 Datasheet
182Kb / 1P
   Shielded Surface Mount Power Inductors
SP1008R API-SP1008R Datasheet
1Mb / 1P
   Shielded Surface Mount Power Inductors
logo
Murata Manufacturing Co...
KMP_4800S MURATA-KMP_4800S Datasheet
140Kb / 3P
   Shielded Surface Mount Power Inductors
KMP_4500 MURATA-KMP_4500 Datasheet
145Kb / 3P
   Shielded Surface Mount Power Inductors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com