Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54328 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS54328
Description  TPS54328 4.5-V to 18-V Input, 3-A Synchronous Step-Down Converter With Eco-Mode
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54328 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS54328_16 Datasheet HTML 7Page - Texas Instruments TPS54328_16 Datasheet HTML 8Page - Texas Instruments TPS54328_16 Datasheet HTML 9Page - Texas Instruments TPS54328_16 Datasheet HTML 10Page - Texas Instruments TPS54328_16 Datasheet HTML 11Page - Texas Instruments TPS54328_16 Datasheet HTML 12Page - Texas Instruments TPS54328_16 Datasheet HTML 13Page - Texas Instruments TPS54328_16 Datasheet HTML 14Page - Texas Instruments TPS54328_16 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
Copyright © 2016, Texas Instruments Incorporated
11
TPS54328
www.ti.com
SLVSAN2D – NOVEMBER 2010 – REVISED AUGUST 2016
Product Folder Links: TPS54328
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The TPS54328 is typically used as step down converters, which convert a voltage from 4.5 V to 18 V to a lower
voltage. WEBENCH® software is available to aid in the design and analysis of circuits.
8.2 Typical Application
Figure 6. Schematic Diagram
8.2.1 Design Requirements
For this design example, use the parameters listed in Table 1 as the input parameters.
Table 1. Design Parameters
PARAMETER
EXAMPLE VALUE
Input voltage
4.5 V to 18 V
Output voltage
1.05 V
Output current
3 A
Output voltage ripple
50 mVPP
8.2.2 Detailed Design Procedure
To begin the design process, you must know a few application parameters:
Input voltage range
Output voltage
Output current
Output voltage ripple


Similar Part No. - TPS54328_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54328 TI-TPS54328_15 Datasheet
1Mb / 27P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-mode?
More results

Similar Description - TPS54328_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54228 TI1-TPS54228_16 Datasheet
1Mb / 29P
[Old version datasheet]   4.5-V to 18-V Input, 2-A Synchronous Step-Down Converter With Eco-Mode
TPS54528 TI1-TPS54528_17 Datasheet
1Mb / 26P
[Old version datasheet]   4.5-V To 18-V Input, 5-A Synchronous Step-Down Converter With Eco-Mode
TPS54528 TI-TPS54528_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS54528 4.5-V To 18-V Input, 5-A Synchronous Step-Down Converter With Eco-Mode?
TPS54428 TI-TPS54428_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS54428 4.5-V to 18-V Input, 4-A Synchronous Step-Down Converter With Eco-Mode?
TPS54526 TI-TPS54526_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS54526 4.5-V to 18-V Input, 5.5-A Synchronous Step-Down Converter with Eco-mode?
TPS56428 TI1-TPS56428_16 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 18-V Input, 4-A Sync. Step-Down Converter with Advanced Eco-mode
TPS566235 TI1-TPS566235 Datasheet
1Mb / 27P
[Old version datasheet]   4.5-V to 18-V input, 6-A synchronous step-down converter
TPS566235 TI1-TPS566235_19 Datasheet
1Mb / 28P
[Old version datasheet]   4.5-V to 18-V input, 6-A synchronous step-down converter
TPS56428 TI-TPS56428_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS56428 4.5-V to 18-V Input, 4-A Sync. Step-Down Converter with Advanced Eco-mode?
TPS54428 TI1-TPS54428 Datasheet
844Kb / 22P
[Old version datasheet]   4.5V to 18 V Input, 4-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com