Electronic Components Datasheet Search |
|
TLC272IDRG4 Datasheet(PDF) 8 Page - Texas Instruments |
|
|
TLC272IDRG4 Datasheet(HTML) 8 Page - Texas Instruments |
8 / 53 page TLC272, TLC272A, TLC272B, TLC272Y, TLC277 LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS SLOS091E – OCTOBER 1987 – REVISED FEBRUARY 2002 8 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics at specified free-air temperature, VDD = 10 V (unless otherwise noted) PARAMETER TEST CONDITIONS TA† TLC272I, TLC272AI, TLC272BI, TLC277I UNIT PARAMETER TEST CONDITIONS TA† MIN TYP MAX UNIT TLC272I VO = 1.4 V, VIC = 0, 25 °C 1.1 10 TLC272I VO = 1.4 V, RS = 50 Ω, VIC = 0, RL = 10 kΩ Full range 13 mV TLC272AI VO = 1.4 V, VIC = 0, 25 °C 0.9 5 mV V Input offset voltage TLC272AI VO = 1.4 V, RS = 50 Ω, VIC = 0, RL = 10 kΩ Full range 7 VIO Input offset voltage TLC272BI VO = 1.4 V, VIC = 0, 25 °C 290 2000 TLC272BI VO = 1.4 V, RS = 50 Ω, VIC = 0, RL = 10 kΩ Full range 3500 V TLC277I VO = 1.4 V, VIC = 0, 25 °C 250 800 µV TLC277I VO = 1.4 V, RS = 50 Ω, VIC = 0, RL = 10 kΩ Full range 2900 αVIO Temperature coefficient of input offset voltage 25 °C to 85 °C 2 µV/°C I Input offset current (see Note 4) 25 °C 0.1 60 pA IIO Input offset current (see Note 4) V5 V V5 V 85 °C 26 1000 pA I Input bias current (see Note 4) VO = 5 V, VIC = 5 V 25 °C 0.7 60 pA IIB Input bias current (see Note 4) 85 °C 220 2000 pA V Common-mode input voltage range 25 °C – 0.2 to 9 – 0.3 to 9.2 V VICR Common mode in ut voltage range (see Note 5) Full range – 0.2 to 8.5 V 25 °C 8 8.5 VOH High-level output voltage VID = 100 mV, RL = 10 kΩ – 40 °C 7.8 8.5 V VOH High level out ut voltage VID 100 mV, RL 10 kΩ 85 °C 7.8 8.5 V 25 °C 0 50 VOL Low-level output voltage VID = –100 mV, IOL = 0 – 40 °C 0 50 mV VOL Low level out ut voltage VID 100 mV, IOL 0 85 °C 0 50 mV 25 °C 10 36 AVD Large-signal differential voltage amplification VO = 1 V to 6 V, RL = 10 kΩ – 40 °C 7 46 V/mV AVD Large signal differential voltage am lification VO 1 V to 6 V, RL 10 kΩ 85 °C 7 31 V/mV 25 °C 65 85 CMRR Common-mode rejection ratio VIC = VICRmin – 40 °C 60 87 dB CMRR Common mode rejection ratio VIC VICRmin 85 °C 60 88 dB S l lt j ti ti 25 °C 65 95 kSVR Supply-voltage rejection ratio ( ∆VDD/∆VIO) VDD = 5 V to 10 V, VO = 1.4 V – 40 °C 60 92 dB kSVR ( ∆VDD/∆VIO) VDD 5 V to 10 V, VO 1.4 V 85 °C 60 96 dB V5 V V5 V 25 °C 1.4 4 IDD Supply current (two amplifiers) VO = 5 V, No load VIC = 5 V, – 40 °C 2.8 5 mA DD y( ) No load 85 °C 1.5 3.2 † Full range is – 40 °C to 85°C. NOTES: 4. The typical values of input bias current and input offset current below 5 pA were determined mathematically. 5. This range also applies to each input individually. |
Similar Part No. - TLC272IDRG4 |
|
Similar Description - TLC272IDRG4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |