Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM66A-0745470MLF Datasheet(PDF) 2 Page - Bi technologies

Part # HM66A-0745470MLF
Description  Shielded Surface Mount Power Inductors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM66A-0745470MLF Datasheet(HTML) 2 Page - Bi technologies

  HM66A-0745470MLF Datasheet HTML 1Page - Bi technologies HM66A-0745470MLF Datasheet HTML 2Page - Bi technologies HM66A-0745470MLF Datasheet HTML 3Page - Bi technologies HM66A-0745470MLF Datasheet HTML 4Page - Bi technologies HM66A-0745470MLF Datasheet HTML 5Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Shielded Surface Mount Power Inductors
Model HM66A
Make Possible
Rev. 02
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsmagnetics.com
Specifications @ 25°C
B) Case Size 0628/0728/0730/0732/0745/1045/1255/1265/1275
Part Number
Inductance(2)
(μH)
DCR
Max
(Ω)
Rated (3),(5)
Current
(A)
Part Number
Inductance(2)
(μH)
DCR
Max
(Ω)
Rated (5)
Current
(A)
HM66A-06284R7MLF
4.7
0.043
1.60
HM66A-0732471MLF
470
2.460
0.20
HM66A-06286R8MLF
6.8
0.062
1.50
HM66A-0732681MLF
680
3.780
0.16
HM66A-0628100MLF
10
0.082
1.30
HM66A-0732102MLF
1000
5.736
0.13
HM66A-0628150MLF
15
0.120
1.00
HM66A-07453R3MLF
3.3
0.024
2.50
HM66A-0628220MLF
22
0.144
0.77
HM66A-07454R7MLF
4.7
0.036
2.00
HM66A-0628330MLF
33
0.216
0.69
HM66A-07456R8MLF
6.8
0.047
1.70
HM66A-0628470MLF
47
0.324
0.59
HM66A-0745100MLF
10
0.043
1.30
HM66A-0628680MLF
68
0.468
0.50
HM66A-0745150MLF
15
0.062
1.10
HM66A-0628101MLF
100
0.744
0.42
HM66A-0745220MLF
22
0.073
0.90
HM66A-07283R3MLF
3.3
0.044
1.60
HM66A-0745330MLF
33
0.115
0.82
HM66A-07284R7MLF
4.7
0.054
1.50
HM66A-0745470MLF
47
0.150
0.75
HM66A-07286R8MLF
6.8
0.071
1.30
HM66A-0745680MLF
68
0.210
0.60
HM66A-0728100MLF
10
0.100
1.10
HM66A-0745101MLF
100
0.300
0.50
HM66A-0728150MLF
15
0.156
0.88
HM66A-0745151MLF
150
0.580
0.40
HM66A-0728220MLF
22
0.216
0.75
HM66A-0745221MLF
220
0.624
0.33
HM66A-0728330MLF
33
0.288
0.65
HM66A-0745331MLF
330
0.888
0.25
HM66A-0728470MLF
47
0.408
0.54
HM66A-0745471MLF
470
1.260
0.22
HM66A-07303R3MLF
3.3
0.028
1.80
HM66A-0745681MLF
680
1.776
0.20
HM66A-07304R7MLF
4.7
0.043
1.60
HM66A-0745102MLF
1000
2.736
0.14
HM66A-07306R8MLF
6.8
0.049
1.50
HM66A-1045100MLF
10
0.043
3.00
HM66A-0730100MLF
10
0.064
1.30
HM66A-1045150MLF
15
0.056
2.40
HM66A-0730150MLF
15
0.101
1.00
HM66A-1045220MLF
22
0.071
2.10
HM66A-0730220MLF
22
0.132
0.86
HM66A-1045330MLF
33
0.098
1.60
HM66A-0730330MLF
33
0.192
0.65
HM66A-1045470MLF
47
0.120
1.40
HM66A-0730470MLF
47
0.288
0.57
HM66A-1045680MLF
68
0.168
1.20
HM66A-0730680MLF
68
0.372
0.49
HM66A-1045101MLF
100
0.240
1.00
HM66A-0730101MLF
100
0.540
0.35
HM66A-1045151MLF
150
0.420
0.79
HM66A-07323R3MLF
3.3
0.028
1.90
HM66A-1045221MLF
220
0.564
0.65
HM66A-07324R7MLF
4.7
0.043
1.70
HM66A-1045331MLF
330
0.816
0.54
HM66A-07326R8MLF
6.8
0.049
1.60
HM66A-1045471MLF
470
1.236
0.47
HM66A-0732100MLF
10
0.064
1.40
HM66A-1045681MLF
680
1.920
0.38
HM66A-0732150MLF
15
0.090
1.10
HM66A-1045102MLF
1000
3.360
0.32
HM66A-0732220MLF
22
0.132
0.96
HM66A-1045152MLF
1500
4.080
0.22
HM66A-0732330MLF
33
0.192
0.75
HM66A-12556R0NLF
6
0.020
3.60
HM66A-0732470MLF
47
0.288
0.67
HM66A-1255100MLF
10
0.026
3.40
HM66A-0732680MLF
68
0.372
0.59
HM66A-1255150MLF
15
0.031
2.80
HM66A-0732101MLF
100
0.540
0.45
HM66A-1255220MLF
22
0.041
2.30
HM66A-0732151MLF
150
0.780
0.37
HM66A-1255330MLF
33
0.050
1.90
HM66A-0732221MLF
220
1.260
0.29
HM66A-1255470MLF
47
0.074
1.60
HM66A-0732331MLF
330
2.004
0.22
HM66A-1255680MLF
68
0.100
1.30


Similar Part No. - HM66A-0745470MLF

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
HM66A-0420100MLF TTELEC-HM66A-0420100MLF Datasheet
916Kb / 5P
   Shielded Surface Mount Power Inductors
HM66A-0420101MLF TTELEC-HM66A-0420101MLF Datasheet
916Kb / 5P
   Shielded Surface Mount Power Inductors
HM66A-0420150MLF TTELEC-HM66A-0420150MLF Datasheet
916Kb / 5P
   Shielded Surface Mount Power Inductors
HM66A-04201R0NLF TTELEC-HM66A-04201R0NLF Datasheet
916Kb / 5P
   Shielded Surface Mount Power Inductors
HM66A-04201R2NLF TTELEC-HM66A-04201R2NLF Datasheet
916Kb / 5P
   Shielded Surface Mount Power Inductors
More results

Similar Description - HM66A-0745470MLF

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
KMP_4600 MURATA-KMP_4600 Datasheet
128Kb / 3P
   Shielded Surface Mount Power Inductors
logo
Murata Power Solutions ...
4500 MURATA-PS-4500 Datasheet
165Kb / 3P
   Shielded Surface Mount Power Inductors
46281C MURATA-PS-46281C Datasheet
148Kb / 3P
   Shielded Surface Mount Power Inductors
logo
Murata Manufacturing Co...
KMP_4900S MURATA-KMP_4900S Datasheet
145Kb / 3P
   Shielded Surface Mount Power Inductors
logo
Abracon Corporation
ASPI-0403S ABRACON-ASPI-0403S Datasheet
225Kb / 1P
   SURFACE MOUNT SHIELDED POWER INDUCTORS
06.27.07
logo
TT Electronics.
HM71S TTELEC-HM71S Datasheet
636Kb / 2P
   Shielded Surface Mount Power Inductors
logo
API Delevan
SP1812 API-SP1812 Datasheet
182Kb / 1P
   Shielded Surface Mount Power Inductors
SP1008R API-SP1008R Datasheet
1Mb / 1P
   Shielded Surface Mount Power Inductors
logo
Murata Manufacturing Co...
KMP_4800S MURATA-KMP_4800S Datasheet
140Kb / 3P
   Shielded Surface Mount Power Inductors
KMP_4500 MURATA-KMP_4500 Datasheet
145Kb / 3P
   Shielded Surface Mount Power Inductors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com