Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54336ADDAR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54336ADDAR
Description  TPS5433xA 4.5-V to 28-V Input, 3-A Output, Synchronous Step-Down DC-DC Converter
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54336ADDAR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS54336ADDAR Datasheet HTML 2Page - Texas Instruments TPS54336ADDAR Datasheet HTML 3Page - Texas Instruments TPS54336ADDAR Datasheet HTML 4Page - Texas Instruments TPS54336ADDAR Datasheet HTML 5Page - Texas Instruments TPS54336ADDAR Datasheet HTML 6Page - Texas Instruments TPS54336ADDAR Datasheet HTML 7Page - Texas Instruments TPS54336ADDAR Datasheet HTML 8Page - Texas Instruments TPS54336ADDAR Datasheet HTML 9Page - Texas Instruments TPS54336ADDAR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
6
TPS54335A, TPS54335-1A, TPS54336A
SLVSCD5D – NOVEMBER 2014 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: TPS54335A TPS54335-1A TPS54336A
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
The electrical ratings specified in this section apply to all specifications in this document unless otherwise noted. These
specifications are interpreted as conditions that will not degrade the parametric or functional specifications of the device for
the life of the product containing it. TJ = –40°C to 150°C, VIN = 4.5 to 28 V, (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
THERMAL SHUTDOWN
Thermal shutdown
160
175
°C
Thermal shutdown hysteresis
10
°C
BOOT PIN
BOOT-PH UVLO
2.1
3
V
SOFT START
Soft-start charge current, TPS54336A
2.3
µA
6.6 Timing Requirements
MIN
TYP
MAX
UNIT
CURRENT-LIMIT
Hiccup wait time
512
Cycles
Hiccup time before restart
16384
Cycles
THERMAL SHUTDOWN
Thermal shutdown hiccup time
32768
Cycles
SOFT START
Internal soft-start time, TPS54335A and TPS54335-1A
2
ms
6.7 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PH PIN
Minimum on time
Measured at 90% to 90% of VIN, IPH = 2 A
94
145
ns
Minimum off time
V(BOOT-PH) ≥ 3 V
0%
SWITCHING FREQUENCY
Switching frequency range, TPS54335A and
TPS54335-1A
50
1500
kHz
R(RT) = 100 kΩ
384
480
576
kHz
R(RT) = 1000 kΩ, –40°C to 105°C
40
50
60
kHz
R(RT) = 30 kΩ
1200
1500
1800
kHz
Internal switching frequency, TPS54336A
272
340
408
kHz


Similar Part No. - TPS54336ADDAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54336ADDAR TI1-TPS54336ADDAR Datasheet
1Mb / 47P
[Old version datasheet]   Synchronous Step-Down DC-DC Converter
More results

Similar Description - TPS54336ADDAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54335A TI-TPS54335A_15 Datasheet
1Mb / 46P
[Old version datasheet]   TPS5433xA 4.5- to 28-V Input, 3-A Output, Synchronous SWIFT??Step-Down DC-DC Converter
TPS54335-2A TI1-TPS54335-2A Datasheet
1Mb / 39P
[Old version datasheet]   TPS54335-2A 4.5-V to 28-V Input, 3-A Output, Synchronous Step-Down DC-DC Converter
TPS56339 TI1-TPS56339 Datasheet
727Kb / 25P
[Old version datasheet]   4.5-V to 24-V Input, 3-A Output Synchronous Step-Down Converter
TPS54302 TI1-TPS54302 Datasheet
1Mb / 28P
[Old version datasheet]   TPS54302 4.5-V to 28-V Input, 3-A Output, EMI Friendly Synchronous Step-Down Converter
TPS56339 TI1-TPS56339_19 Datasheet
703Kb / 25P
[Old version datasheet]   4.5-V to 24-V Input, 3-A Output Synchronous Step-Down Converter
TPS54202H TI1-TPS54202H Datasheet
1Mb / 28P
[Old version datasheet]   4.5-V to 28-V Input, 2-A Output, SWIFT Synchronous Step Down Voltage Converter
TPS54202 TI1-TPS54202 Datasheet
967Kb / 26P
[Old version datasheet]   4.5-V to 28-V Input, 2-A Output, EMI Friendly Synchronous Step Down Converter
TPS54361 TI1-TPS54361_16 Datasheet
2Mb / 51P
[Old version datasheet]   4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter
TPS54561 TI1-TPS54561_16 Datasheet
2Mb / 53P
[Old version datasheet]   4.5-V to 60-V Input, 5-A, Step-Down DC-DC Converter
TPS54541 TI1-TPS54541_16 Datasheet
2Mb / 52P
[Old version datasheet]   4.5-V to 42-V Input, 5-A Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com