Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54372PWP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54372PWP
Description  3-A OUTPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54372PWP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS54372PWP Datasheet HTML 2Page - Texas Instruments TPS54372PWP Datasheet HTML 3Page - Texas Instruments TPS54372PWP Datasheet HTML 4Page - Texas Instruments TPS54372PWP Datasheet HTML 5Page - Texas Instruments TPS54372PWP Datasheet HTML 6Page - Texas Instruments TPS54372PWP Datasheet HTML 7Page - Texas Instruments TPS54372PWP Datasheet HTML 8Page - Texas Instruments TPS54372PWP Datasheet HTML 9Page - Texas Instruments TPS54372PWP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
www.ti.com
Falling
Edge
Deglitch
Enable
Comparator
1.2 V
2.95 V
Hysteresis: 0.03 V
2.5
µs
Falling
and
Rising
Edge
Deglitch
2.5
µs
VIN UVLO
Comparator
Hysteresis: 0.16 V
Slow-start
(0.25 V/ms minimum)
+
Error
Amplifier
Thermal
Shutdown
150
°C
SHUTDOWN
SS_DIS
PWM
Comparator
OSC
Leading
Edge
Blanking
100 ns
R
Q
S
Adaptive Dead-Time
and
Control Logic
SHUTDOWN
30 m
VIN
REG
VBIAS
VIN
BOOT
VIN
PH
LOUT
CO
PGND
STATUS
AGND
VBIAS
ILIM
Comparator
VIN
Vtt
RT
COMP
VSENSE
ENA
TPS54672
30 m
SS_DIS
REFIN
VDDQ
TPS54372
SLVS430D – JUNE 2002 – REVISED FEBRUARY 2005
INTERNAL BLOCK DIAGRAM
6


Similar Part No. - TPS54372PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54372PWP TI-TPS54372PWP Datasheet
455Kb / 17P
[Old version datasheet]   3-A OUTPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs
TPS54372PWPR TI-TPS54372PWPR Datasheet
455Kb / 17P
[Old version datasheet]   3-A OUTPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs
TPS54372PWPRG4 TI-TPS54372PWPRG4 Datasheet
455Kb / 17P
[Old version datasheet]   3-A OUTPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs
More results

Similar Description - TPS54372PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54372-Q1 TI1-TPS54372-Q1 Datasheet
334Kb / 17P
[Old version datasheet]   3-A OUTPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs
TPS54372 TI-TPS54372 Datasheet
455Kb / 17P
[Old version datasheet]   3-A OUTPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs
TPS54972 TI1-TPS54972_12 Datasheet
578Kb / 19P
[Old version datasheet]   9-A OUTPUT, 3-V TO 4-V INPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs
TPS54972 TI-TPS54972 Datasheet
362Kb / 16P
[Old version datasheet]   9-A OUTPUT, 3-V TO 4-V INPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETS
TPS54872 TI-TPS54872 Datasheet
267Kb / 17P
[Old version datasheet]   8-A OUTPUT 4-V TO 6-V INPUT TRACKING /TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETS
TPS54872 TI1-TPS54872_16 Datasheet
688Kb / 22P
[Old version datasheet]   8-A OUTPUT, 4-V TO 6-V INPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs
TPS54672 TI1-TPS54672 Datasheet
667Kb / 20P
[Old version datasheet]   6-A OUTPUT ACTIVE BUS TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs(SWIFT)
TPS54680-EP TI1-TPS54680-EP_16 Datasheet
1Mb / 25P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54680 TI1-TPS54680_16 Datasheet
816Kb / 25P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54380 TI-TPS54380 Datasheet
250Kb / 15P
[Old version datasheet]   3-V TO 6-V INPUT 3-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS FOR SEQUENCING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com