Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54372PWPR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54372PWPR
Description  3-A OUTPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54372PWPR Datasheet(HTML) 4 Page - Texas Instruments

  TPS54372PWPR Datasheet HTML 1Page - Texas Instruments TPS54372PWPR Datasheet HTML 2Page - Texas Instruments TPS54372PWPR Datasheet HTML 3Page - Texas Instruments TPS54372PWPR Datasheet HTML 4Page - Texas Instruments TPS54372PWPR Datasheet HTML 5Page - Texas Instruments TPS54372PWPR Datasheet HTML 6Page - Texas Instruments TPS54372PWPR Datasheet HTML 7Page - Texas Instruments TPS54372PWPR Datasheet HTML 8Page - Texas Instruments TPS54372PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
www.ti.com
TPS54372
SLVS430D – JUNE 2002 – REVISED FEBRUARY 2005
ELECTRICAL CHARACTERISTICS (continued)
T
J = –40°C to 125°C, VI = 3 V to 6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
PWM COMPARATOR
PWM comparator propagation delay time,
PWM comparator input to PH pin (excluding
10-mV overdrive(1)
70
85
ns
dead time)
SLOW-START/ENABLE
Enable threshold voltage, ENA
0.82
1.20
1.40
V
Enable hysteresis voltage, ENA(1)
0.03
V
Falling edge deglitch, ENA(1)
2.5
µs
Internal slow-start time
2.6
3.35
4.1
ms
STATUS
Output saturation voltage, STATUS
Isink = 2.5 mA
0.18
0.30
V
Leakage current, STATUS
VI= 3.6 V
1
µA
CURRENT LIMIT
VI = 3 V(1)
4
6.5
Current limit
A
VI= 6 V (1)
4.5
7.5
Current limit leading edge blanking time(1)
100
ns
Current limit total response time(4)
200
ns
THERMAL SHUTDOWN
Thermal shutdown trip point(4)
135
150
165
°C
Thermal shutdown hysteresis(4)
10
°C
OUTPUT POWER MOSFETs
VI = 6 V(5)
59
88
rDS(on)
Power MOSFET switches
m
VI = 3 V(5)
85
136
(4)
Specified by design
(5)
Matched MOSFETs low-side rDS(on), and high-side rDS(on) production tested.
4


Similar Part No. - TPS54372PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54372PWPR TI-TPS54372PWPR Datasheet
455Kb / 17P
[Old version datasheet]   3-A OUTPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs
TPS54372PWPRG4 TI-TPS54372PWPRG4 Datasheet
455Kb / 17P
[Old version datasheet]   3-A OUTPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs
More results

Similar Description - TPS54372PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54372-Q1 TI1-TPS54372-Q1 Datasheet
334Kb / 17P
[Old version datasheet]   3-A OUTPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs
TPS54372 TI-TPS54372 Datasheet
455Kb / 17P
[Old version datasheet]   3-A OUTPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs
TPS54972 TI1-TPS54972_12 Datasheet
578Kb / 19P
[Old version datasheet]   9-A OUTPUT, 3-V TO 4-V INPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs
TPS54972 TI-TPS54972 Datasheet
362Kb / 16P
[Old version datasheet]   9-A OUTPUT, 3-V TO 4-V INPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETS
TPS54872 TI-TPS54872 Datasheet
267Kb / 17P
[Old version datasheet]   8-A OUTPUT 4-V TO 6-V INPUT TRACKING /TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETS
TPS54872 TI1-TPS54872_16 Datasheet
688Kb / 22P
[Old version datasheet]   8-A OUTPUT, 4-V TO 6-V INPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs
TPS54672 TI1-TPS54672 Datasheet
667Kb / 20P
[Old version datasheet]   6-A OUTPUT ACTIVE BUS TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs(SWIFT)
TPS54680-EP TI1-TPS54680-EP_16 Datasheet
1Mb / 25P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54680 TI1-TPS54680_16 Datasheet
816Kb / 25P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54380 TI-TPS54380 Datasheet
250Kb / 15P
[Old version datasheet]   3-V TO 6-V INPUT 3-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS FOR SEQUENCING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com