Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM66-70820LF Datasheet(PDF) 2 Page - Bi technologies

Part # HM66-70820LF
Description  Miniature Low Profile, Shielded Surface Mount Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM66-70820LF Datasheet(HTML) 2 Page - Bi technologies

  HM66-70820LF Datasheet HTML 1Page - Bi technologies HM66-70820LF Datasheet HTML 2Page - Bi technologies HM66-70820LF Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Notes: (1) Testconditionsforcasesizes10,15,20,30,80=100kHz,0.1VwithoutDCcurrent.Testconditionsforcasesizes40,50,60,70=10kHz,
0.1VwithoutDCcurrent.Inductanceforcasesize62ismeasuredat100kHz,1VwithoutDCcurrent3.
(2) RatedDCcurrentistheapproximatecurrentatwhichinductancewillbedecreasedby35%fromitsinitial(zeroDC)valueortheDCcurrentatwhichΔT=40°C,whicheverislower.
Part Number
Inductance(1)
Nominal
μH ± 20%
DC
Resistance
Ω Max.
Rated (2)
Current
Amps
Figure
Part Number
Inductance(1)
Nominal
μH ± 20%
DC
Resistance
Ω Max.
Rated (2)
Current
Amps
Figure
HM66-50820LF
82
0.463
0.46
2
HM66-70120LF
12
0.053
1.70
2
HM66-50101LF
100
0.520
0.42
2
HM66-70150LF
15
0.057
1.60
2
HM66-603R0LF
3.0
0.024
3.00
2
HM66-70180LF
18
0.092
1.50
2
HM66-603R9LF
3.9
0.027
2.60
2
HM66-70220LF
22
0.096
1.30
2
HM66-605R0LF
5.0
0.031
2.40
2
HM66-70270LF
27
0.109
1.20
2
HM66-606R0LF
6.0
0.035
2.25
2
HM66-70330LF
33
0.124
1.10
2
HM66-607R3LF
7.3
0.054
2.10
2
HM66-70390LF
39
0.138
1.00
2
HM66-608R6LF
8.6
0.058
1.85
2
HM66-70470LF
47
0.155
0.95
2
HM66-60100LF
10
0.065
1.70
2
HM66-70560LF
56
0.202
0.85
2
HM66-60120LF
12
0.070
1.55
2
HM66-70680LF
68
0.234
0.75
2
HM66-60150LF
15
0.084
1.40
2
HM66-70820LF
82
0.324
0.70
2
HM66-60180LF
18
0.095
1.32
2
HM66-70101LF
100
0.358
0.65
2
HM66-60220LF
22
0.128
1.20
2
HM66-70221LF
220
0.820
0.45
2
HM66-60270LF
27
0.142
1.05
2
HM66-801R5LF
1.5
0.0081
10.0
3
HM66-60330LF
33
0.165
0.97
2
HM66-802R5LF
2.5 ± 30%
0.0105
7.50
3
HM66-60390LF
39
0.210
0.86
2
HM66-803R8LF
3.8
0.013
6.00
3
HM66-60470LF
47
0.238
0.80
2
HM66-805R2LF
5.2
0.022
5.50
3
HM66-60560LF
56
0.277
0.73
2
HM66-807R0LF
7
0.027
4.80
3
HM66-60680LF
68
0.304
0.65
2
HM66-80100LF
10
0.035
4.40
3
HM66-60820LF
82
0.390
0.60
2
HM66-80150LF
15
0.050
3.60
3
HM66-60101LF
100
0.535
0.54
2
HM66-80220LF
22
0.073
2.90
3
HM66-621R0LF
1.0
0.023
3.50
4
HM66-80330LF
33
0.093
2.30
3
HM66-621R5LF
1.5
0.036
2.47
4
HM66-80470LF
47
0.128
2.10
3
HM66-621R8LF
1.8
0.036
2.47
4
HM66-80680LF
68
0.213
1.50
3
HM66-703R3LF
3.3
0.020
3.50
2
HM66-80101LF
100
0.304
1.35
3
HM66-705R0LF
5.0
0.024
2.90
2
HM66-80151LF
150
0.506
1.15
3
HM66-706R2LF
6.2
0.027
2.50
2
HM66-80221LF
220
0.756
0.92
3
HM66-707R4LF
7.4
0.031
2.30
2
HM66-80331LF
330
1.090
0.70
3
HM66-708R7LF
8.7
0.034
2.20
2
HM66-80561LF
560
1.696
0.43
3
HM66-70100LF
10
0.038
2.00
2
HM66-80102LF
1000
2.853
0.33
3
Miniature Low Profile, Shielded
Surface Mount Inductors
Model HM66 Series
Make Possible
Specifications@25°C(Continued)
Packaging
OrderingInformation
Standard:
Embossed Tape and Reel
Reel:
Diameter:
Case size 10, 15
=
7” (177.8mm)
All other case sizes
=
13” (330.2mm)
Capacity:
Case size 20, 62
=
3,000 Units
Case size 30, 40, 50
=
2,000 Units
Case size 60
=
1,500 Units
Case size 10, 15, 70
=
1,000 Units
Case size 80
=
800 Units
HM66 - 80 100 LF TR13
Model Series
Case Size:
10 (Figure 1) 50 (Figure 2)
15 (Figure 2) 60 (Figure 2)
20 (Figure 2) 62 (Figure 4)
30 (Figure 2) 70 (Figure 2)
40 (Figure 2) 80 (Figure 3)
Tape & Reel Packing
7 - 7” reel
13 - 13” reel
Lead-Free
Inductance Code:
First 2 digits are significant. Last digit
denotes the number of trailing zeros.
For values below 10μH, “R“ denotes the
decimal point.10μH, “R” denotes the decimal point.
Rev. 01
GeneralNote
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsmagnetics.com


Similar Part No. - HM66-70820LF

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM66-70820LF BITECH-HM66-70820LF Datasheet
943Kb / 3P
   Miniature Low Profile, Shielded
More results

Similar Description - HM66-70820LF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM66 ETC-HM66 Datasheet
81Kb / 8P
   Miniature Low Profile, Shielded Surface Mount Inductors
logo
TT Electronics.
HA66 TTELEC-HA66 Datasheet
373Kb / 3P
   Miniature Low Profile, Shielded Surface Mount Inductors
HM66 TTELEC-HM66 Datasheet
720Kb / 3P
   Miniature Low Profile, Shielded Surface Mount Inductors
HM73 TTELEC-HM73 Datasheet
330Kb / 3P
   Shielded Low Profile Surface Mount Inductors
logo
Bi technologies
HM73 BITECH-HM73_15 Datasheet
306Kb / 3P
   Shielded Low Profile Surface Mount Inductors
logo
List of Unclassifed Man...
HM73 ETC1-HM73 Datasheet
370Kb / 3P
   Shielded Low Profile Surface Mount Inductors
logo
Bi technologies
HM73 BITECH-HM73 Datasheet
853Kb / 3P
   Shielded Low Profile Surface Mount Inductors
HM70 BITECH-HM70 Datasheet
721Kb / 3P
   High Power Shielded Low Profile Surface Mount Inductors
logo
TT Electronics.
HM70 TTELEC-HM70 Datasheet
698Kb / 3P
   High Power Shielded Low Profile Surface Mount Inductors
logo
Advanced Crystal Techno...
ACT9300 ACT-ACT9300 Datasheet
140Kb / 2P
   miniature low profile Surface Mount
29/07/2006
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com