Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54394RSAT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54394RSAT
Description  3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54394RSAT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS54394RSAT Datasheet HTML 5Page - Texas Instruments TPS54394RSAT Datasheet HTML 6Page - Texas Instruments TPS54394RSAT Datasheet HTML 7Page - Texas Instruments TPS54394RSAT Datasheet HTML 8Page - Texas Instruments TPS54394RSAT Datasheet HTML 9Page - Texas Instruments TPS54394RSAT Datasheet HTML 10Page - Texas Instruments TPS54394RSAT Datasheet HTML 11Page - Texas Instruments TPS54394RSAT Datasheet HTML 12Page - Texas Instruments TPS54394RSAT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
0
2
4
6
8
10
12
14
16
18
20
V - Input Voltage - V
I
3.2
3.22
3.24
3.26
3.28
3.3
3.32
3.34
3.36
3.38
3.4
I
= 10 mA
O
I
= 1 A
O
V
= 18 V
IN
0
0.5
1
1.5
2
2.5
3
I - Output Current - A
O
1.45
1.46
1.47
1.48
1.49
1.5
1.51
1.52
1.53
1.54
1.55
V
= 12 V
IN
V
= 5 V
IN
0
0.5
1
1.5
2
2.5
3
I - Output Current - A
O
3.2
3.22
3.24
3.26
3.28
3.3
3.32
3.34
3.36
3.38
3.4
V
= 6 V
IN
V
= 12 V
IN
V
= 18 V
IN
0
10
20
30
40
50
60
0
5
10
15
20
EN Input Voltage - V
EN1
EN2
-50
0
50
100
150
T - Junction Temperature - °C
J
0
200
400
600
800
1000
1200
1400
1600
1800
2000
VIN1 = VIN2 = 12 V,
EN1 = EN2 = ON
IIN
-50
0
50
100
150
T - Junction Temperature - °C
J
0
2
4
6
8
10
12
14
16
18
20
IVINSDN
TPS54394
www.ti.com
SLVSBE6B – JUNE 2012 – REVISED AUGUST 2013
TYPICAL CHARACTERISTICS
One output is enabled unless otherwise noted. VI = VIN1 or VIN2. VIN = 12 V, TA = 25°C (unless otherwise noted).
Figure 1. Input Current vs Junction Temperature
Figure 2. Input Shutdown Current vs Junction Temperature
Figure 3. EN Current vs EN Voltage (VEN=12V)
Figure 4. VO1=3.3V Output Voltage vs Output Current
Figure 5. VO2=1.5V Output Voltage vs Output Current
Figure 6. VO1=3.3V Output Voltage vs Input Voltage
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links :TPS54394


Similar Part No. - TPS54394RSAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54394 TI1-TPS54394 Datasheet
1Mb / 23P
[Old version datasheet]   3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54394PWP TI1-TPS54394PWP Datasheet
1Mb / 23P
[Old version datasheet]   3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54394PWPR TI1-TPS54394PWPR Datasheet
1Mb / 23P
[Old version datasheet]   3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54394 TI-TPS54394_15 Datasheet
1Mb / 30P
[Old version datasheet]   3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
More results

Similar Description - TPS54394RSAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54394 TI1-TPS54394 Datasheet
1Mb / 23P
[Old version datasheet]   3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54394 TI-TPS54394_15 Datasheet
1Mb / 30P
[Old version datasheet]   3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54395 TI1-TPS54395_16 Datasheet
1Mb / 28P
[Old version datasheet]   3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54395 TI-TPS54395_15 Datasheet
1Mb / 30P
[Old version datasheet]   3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS54395 TI1-TPS54395 Datasheet
1,014Kb / 23P
[Old version datasheet]   3A Dual Channel Synchronous Step-Down Switcher with Integrated FET ( SWIFT??
TPS542941 TI1-TPS542941_16 Datasheet
1Mb / 29P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542951 TI1-TPS542951_16 Datasheet
1Mb / 29P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542951 TI-TPS542951_15 Datasheet
1Mb / 29P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542951 TI1-TPS542951 Datasheet
900Kb / 23P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
TPS542941 TI1-TPS542941 Datasheet
898Kb / 23P
[Old version datasheet]   2A/3A Dual Channel Synchronous Step-Down Switcher with Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com