Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1744-70IND Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS1744-70IND
Description  Y2K-Compliant, Nonvolatile Timekeeping RAMs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1744-70IND Datasheet(HTML) 6 Page - Dallas Semiconductor

Back Button DS1744-70IND Datasheet HTML 2Page - Dallas Semiconductor DS1744-70IND Datasheet HTML 3Page - Dallas Semiconductor DS1744-70IND Datasheet HTML 4Page - Dallas Semiconductor DS1744-70IND Datasheet HTML 5Page - Dallas Semiconductor DS1744-70IND Datasheet HTML 6Page - Dallas Semiconductor DS1744-70IND Datasheet HTML 7Page - Dallas Semiconductor DS1744-70IND Datasheet HTML 8Page - Dallas Semiconductor DS1744-70IND Datasheet HTML 9Page - Dallas Semiconductor DS1744-70IND Datasheet HTML 10Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
DS1744/DS1744P Y2K-Compliant, Nonvolatile Timekeeping RAMs
6 of 18
DATA-RETENTION MODE
The 5V device is fully accessible and data can be written or read only when VCC is greater than VPF.
However, when VCC is below the power-fail point, VPF (point at which write protection occurs), the
internal clock registers and SRAM are blocked from any access. At this time the power-fail reset-output
signal ( RST ) is driven active and remains active until VCC returns to nominal levels. When VCC falls
below the battery switch point VSO (battery supply level), device power is switched from the VCC pin to the
backup battery. RTC operation and SRAM data are maintained from the battery until VCC is returned to
nominal levels. The 3.3V device is fully accessible, and data can be written or read only when VCC is
greater than VPF. When VCC falls below VPF access to the device is inhibited. At this time the power-fail
reset-output signal ( RST ) is driven active and remains active until VCC returns to nominal levels. If VPF is
less than VSO, the device power is switched from VCC to the backup supply (VBAT) when VCC drops below
VPF. If VPF is greater than VSO, the device power is switched from VCC to the backup supply (VBAT) when
VCC drops below VSO. RTC operation and SRAM data are maintained from the battery until VCC is
returned to nominal levels. The RST signal is an open-drain output and requires a pullup. Except for the
RST , all control, data, and address signals must be powered down when VCC is powered down.
BATTERY LONGEVITY
The DS1744 has a lithium power source that is designed to provide energy for clock activity and clock and
RAM data retention when the VCC supply is not present. The capability of this internal power supply is
sufficient to power the DS1744 continuously for the life of the equipment in which it is installed. For
specification purposes, the life expectancy is 10 years at +25
°C with the internal clock oscillator running
in the absence of VCC power. Each DS1744 is shipped from Dallas Semiconductor with its lithium energy
source disconnected, guaranteeing full energy capacity. When VCC is first applied at a level greater than
VPF, the lithium energy source is enabled for battery-backup operation. Actual life expectancy of the
DS1744 is much longer than 10 years since no lithium battery energy is consumed when VCC is present.
BATTERY MONITOR
The DS1744 constantly monitors the battery voltage of the internal battery. The battery flag bit (bit 7) of
the day register is used to indicate the voltage-level range of the battery. This bit is not writable and should
always be a 1 when read. If a 0 is ever present, an exhausted lithium energy source is indicated, and both
the contents of the RTC and RAM are questionable.


Similar Part No. - DS1744-70IND

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1744-70IND MAXIM-DS1744-70IND Datasheet
583Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
Rev 3/12
logo
ARTSCHIP ELECTRONICS CO...
DS1744-70IND ARTSCHIP-DS1744-70IND Datasheet
413Kb / 19P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
logo
Maxim Integrated Produc...
DS1744-70IND++ MAXIM-DS1744-70IND+ Datasheet
190Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
19-5502; Rev 9/10
More results

Similar Description - DS1744-70IND

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1744_1203 MAXIM-DS1744_1203 Datasheet
583Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
Rev 3/12
logo
Dallas Semiconductor
DS1747 DALLAS-DS1747 Datasheet
340Kb / 18P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
logo
ARTSCHIP ELECTRONICS CO...
DS1744 ARTSCHIP-DS1744 Datasheet
413Kb / 19P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
logo
Maxim Integrated Produc...
DS1747 MAXIM-DS1747_12 Datasheet
606Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
Rev 3/12
DS1743 MAXIM-DS1743_V01 Datasheet
441Kb / 17P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
196719 ; Rev 9 / 13
logo
Dallas Semiconductor
DS1746 DALLAS-DS1746 Datasheet
453Kb / 18P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
logo
Maxim Integrated Produc...
DS1746 MAXIM-DS1746_12 Datasheet
529Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
Rev 3/12
DS1747 MAXIM-DS1747_10 Datasheet
213Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
19-5504; Rev 9/10
DS1744 MAXIM-DS1744_10 Datasheet
190Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
19-5502; Rev 9/10
DS1746 MAXIM-DS1746_10 Datasheet
146Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
Rev 9/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com