Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS55340-EP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS55340-EP
Description  Integrated 5-A, Wide Input Range Boost, SEPIC, or Flyback DC-DC Converter
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS55340-EP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS55340-EP Datasheet HTML 2Page - Texas Instruments TPS55340-EP Datasheet HTML 3Page - Texas Instruments TPS55340-EP Datasheet HTML 4Page - Texas Instruments TPS55340-EP Datasheet HTML 5Page - Texas Instruments TPS55340-EP Datasheet HTML 6Page - Texas Instruments TPS55340-EP Datasheet HTML 7Page - Texas Instruments TPS55340-EP Datasheet HTML 8Page - Texas Instruments TPS55340-EP Datasheet HTML 9Page - Texas Instruments TPS55340-EP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
FREQ Resistance (k:)
100
150
200
250
300
350
400
450
500
100
150
200
250
300
350
400
450
500
D003
FREQ Resistance (k:)
0
20
40
60
80
100
500
700
900
1100
1300
1500
1700
1900
2100
2300
2500
D005
0
20
40
60
80
100
120
±50
±25
0
25
50
75
100
125
150
Temperature (°C)
VI = 3 V
VI = 5 V
VI = 12 V
C004
VI = 3 V
VI = 5 V
VI = 12 V
1.220
1.222
1.224
1.226
1.228
1.230
±50
±25
0
25
50
75
100
125
150
Temperature (
)
°C
C003
300
320
340
360
380
400
±50
±25
0
25
50
75
100
125
150
Temperature (°C )
C001
1
2
3
4
5
6
7
8
±50
±25
0
25
50
75
100
125
150
Temperature (°C)
C002
6
TPS55340-Q1
SLVSBV5A – JUNE 2014 – REVISED JULY 2016
www.ti.com
Product Folder Links: TPS55340-Q1
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
6.6 Typical Characteristics
VI = 5 V, TA = 25°C (unless otherwise noted)
Figure 1. Error Amplifier Transconductance vs Temperature
Figure 2. Switch Current-Limit vs Temperature
Figure 3. Feedback Voltage Reference vs Temperature
Figure 4. Static Drain-Source On-State Resistance (rDS(on))
vs Temperature
Figure 5. Frequency vs FREQ Resistance
Low Frequency Range
Figure 6. Frequency vs FREQ Resistance
High Frequency Range


Similar Part No. - TPS55340-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS55340-EP TI-TPS55340-EP Datasheet
1Mb / 38P
[Old version datasheet]   TPS55340-EP Integrated 5-A, 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
TPS55340-EP TI-TPS55340-EP_15 Datasheet
1Mb / 38P
[Old version datasheet]   TPS55340-EP Integrated 5-A, 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
More results

Similar Description - TPS55340-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS55340-Q1 TI-TPS55340-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPS55340-Q1 Integrated 5-A, Wide Input Range Boost, SEPIC, or Flyback DC-DC Regulator
TPS55340 TI-TPS55340_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS55340 Integrated 5-A Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
TPS55340 TI1-TPS55340 Datasheet
1Mb / 31P
[Old version datasheet]   Integrated 5-A 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
TPS55340PWPR TI-TPS55340PWPR Datasheet
1Mb / 38P
[Old version datasheet]   Integrated 5-A 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
TPS55340 TI1-TPS55340_14 Datasheet
1Mb / 39P
[Old version datasheet]   Integrated 5-A 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
TPS55340-EP TI-TPS55340-EP_15 Datasheet
1Mb / 38P
[Old version datasheet]   TPS55340-EP Integrated 5-A, 40-V Wide Input Range Boost/SEPIC/Flyback DC-DC Regulator
TPS55330 TI-TPS55330 Datasheet
1Mb / 27P
[Old version datasheet]   Integrated 5-A 24-V Boost/SEPIC/Flyback DC-DC Regulator
TPS55330 TI-TPS55330_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS55330 Integrated 5-A, 24-V Boost/SEPIC/Flyback DC-DC Regulator
logo
Monolithic Power System...
MP6003 MPS-MP6003 Datasheet
820Kb / 15P
   Monolithic Flyback/SEPIC DC-DC Converter
logo
Power Systems GmbH+Co.K...
LWS-0505E POWER-SYSTEMS-LWS-0505E Datasheet
222Kb / 6P
   DC-DC Converter UNIT 5 W WIDE INPUT RANGE DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com