Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS56300PWP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS56300PWP
Description  DUAL-OUTPUT LOW-INPUT-VOLTAGE DSP POWER SUPPLY CONTROLLER WITH SEQUENCING
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS56300PWP Datasheet(HTML) 2 Page - Texas Instruments

  TPS56300PWP Datasheet HTML 1Page - Texas Instruments TPS56300PWP Datasheet HTML 2Page - Texas Instruments TPS56300PWP Datasheet HTML 3Page - Texas Instruments TPS56300PWP Datasheet HTML 4Page - Texas Instruments TPS56300PWP Datasheet HTML 5Page - Texas Instruments TPS56300PWP Datasheet HTML 6Page - Texas Instruments TPS56300PWP Datasheet HTML 7Page - Texas Instruments TPS56300PWP Datasheet HTML 8Page - Texas Instruments TPS56300PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
TPS56300
DUALOUTPUT LOW INPUT VOLTAGE
DSP POWER SUPPLY CONTROLLER WITH SEQUENCING
SLVS261B − DECEMBER 1999 − SEPTEMBER 2000
2
www.ti.com
description (continued)
The LDO controller drives an external N-channel power MOSFET and functions as an LDO regulator, suitable for
powering the I/O or as a power distribution switch. To promote better system reliability during power up, voltage
sequencing and protection are controlled such that the core and I/O power up together with the same slow-start
voltage. At power down, the LDO and ripple regulator are discharged towards ground for added protection. The
TPS56300 also includes inhibit, slowstart, and under-voltage lockout features to aide in controlling power
sequencing. A tri-level voltage identification network (VID) sets both regulated voltages to any of 9 preset voltage
pairs from 1.3 V to 3.3 V. Other voltages are possible by implementing an external voltage divider. Strong MOSFET
drivers, with a typical peak current rating of 2-A sink and source are included on chip, enabling high system currents
beyond 30 A. The high-side driver features a floating bootstrap driver with the internal bootstrap synchronous rectifier.
Many protection features are incorporated within the device to ensure better system integrity. An open-drain output
POWER GOOD status circuit monitors both output voltages, and is pulled low if either output fall below the threshold.
An over current shutdown circuit protects the high-side power MOSFET against short-to-ground faults at load or the
phase node, while over voltage protection turns off the output drivers and LDO controller if either output exceeds its
threshold. Under voltage protection turns off the high-side and low-side MOSFET drivers and the LDO controller if
either output is 25% below VREF. Lossless current-sensing is done by detecting the drain-source voltage drop across
the high-side power MOSFET while it is conducting. The TPS56300 is fully compliant with TI DSP power requirements
such as the ‘C6000 family.
AVAILABLE OPTIONS
PACKAGES
TJ
TSSOP†
(PWP)
EVALUATION MODULE
−40
°C to 125°C
TPS56300PWP
TPS56300EVM−139 (SLVP139)
† The PWP package is also available taped and reel. To order, add an R to the end of
the part number (e.g., TPS56300PWPR).


Similar Part No. - TPS56300PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS56300PWP TI-TPS56300PWP Datasheet
700Kb / 34P
[Old version datasheet]   DUAL-OUTPUT LOW-INPUT-VOLTAGE DSP POWER SUPPLY CONTROLLER WITH SEQUENCING
More results

Similar Description - TPS56300PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS56302 TI-TPS56302 Datasheet
790Kb / 34P
[Old version datasheet]   DUAL-OUTPUT LOW-INPUT-VOLTAGE DSP POWER SUPPLY CONTROLLER WITH SEQUENCING
TPS56300 TI-TPS56300 Datasheet
700Kb / 34P
[Old version datasheet]   DUAL-OUTPUT LOW-INPUT-VOLTAGE DSP POWER SUPPLY CONTROLLER WITH SEQUENCING
TPS70745 TI1-TPS70745_16 Datasheet
892Kb / 40P
[Old version datasheet]   Dual-Output, Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70751 TI-TPS70751_15 Datasheet
831Kb / 40P
[Old version datasheet]   Dual-Output, Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70145 TI1-TPS70145_16 Datasheet
1Mb / 42P
[Old version datasheet]   Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70745 TI-TPS70745 Datasheet
505Kb / 34P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70145 TI-TPS70145_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
REVISED AUGUST 2010
TPS70345-EP TI1-TPS70345-EP_16 Datasheet
976Kb / 33P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70145 TI-TPS70145 Datasheet
523Kb / 34P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70345 TI-TPS70345 Datasheet
575Kb / 35P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com